Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4481 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A4481
Description  Foldback short-circuit protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4481 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A4481 Datasheet HTML 1Page - Allegro MicroSystems A4481 Datasheet HTML 2Page - Allegro MicroSystems A4481 Datasheet HTML 3Page - Allegro MicroSystems A4481 Datasheet HTML 4Page - Allegro MicroSystems A4481 Datasheet HTML 5Page - Allegro MicroSystems A4481 Datasheet HTML 6Page - Allegro MicroSystems A4481 Datasheet HTML 7Page - Allegro MicroSystems A4481 Datasheet HTML 8Page - Allegro MicroSystems A4481 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 VOUT, 50 mAAutomotive Linear Regulator
with 50 V Load Dump and Short-to-Battery Protection
A4481
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
TYPICAL PERFORMANCE CHARACTERISTICS
4.95
4.96
4.97
4.98
4.99
5
5.01
5.02
5.03
5.04
5.05
-50
-25
0
25
50
75
100 125 150
Temperature (°C)
Output Voltage vs. Temperature
0
20
40
60
80
100
120
140
160
0
10
20
30
40
50
Output Current (mA)
Dropout Voltage vs. Output Current
0
10
20
30
40
50
60
70
80
102
103
104
105
106
107
Frequency (Hz)
Ripple Rejection
Load Transient Response
(VIN = 12 V, IOUT = 5 mA to 50 mA, COUT = 4.7 µF)
Load Dump Characteristics
(VIN = 12 to 50 V, IOUT = 50 mA, COUT = 4.7 µF)
Foldback Current Limit
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
6.00
5.00
4.00
3.00
2.00
1.00
0.00
Time (µs)
0
100
200
300
400
500
600
700
800
900 1000
0 A
5 V
Time (ms)
0
100 200 300 400 500 600 700 800 900 1000
0 V
5 V


Similar Part No. - A4481

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4480 ALLEGRO-A4480 Datasheet
706Kb / 11P
   Wide Input 5 V, 50 mA, Automotive Regulator with Output Short-to-Battery Protection and Power OK
A4480KLJTR-T ALLEGRO-A4480KLJTR-T Datasheet
706Kb / 11P
   Wide Input 5 V, 50 mA, Automotive Regulator with Output Short-to-Battery Protection and Power OK
logo
Tyco Electronics
A44820-000 MACOM-A44820-000 Datasheet
120Kb / 2P
   RAYCHEM Tubing Products
More results

Similar Description - A4481

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
   Short-circuit protection
December 2014 Rev 2
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
   Short circuit protection
logo
STMicroelectronics
STEVAL-ILL074V2 STMICROELECTRONICS-STEVAL-ILL074V2 Datasheet
310Kb / 5P
   Short circuit protection
February 2017 Rev 5
logo
Inchange Semiconductor ...
LM7824 ISC-LM7824 Datasheet
236Kb / 2P
   Short circuit protection
logo
STMicroelectronics
L78S STMICROELECTRONICS-L78S Datasheet
983Kb / 35P
   Short circuit protection
March 2014 Rev 8
logo
Astec America, Inc
ASA ASTEC-ASA Datasheet
115Kb / 2P
   Short circuit protection
logo
STMicroelectronics
STEVAL-ISA089V1 STMICROELECTRONICS-STEVAL-ISA089V1 Datasheet
78Kb / 4P
   Short-circuit protection
April 2011 Rev 1
STEVAL-ILL074V1 STMICROELECTRONICS-STEVAL-ILL074V1 Datasheet
291Kb / 5P
   Short circuit protection
March 2016 Rev 3
L149H STMICROELECTRONICS-L149H Datasheet
119Kb / 6P
   SHORT CIRCUIT PROTECTION
logo
PEAK electronics GmbH
P6LG-053R3EK PEAK-P6LG-053R3EK Datasheet
149Kb / 3P
   Short Circuit Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com