Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4481KLJTR-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A4481KLJTR-T
Description  Foldback short-circuit protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4481KLJTR-T Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A4481KLJTR-T Datasheet HTML 2Page - Allegro MicroSystems A4481KLJTR-T Datasheet HTML 3Page - Allegro MicroSystems A4481KLJTR-T Datasheet HTML 4Page - Allegro MicroSystems A4481KLJTR-T Datasheet HTML 5Page - Allegro MicroSystems A4481KLJTR-T Datasheet HTML 6Page - Allegro MicroSystems A4481KLJTR-T Datasheet HTML 7Page - Allegro MicroSystems A4481KLJTR-T Datasheet HTML 8Page - Allegro MicroSystems A4481KLJTR-T Datasheet HTML 9Page - Allegro MicroSystems A4481KLJTR-T Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
5 VOUT, 50 mAAutomotive Linear Regulator
with 50 V Load Dump and Short-to-Battery Protection
A4481
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Place the input and output capacitors as close as possible and on
the same side of the PCB and IC.
Place thermal vias directly under the device in a tight pattern, as
shown in Figure 4, to improve dissipation.
PCB LAYOUT GUIDELINES
Figure 3: A4481 Layout Example
Figure 4: Suggested PCB layout for thermal optimization
(maximum available bottom-layer copper recommended)
Ø0.3 mm via
Top-layer
exposed copper
Signal traces
LJ package
exposed
thermal pad
LJ package
footprint
0.7 mm
0.7 mm
VIN
VIN
NC
ENB
VOUT
GND
GND
POK
1
2
3
4
8
7
6
5
PAD
Ground
Input
Capacitor
Output
Capacitor
PowerOK
Output
µP Enable
V
IN
V
OUT
Tie directly to VIN to
automatically enable
the A4481


Similar Part No. - A4481KLJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4480 ALLEGRO-A4480 Datasheet
706Kb / 11P
   Wide Input 5 V, 50 mA, Automotive Regulator with Output Short-to-Battery Protection and Power OK
A4480KLJTR-T ALLEGRO-A4480KLJTR-T Datasheet
706Kb / 11P
   Wide Input 5 V, 50 mA, Automotive Regulator with Output Short-to-Battery Protection and Power OK
logo
Tyco Electronics
A44820-000 MACOM-A44820-000 Datasheet
120Kb / 2P
   RAYCHEM Tubing Products
More results

Similar Description - A4481KLJTR-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
   Short-circuit protection
December 2014 Rev 2
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
   Short circuit protection
logo
STMicroelectronics
STEVAL-ILL074V2 STMICROELECTRONICS-STEVAL-ILL074V2 Datasheet
310Kb / 5P
   Short circuit protection
February 2017 Rev 5
logo
Inchange Semiconductor ...
LM7824 ISC-LM7824 Datasheet
236Kb / 2P
   Short circuit protection
logo
STMicroelectronics
L78S STMICROELECTRONICS-L78S Datasheet
983Kb / 35P
   Short circuit protection
March 2014 Rev 8
logo
Astec America, Inc
ASA ASTEC-ASA Datasheet
115Kb / 2P
   Short circuit protection
logo
STMicroelectronics
STEVAL-ISA089V1 STMICROELECTRONICS-STEVAL-ISA089V1 Datasheet
78Kb / 4P
   Short-circuit protection
April 2011 Rev 1
STEVAL-ILL074V1 STMICROELECTRONICS-STEVAL-ILL074V1 Datasheet
291Kb / 5P
   Short circuit protection
March 2016 Rev 3
L149H STMICROELECTRONICS-L149H Datasheet
119Kb / 6P
   SHORT CIRCUIT PROTECTION
logo
PEAK electronics GmbH
P6LG-053R3EK PEAK-P6LG-053R3EK Datasheet
149Kb / 3P
   Short Circuit Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com