Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4923 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A4923
Description  3-Phase Sinusoidal Motor Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4923 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A4923 Datasheet HTML 3Page - Allegro MicroSystems A4923 Datasheet HTML 4Page - Allegro MicroSystems A4923 Datasheet HTML 5Page - Allegro MicroSystems A4923 Datasheet HTML 6Page - Allegro MicroSystems A4923 Datasheet HTML 7Page - Allegro MicroSystems A4923 Datasheet HTML 8Page - Allegro MicroSystems A4923 Datasheet HTML 9Page - Allegro MicroSystems A4923 Datasheet HTML 10Page - Allegro MicroSystems A4923 Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
3-Phase Sinusoidal Motor Controller
A4923
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
The internal sine modulation signal is converted to a PWM signal
to drive the motor terminals. A 20 kHz carrier is modulated with
the current sine profile value and used to generate the gate drive
signals. Thus, the motor terminal voltage is a 20 kHz PWM sig-
nal with a duty cycle dependent upon the sine modulation signal.
The high- and low-side gate drivers on a given motor terminal are
enabled inverted of the other, with a dead-time added to ensure
both drivers will never be enabled at the same time. For increased
efficiency, torque ripple, and audible noise, the sine profile is
advanced 7.5º of one electrical revolution, relative to the hall
transitions.
64 Steps
64 Steps
64 Steps
6 Bits of
Resolution
One Electrical Revolution
Sx + VCP
Sx
VREG7.2
0
VBB
0
Sine Drive Modulation Signal
High-side Gate Drive
Low-side Gate Drive
Motor Terminal Voltage
Figure 2: Sine Modulation Signal


Similar Part No. - A4923

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
A492 TOSHIBA-A492 Datasheet
136Kb / 2P
   20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
logo
Allegro MicroSystems
A4926 ALLEGRO-A4926 Datasheet
785Kb / 36P
   Automotive Half-Bridge MOSFET Driver
A4926KLPTR-T ALLEGRO-A4926KLPTR-T Datasheet
785Kb / 36P
   Automotive Half-Bridge MOSFET Driver
A4927 ALLEGRO-A4927 Datasheet
857Kb / 40P
   Automotive Half-Bridge MOSFET Driver
A4927KLPTR-T ALLEGRO-A4927KLPTR-T Datasheet
857Kb / 40P
   Automotive Half-Bridge MOSFET Driver
More results

Similar Description - A4923

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2501 PTC-PT2501 Datasheet
247Kb / 4P
   3-Phase Sinusoidal BLDC Motor Controller
PT2505 PTC-PT2505 Datasheet
243Kb / 5P
   3-Phase Sinusoidal BLDC Motor Controller
logo
Fairchild Semiconductor
FCM8201 FAIRCHILD-FCM8201 Datasheet
689Kb / 21P
   3-Phase Sinusoidal Brushless DC Motor Controller
FCM8202 FAIRCHILD-FCM8202 Datasheet
639Kb / 13P
   3-Phase Sinusoidal Brushless DC Motor Controller
logo
Microchip Technology
MCP8063 MICROCHIP-MCP8063 Datasheet
392Kb / 20P
   3-Phase Brushless Sinusoidal Sensorless Motor Driver
03/25/14
MTD6505 MICROCHIP-MTD6505_14 Datasheet
1Mb / 22P
   3-Phase Sinusoidal Sensorless Brushless Motor Driver
03/25/14
MTD6508 MICROCHIP-MTD6508 Datasheet
1Mb / 26P
   3-Phase Sinusoidal Sensorless Brushless DC Fan Motor Driver
01/27/15
MTD6501C MICROCHIP-MTD6501C_12 Datasheet
920Kb / 24P
   3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
2010-2012 11/29/11
MTD6505 MICROCHIP-MTD6505 Datasheet
1Mb / 20P
   Sinusoidal Sensorless 3-Phase Brushless DC Fan Motor Driver
2011
MTD6502B MICROCHIP-MTD6502B Datasheet
313Kb / 20P
   5V 3-Phase BLDC Sinusoidal Sensorless Fan Motor Driver
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com