Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4992KLPTR-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A4992KLPTR-T
Description  Automotive Stepper Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4992KLPTR-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  A4992KLPTR-T Datasheet HTML 1Page - Allegro MicroSystems A4992KLPTR-T Datasheet HTML 2Page - Allegro MicroSystems A4992KLPTR-T Datasheet HTML 3Page - Allegro MicroSystems A4992KLPTR-T Datasheet HTML 4Page - Allegro MicroSystems A4992KLPTR-T Datasheet HTML 5Page - Allegro MicroSystems A4992KLPTR-T Datasheet HTML 6Page - Allegro MicroSystems A4992KLPTR-T Datasheet HTML 7Page - Allegro MicroSystems A4992KLPTR-T Datasheet HTML 8Page - Allegro MicroSystems A4992KLPTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Description
The A4992 is a flexible microstepping motor driver with
integrated phase current control and a built-in translator for
easy operation. It is a single chip solution designed to operate
bipolar stepper motors in full, half, quarter, eighth, and
sixteenth step modes, at up to 28 V. At power-on the A4992
is configured to drive most small stepper motors with simple
step and direction inputs.
The current regulator operates with fixed frequency PWM. It
uses adaptive mixed current decay to reduce audible motor
noise and increase step accuracy.
The current in each phase of the motor is controlled through a
DMOS full bridge using synchronous rectification to improve
power dissipation. Internal circuits and timers prevent cross-
conduction and shoot-through when switching between
high-side and low-side drives.
The outputs are protected from short circuits. Features
for low load current and stalled rotor detection are
included. Chip level protection includes hot thermal
warning, overtemperature shutdown, and overvoltage and
undervoltage lockout.
An optional serial interface mode, using the STEP, DIR, and
MS inputs, can be used to configure several motor control
parameters and diagnostics.
TheA4992 is supplied in a 20-pin TSSOP power package with
an exposed thermal pad (package type LP). This package is
lead (Pb) free with 100% matte-tin lead frame plating.
A4992-DS, Rev. 1
Features and Benefits
• Low RDS(on) outputs, 0.5 Ω source and sink typical
• Continuous operation at high ambient temperature
• 3.5 to 50 V supply operation
• Adaptive mixed current decay
• Synchronous rectification for low power dissipation
• Internal overvoltage and undervoltage lockout
• Hot warning and overtemperature shutdown
• Crossover-current protection
• Short circuit and open load diagnostics
• Stall detect features
• Configurable through serial interface
Automotive Stepper Driver
Package: 20-pin TSSOP with exposed
thermal pad (suffix LP)
Typical Application Diagram
Not to scale
A4992
Automotive
12 V Power Net
Logic
Supply
Micro-
controller
or
ECU
OAP
PGND
OAM
OBP
OBM
Stepper
Motor
AGND
STEP
DIR
MS
RESETn
DIAG
SENSA
SENSB
REF
CP1 CP2
VCP VBB
VREG
A4992
Applications:
• Automotive stepper motors
• Engine management
• Headlamp positioning


Similar Part No. - A4992KLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4990 ALLEGRO-A4990 Datasheet
300Kb / 13P
   Automotive Dual Full Bridge Driver
A4990KLPTR-T ALLEGRO-A4990KLPTR-T Datasheet
300Kb / 13P
   Automotive Dual Full Bridge Driver
A4993 ALLEGRO-A4993 Datasheet
2Mb / 42P
   Automotive Stepper Driver
A4993KLPTR-T ALLEGRO-A4993KLPTR-T Datasheet
2Mb / 42P
   Automotive Stepper Driver
More results

Similar Description - A4992KLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
AMT49700 ALLEGRO-AMT49700 Datasheet
2Mb / 45P
   Automotive Stepper Driver
A4993 ALLEGRO-A4993 Datasheet
2Mb / 42P
   Automotive Stepper Driver
A3981 ALLEGRO-A3981 Datasheet
943Kb / 42P
   Automotive, Programmable Stepper Driver
A3981_V ALLEGRO-A3981_V Datasheet
947Kb / 43P
   Automotive, Programmable Stepper Driver
logo
STMicroelectronics
L6219DSA STMICROELECTRONICS-L6219DSA_08 Datasheet
188Kb / 15P
   Stepper motor driver for automotive range
L6219DSA STMICROELECTRONICS-L6219DSA Datasheet
65Kb / 8P
   STEPPER MOTOR DRIVER FOR AUTOMOTIVE RANGE
logo
Lin Eng. Inc.
R1025 LINENGINEERING-R1025 Datasheet
910Kb / 5P
   STEPPER DRIVER
R325P LINENGINEERING-R325P Datasheet
699Kb / 3P
   STEPPER DRIVER
R725 LINENGINEERING-R725 Datasheet
228Kb / 4P
   STEPPER DRIVER
R701 LINENGINEERING-R701 Datasheet
932Kb / 3P
   STEPPER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com