Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6216 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A6216
Description  2 A maximum output over operating temperature range
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6216 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A6216 Datasheet HTML 4Page - Allegro MicroSystems A6216 Datasheet HTML 5Page - Allegro MicroSystems A6216 Datasheet HTML 6Page - Allegro MicroSystems A6216 Datasheet HTML 7Page - Allegro MicroSystems A6216 Datasheet HTML 8Page - Allegro MicroSystems A6216 Datasheet HTML 9Page - Allegro MicroSystems A6216 Datasheet HTML 10Page - Allegro MicroSystems A6216 Datasheet HTML 11Page - Allegro MicroSystems A6216 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Automotive-Grade, Constant-Current 2 A
PWM Dimmable Buck Regulator LED Driver
A6214 and
A6216
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
ANALOG DIMMING INPUT
Input Voltage for 100% LED Current
VADIMH
VCSH – VCSL = VCSREG
2.1
V
Regulation Threshold at 50% Analog
Dimming
VCSREG50 VADIM = 1 V
100
mV
Regulaton Threshold at 20% Analog
Dimming
VCSREG20 VADIM = 0.4 V
38.4
40
41.4
mV
FAULT PIN (A6216 ONLY)
FAULT Pull-Down Voltage
VFAULT(PD) Fault condition asserted, pull-up current = 1 mA
0.4
V
FAULT Pin Leakage Current
VFAULT(LKG) Fault condition cleared, pull-up to 5 V
1
µA
TIMERS
Cool Down Timer for Fault Retry
tRETRY
1
ms
Delay Timer for Reporting LED Open
Fault
tOPEN
50
µs
THERMAL SHUTDOWN
Thermal Shutdown Threshold3
TSD
150
165
180
°C
Thermal Shutdown Hysteresis
TSDHYS
25
°C
1
In test mode, a ramp signal is applied across CSH and CSL pins to determine the CS regulation threshold voltage. In actual application, the average
CS voltage is regulated at VCSREG regardless of ripple voltage.
2
The internal linear regulator is capable of supplying up to 10 mA to external devices.
3
Determined by design and characterization. Not production tested.
ELECTRICAL CHARACTERISTICS (continued): Valid at VIN = 12 V, VOUT = 6 V, TA = –40°C to 125°C, typical values at
TA = 25°C, unless otherwise noted


Similar Part No. - A6216

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A621 ETC2-A621 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
A621 TEKTRONIX-A621 Datasheet
2Mb / 36P
   Mixed Domain Oscilloscopes
A621 TEKTRONIX-A621 Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
A621 TEKTRONIX-A621 Datasheet
215Kb / 4P
   Current Probes
logo
Allegro MicroSystems
A6210 ALLEGRO-A6210 Datasheet
448Kb / 11P
   3 A, 2 MHz Buck-Regulating LED Driver
More results

Similar Description - A6216

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
ET-LM317 ESTEK-ET-LM317 Datasheet
239Kb / 2P
   ABSOLUTE MAXIMUM RATINGS OVER OPERATING TEMPERATURE RANGE
logo
Murata Manufacturing Co...
CSALS16M9X55-A0 MURATA-CSALS16M9X55-A0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS24M5X53-B0 MURATA-CSALS24M5X53-B0 Datasheet
193Kb / 3P
   stable over a wide temperature range
CSALS33M8X51-B0 MURATA-CSALS33M8X51-B0 Datasheet
183Kb / 3P
   stable over a wide temperature range
CSALS20M0X53-A0 MURATA-CSALS20M0X53-A0 Datasheet
186Kb / 3P
   stable over a wide temperature range
CSALS24M0X53-A0 MURATA-CSALS24M0X53-A0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS16M0X55-A0 MURATA-CSALS16M0X55-A0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS25M0X53-B0 MURATA-CSALS25M0X53-B0 Datasheet
182Kb / 3P
   stable over a wide temperature range
CSALS16M0X55-B0 MURATA-CSALS16M0X55-B0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS16M0X55Z-B0 MURATA-CSALS16M0X55Z-B0 Datasheet
187Kb / 3P
   stable over a wide temperature range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com