Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8480EEJTR-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A8480EEJTR-T
Description  Boost Regulator for Display Bias or LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8480EEJTR-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A8480EEJTR-T Datasheet HTML 3Page - Allegro MicroSystems A8480EEJTR-T Datasheet HTML 4Page - Allegro MicroSystems A8480EEJTR-T Datasheet HTML 5Page - Allegro MicroSystems A8480EEJTR-T Datasheet HTML 6Page - Allegro MicroSystems A8480EEJTR-T Datasheet HTML 7Page - Allegro MicroSystems A8480EEJTR-T Datasheet HTML 8Page - Allegro MicroSystems A8480EEJTR-T Datasheet HTML 9Page - Allegro MicroSystems A8480EEJTR-T Datasheet HTML 10Page - Allegro MicroSystems A8480EEJTR-T Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Boost Regulator for Display Bias or LED Driver
A8480
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Symbol
Parameter Units/Division
C1
IL
500 mA
C2
VOUT1
10.0 V
C3
VSW
10.0 V
C4
VON1
2.00 V
t
time
1 ms
Conditions
Parameter
Value
VIN
3.3 V
VOUT
18 V
IOUT
80 mA
Startup
-3.00
-2.50
-2.00
-1.50
-1.00
-0.50
0
0.50
1.00
2.5
3.3
4.2
5
7
9
VIN (V)
Line Regulation
VOUT = 12 V
Dimming
Level
(mA)
0
20
40
60
80
-3.00
-2.50
-2.00
-1.50
-1.00
-0.50
0
0.50
1.00
2.5
3.3
4.2
5
7
9
VIN (V)
Line Regulation
VOUT = 15 V
Dimming
Level
(mA)
0
20
40
60
80
Line Regulation
VOUT = 18 V
-3.50
-3.00
-2.50
-2.00
-1.50
-1.00
-0.50
0
0.50
2.5
3.3
4.2
5
7
9
VIN (V)
Dimming
Level
(mA)
0
20
40
60
80
t
VOUT1
VON1
C3
C1
C2
IL
VSW
C4
Symbol
Parameter Units/Division
C1
IL
500 mA
C2
VOUT1
10.0 V
C3
VSW
10.0 V
C4
VON1
2.00 V
t
time
5 ms
Conditions
Parameter
Value
VIN
3.3 V
VOUT
18 V
IOUT
80 mA
Shutdown
t
VOUT1
VON1
C3
C1
C2
IL
VSW
C4
Performance Characteristics
Tests performed using application circuit shown in figure 5
L1 =4.7 μH, CIN= COUT=1 μF, TA=25°C (unless otherwise noted)


Similar Part No. - A8480EEJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8481 ALLEGRO-A8481 Datasheet
784Kb / 12P
   Dual Output Boost Regulator Using Single Inductor
A8481EEJTR-T ALLEGRO-A8481EEJTR-T Datasheet
784Kb / 12P
   Dual Output Boost Regulator Using Single Inductor
A8483 ALLEGRO-A8483 Datasheet
328Kb / 9P
   1.2 MHz Step-up Converter for Display Bias Supply
A8483 ALLEGRO-A8483 Datasheet
288Kb / 10P
   1.2 MHz Step-up Converter for Display Bias Supply
A8483EEKTR-T ALLEGRO-A8483EEKTR-T Datasheet
328Kb / 9P
   1.2 MHz Step-up Converter for Display Bias Supply
More results

Similar Description - A8480EEJTR-T

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
   Boost Regulator White LED Driver
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745_06 Datasheet
401Kb / 16P
   Triple Output Boost ??LED Driver / LCD Bias
LX1744 MICROSEMI-LX1744 Datasheet
571Kb / 16P
   Dual Output Boost - LED Driver / LCD Bias
LX1745 MICROSEMI-LX1745 Datasheet
439Kb / 16P
   Triple Output Boost - LED Driver / LCD Bias
logo
ETA SOLUTIONS CO. LIMIT...
ETA1617 ETA-ETA1617 Datasheet
160Kb / 1P
   40V Boost Converter for LED driver / TFT Bias / USB Power
logo
Shenzhen Huazhimei Semi...
HM5666B HMSEMI-HM5666B Datasheet
1Mb / 7P
   40V Boost Converter for LED driver / TFT Bias / USB Power
logo
Integrated Silicon Solu...
IS31LT3515 ISSI-IS31LT3515 Datasheet
181Kb / 2P
   High Voltage LED Lighting Driver for Buck, Boost or Buck-boost Topology
logo
Linear Technology
LT3487 LINER-LT3487_15 Datasheet
295Kb / 16P
   Boost and Inverting Switching Regulator for CCD Bias
LT3487 LINER-LT3487 Datasheet
289Kb / 16P
   Boost and Inverting Switching Regulator for CCD Bias
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
   40V PWM Boost Regulator White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com