Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1372 Datasheet(PDF) 7 Page - ams AG

Part # AS1372
Description  350mA Dual Rail Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1372 Datasheet(HTML) 7 Page - ams AG

Back Button AS1372 Datasheet HTML 3Page - ams AG AS1372 Datasheet HTML 4Page - ams AG AS1372 Datasheet HTML 5Page - ams AG AS1372 Datasheet HTML 6Page - ams AG AS1372 Datasheet HTML 7Page - ams AG AS1372 Datasheet HTML 8Page - ams AG AS1372 Datasheet HTML 9Page - ams AG AS1372 Datasheet HTML 10Page - ams AG AS1372 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.austriamicrosystems.com/LDOs/AS1372
Revision 1.01
7 - 14
AS1372
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. PSRR VIN; VIN = 3VDC + 250mVpk
Figure 10. PSRR VBIAS; VBIAS = 3.5VDC + 500mVpk
-100
-90
-80
-70
-60
-50
-40
100
1000
10000
100000
Frequency (Hz)
-100
-90
-80
-70
-60
-50
-40
100
1000
10000
100000
Frequency (Hz)
Figure 11. Line Regulation: VOUT vs. VIN; VBIAS = 5.5V
Figure 12. Line Regulation: VOUT vs. VBIAS
0.985
0.99
0.995
1
1.005
1.01
1.015
1.2 1.5 1.8 2.1 2.4 2.7 3
3.3 3.6 3.9 4.2 4.5
Input Voltage (V)
0.985
0.99
0.995
1
1.005
1.01
1.015
2.5 2.75
3
3.25 3.5 3.75
4
4.25 4.5
Bias Supply Voltage (V)
Figure 13. Load Regulation: VOUT vs. IOUT
Figure 14. Output Voltage vs. Temperature; IOUT = 1mA
0.985
0.99
0.995
1
1.005
1.01
1.015
0
50
100
150
200
250
300
350
Output Current (mA)
0.985
0.99
0.995
1
1.005
1.01
1.015
-45
-25
-5
15
35
55
75
Temperature (°C)


Similar Part No. - AS1372

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1370 AMSCO-AS1370 Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
AS1370-ATDT-27 AMSCO-AS1370-ATDT-27 Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
AS1370-ATDT-28 AMSCO-AS1370-ATDT-28 Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
AS1370-ATDT-33 AMSCO-AS1370-ATDT-33 Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
AS1370-ATDTSAMPLE AMSCO-AS1370-ATDTSAMPLE Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
More results

Similar Description - AS1372

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5952 TI-LP5952_15 Datasheet
1Mb / 22P
[Old version datasheet]   350mA Dual Rail Linear Regulator
LP5952 TI1-LP5952_14 Datasheet
1Mb / 27P
[Old version datasheet]   350mA Dual Rail Linear Regulator
logo
National Semiconductor ...
LP5952 NSC-LP5952_08 Datasheet
3Mb / 16P
   350mA Dual Rail Linear Regulator
logo
List of Unclassifed Man...
FS8854 ETC1-FS8854 Datasheet
597Kb / 13P
   350mA LDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE575U ACE-ACE575U Datasheet
556Kb / 10P
   350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
logo
Union Semiconductor, In...
UM1650 UNIONSEMI-UM1650 Datasheet
670Kb / 18P
   350mA, Micropower, Very Low Dropout Linear Regulator
logo
ON Semiconductor
NCV59748 ONSEMI-NCV59748_17 Datasheet
200Kb / 11P
   Dual-Rail Very Low?륞ropout Linear Regulator
February, 2017 ??Rev. 1
NCP59744 ONSEMI-NCP59744_17 Datasheet
226Kb / 12P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 2
NCV59749 ONSEMI-NCV59749 Datasheet
205Kb / 10P
   3.0 A, Dual-Rail Very Low?륞ropout Linear Regulator
February, 2017 ??Rev. 1
NCP4671DSN09T1G ONSEMI-NCP4671DSN09T1G Datasheet
1Mb / 23P
   400 mA, Dual Rail Ultra Low Dropout Linear Regulator
February, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com