Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKM150GAL12T4 Datasheet(PDF) 1 Page - Semikron International

Part # SKM150GAL12T4
Description  Fast IGBT4 Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKM150GAL12T4 Datasheet(HTML) 1 Page - Semikron International

  SKM150GAL12T4_13 Datasheet HTML 1Page - Semikron International SKM150GAL12T4_13 Datasheet HTML 2Page - Semikron International SKM150GAL12T4_13 Datasheet HTML 3Page - Semikron International SKM150GAL12T4_13 Datasheet HTML 4Page - Semikron International SKM150GAL12T4_13 Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SKM150GAL12T4
© by SEMIKRON
Rev. 2 – 03.09.2013
1
SEMITRANS® 2
GAL
Fast IGBT4 Modules
SKM150GAL12T4
Features
• IGBT4 = 4. generation fast trench IGBT
(Infineon)
• CAL4 = Soft switching 4. generation
CAL-diode
• Isolated copper baseplate using DBC
technology (Direct Bonded Copper)
• Increased power cycling capability
• With integrated gate resistor
• For higher switching frequenzies up to
20kHz
• UL recognized, file no. E63532
Typical Applications*
• Electronic welders at fsw up to 20 kHz
•DC/DC – converter
• Brake chopper
• Switched reluctance motor
Remarks
• Case temperature limited
to Tc = 125°C max.
• Recommended Top = -40 ... +150°C
• Product reliability results valid
for Tj = 150°C
Absolute Maximum Ratings
Symbol
Conditions
Values
Unit
IGBT
VCES
Tj =25°C
1200
V
IC
Tj = 175 °C
Tc =25 °C
232
A
Tc =80 °C
179
A
ICnom
150
A
ICRM
ICRM = 3xICnom
450
A
VGES
-20 ... 20
V
tpsc
VCC = 800 V
VGE
≤ 15 V
VCES
≤ 1200 V
Tj =150 °C
10
µs
Tj
-40 ... 175
°C
Inverse diode
IF
Tj = 175 °C
Tc =25 °C
189
A
Tc =80 °C
141
A
IFnom
150
A
IFRM
IFRM = 3xIFnom
450
A
IFSM
tp = 10 ms, sin 180°, Tj =25°C
900
A
Tj
-40 ... 175
°C
Freewheeling diode
IF
Tj = 175 °C
Tc =25 °C
189
A
Tc =80 °C
141
A
IFnom
150
A
IFRM
IFRM = 3xIFnom
450
A
IFSM
tp = 10 ms, sin 180°, Tj =25°C
900
A
Tj
-40 ... 175
°C
Module
It(RMS)
Tterminal =80 °C
200
A
Tstg
-40 ... 125
°C
Visol
AC sinus 50 Hz, t = 1 min
4000
V
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
IGBT
VCE(sat)
IC =150 A
VGE =15 V
chiplevel
Tj =25 °C
1.80
2.05
V
Tj =150 °C
2.20
2.40
V
VCE0
chiplevel
Tj =25 °C
0.8
0.9
V
Tj =150 °C
0.7
0.8
V
rCE
VGE =15 V
chiplevel
Tj =25 °C
6.67
7.67
m
Tj =150 °C
10.00
10.67
m
VGE(th)
VGE=VCE, IC =6 mA
5
5.8
6.5
V
ICES
VGE =0 V
VCE = 1200 V
Tj =25 °C
2.0
mA
Tj =150 °C
mA
Cies
VCE =25V
VGE =0 V
f=1MHz
9.3
nF
Coes
f=1MHz
0.58
nF
Cres
f=1MHz
0.51
nF
QG
VGE = - 8 V...+ 15 V
850
nC
RGint
Tj =25°C
5.0


Similar Part No. - SKM150GAL12T4_13

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM150GAL12T4 SEMIKRON-SKM150GAL12T4_10 Datasheet
432Kb / 5P
   Fast IGBT4 Modules
More results

Similar Description - SKM150GAL12T4_13

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM300GAL12T4 SEMIKRON-SKM300GAL12T4 Datasheet
442Kb / 5P
   Fast IGBT4 Modules
SKM600GA12T4 SEMIKRON-SKM600GA12T4_09 Datasheet
333Kb / 5P
   Fast IGBT4 Modules
SKM150GAL12T4 SEMIKRON-SKM150GAL12T4_10 Datasheet
432Kb / 5P
   Fast IGBT4 Modules
SKM150GM12T4G SEMIKRON-SKM150GM12T4G Datasheet
325Kb / 5P
   Fast IGBT4 Modules
SKM200GM12T4 SEMIKRON-SKM200GM12T4 Datasheet
327Kb / 5P
   Fast IGBT4 Modules
SKM400GA12T4 SEMIKRON-SKM400GA12T4_09 Datasheet
283Kb / 5P
   Fast IGBT4 Modules
SKM200GAL12T4 SEMIKRON-SKM200GAL12T4 Datasheet
444Kb / 5P
   Fast IGBT4 Modules
SKM50GB12T4 SEMIKRON-SKM50GB12T4_09 Datasheet
485Kb / 5P
   Fast IGBT4 Modules
SKM200GAL12T4 SEMIKRON-SKM200GAL12T4_13 Datasheet
394Kb / 5P
   Fast IGBT4 Modules
SKM200GB12T4 SEMIKRON-SKM200GB12T4_13 Datasheet
393Kb / 5P
   Fast IGBT4 Modules
SKM300GA12T4 SEMIKRON-SKM300GA12T4_13 Datasheet
391Kb / 5P
   Fast IGBT4 Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com