Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1800IS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1800IS8
Description  80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1800IS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1800IS8 Datasheet HTML 1Page - Linear Technology LT1800IS8 Datasheet HTML 2Page - Linear Technology LT1800IS8 Datasheet HTML 3Page - Linear Technology LT1800IS8 Datasheet HTML 4Page - Linear Technology LT1800IS8 Datasheet HTML 5Page - Linear Technology LT1800IS8 Datasheet HTML 6Page - Linear Technology LT1800IS8 Datasheet HTML 7Page - Linear Technology LT1800IS8 Datasheet HTML 8Page - Linear Technology LT1800IS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1800
1800f
TA = 25°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOL
Output Voltage Swing Low (Note 7)
No Load
12
50
mV
ISINK = 5mA
80
160
mV
ISINK = 20mA
225
450
mV
VOH
Output Voltage Swing High (Note 7)
No Load
16
60
mV
ISOURCE = 5mA
120
250
mV
ISOURCE = 20mA
450
750
mV
ISC
Short-Circuit Current
VS = 5V
20
45
mA
VS = 3V
20
40
mA
IS
Supply Current per Amplifier
1.6
2
mA
GBW
Gain Bandwidth Product
Frequency = 2MHz
40
80
MHz
SR
Slew Rate
VS = 5V, AV = – 1, RL = 1k, VO = 4V
13
25
V/
µs
FPBW
Full Power Bandwidth
VS = 5V, VOUT = 4VP-P
2
MHz
HD
Harmonic Distortion
VS = 5V, AV = 1, RL = 1k, VO = 2VP-P, fC = 500kHz
–75
dBc
tS
Settling Time
0.01%, VS = 5V, VSTEP = 2V, AV = 1, RL = 1k
250
ns
∆G
Differential Gain (NTSC)
VS = 5V, AV = + 2, RL = 150Ω
0.35
%
∆θ
Differential Phase (NTSC)
VS = 5V, AV = + 2, RL = 150Ω
0.4
Deg
The q denotes the specifications which apply over the temperature range of 0
°C ≤ TA ≤ 70°C. VS = 5V, 0V;
VS = 3V, 0V; VCM = VOUT = half supply, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = 0V
q
125
500
µV
VCM = 0V (SOT-23)
q
300
1250
µV
VCM = VS
q
0.6
3.5
mV
VCM = VS (SOT-23)
q
0.7
3.75
mV
∆VOS
Input Offset Shift
VCM = 0V to VS – 1.5V
q
30
275
µV
VOS TC
Input Offset Voltage Drift (Note 8)
q
1.5
5
µV/°C
IB
Input Bias Current
VCM = 1V
q
50
300
nA
VCM = VS – 0.2V
q
550
1750
nA
IOS
Input Offset Current
VCM = 1V
q
25
250
nA
VCM = VS – 0.2V
q
25
250
nA
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k at VS/2
q
30
75
V/mV
VS = 5V, VO = 1V to 4V, RL = 100Ω at VS/2
q
3
6
V/mV
VS = 3V, VO = 0.5V to 2.5V, RL = 1k at VS/2
q
25
75
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = 0V to 3.5V
q
82
101
dB
VS = 3V, VCM = 0V to 1.5V
q
74
93
dB
Input Common Mode Range
q
0VS
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, VCM = 0V
q
74
91
dB
Minimum Supply Voltage (Note 6)
q
2.3
2.5
V
VOL
Output Voltage Swing Low (Note 7)
No Load
q
14
60
mV
ISINK = 5mA
q
100
200
mV
ISINK = 20mA
q
300
550
mV
VOH
Output Voltage Swing High (Note 7)
No Load
q
25
80
mV
ISOURCE = 5mA
q
150
300
mV
ISOURCE = 20mA
q
600
950
mV
ISC
Short-Circuit Current
VS = 5V
q
20
40
mA
VS = 3V
q
20
30
mA
IS
Supply Current per Amplifier
q
2
2.75
mA
GBW
Gain Bandwidth Product
Frequency = 2MHz
q
35
75
MHz
SR
Slew Rate
VS = 5V, AV = – 1, RL = 1k, VO = 4VP-P
q
11
22
V/
µs


Similar Part No. - LT1800IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1800 LINER-LT1800_15 Datasheet
284Kb / 18P
   80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
More results

Similar Description - LT1800IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1800 LINER-LT1800_15 Datasheet
284Kb / 18P
   80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1802 LINER-LT1802_15 Datasheet
351Kb / 20P
   Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801 LINER-LT1801_15 Datasheet
351Kb / 20P
   Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801 LINER-LT1801 Datasheet
580Kb / 20P
   Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1806 LINER-LT1806 Datasheet
136Kb / 8P
   325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion, Low Noise Precision Op Amp
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT1809 LINER-LT1809 Datasheet
138Kb / 8P
   180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8624 AD-AD8624 Datasheet
165Kb / 4P
   Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com