Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22H165 Datasheet(PDF) 3 Page - STMicroelectronics

Part # A22H165
Description  High-performance class-G stereo headphone amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A22H165 Datasheet(HTML) 3 Page - STMicroelectronics

  A22H165 Datasheet HTML 1Page - STMicroelectronics A22H165 Datasheet HTML 2Page - STMicroelectronics A22H165 Datasheet HTML 3Page - STMicroelectronics A22H165 Datasheet HTML 4Page - STMicroelectronics A22H165 Datasheet HTML 5Page - STMicroelectronics A22H165 Datasheet HTML 6Page - STMicroelectronics A22H165 Datasheet HTML 7Page - STMicroelectronics A22H165 Datasheet HTML 8Page - STMicroelectronics A22H165 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
DocID026036 Rev 1
3/36
A22H165
Absolute maximum ratings and operating conditions
36
1
Absolute maximum ratings and operating conditions
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1) during 1 ms.
1.
All voltage values are measured with respect to the ground pin.
5.5
V
Vin+,Vin-
Input voltage referred to ground
+/- 1.2
V
Control
input
voltage
EN, Gain
-0.3 to VDD
V
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature(2)
2.
Thermal shutdown is activated when maximum junction temperature is reached.
150
°C
Rthja
Thermal resistance junction to ambient (3)
3.
The device is protected from over temperature by a thermal shutdown mechanism, active at 150° C.
200
°C/W
Pd
Power dissipation
Internally limited(4)
4.
Exceeding the power derating curves for long periods may provoke abnormal operation.
ESD
Human body model (HBM)(5)
All pins
VOUTR, VOUTL vs. AGND
5.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2
4
kV
Machine model (MM), min. value(6)
6.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
). This is done for all couples of
connected pin combinations while the other pins are floating.
100
V
Charge device model (CDM)
All pins
VOUTR, VOUTL
500
750
V
IEC61000-4-2 level 4, contact(7)
IEC61000-4-2 level 4, air discharge(7)
7.
The measurement is performed on an evaluation board, with ESD protection EMIF02-AV01F3.
+/- 8
+/- 15
kV
Lead temperature (soldering, 10 sec)
260
°C


Similar Part No. - A22H165

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A22H165M STMICROELECTRONICS-A22H165M Datasheet
1Mb / 32P
   Integrated high-efficiency buck converter
March 2014 Rev 1
More results

Similar Description - A22H165

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4621ML STMICROELECTRONICS-TS4621ML Datasheet
2Mb / 40P
   High-performance class-G stereo headphone amplifier
logo
Texas Instruments
TPA6141A2YFFR TI1-TPA6141A2YFFR Datasheet
970Kb / 23P
[Old version datasheet]   CLASS-G DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6141A2 TI-TPA6141A2 Datasheet
448Kb / 18P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER
logo
STMicroelectronics
TS4621E STMICROELECTRONICS-TS4621E Datasheet
1Mb / 32P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
TS4621B STMICROELECTRONICS-TS4621B Datasheet
2Mb / 48P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
logo
Shenzhen Huazhimei Semi...
HM4410T HMSEMI-HM4410T Datasheet
3Mb / 14P
   130mW non-output capacito stereo class G headphone amplifier
logo
Maxim Integrated Produc...
MAX97200A MAXIM-MAX97200A Datasheet
535Kb / 5P
   20mW Class G Headphone Amplifier
Rev 0; 2/10
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Wolfson Microelectronic...
WM9010 WOLFSON-WM9010 Datasheet
278Kb / 12P
   Low Power, Class G Stereo Headphone Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com