Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22H165M Datasheet(PDF) 6 Page - STMicroelectronics

Part # A22H165M
Description  Integrated high-efficiency buck converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A22H165M Datasheet(HTML) 6 Page - STMicroelectronics

Back Button A22H165M Datasheet HTML 2Page - STMicroelectronics A22H165M Datasheet HTML 3Page - STMicroelectronics A22H165M Datasheet HTML 4Page - STMicroelectronics A22H165M Datasheet HTML 5Page - STMicroelectronics A22H165M Datasheet HTML 6Page - STMicroelectronics A22H165M Datasheet HTML 7Page - STMicroelectronics A22H165M Datasheet HTML 8Page - STMicroelectronics A22H165M Datasheet HTML 9Page - STMicroelectronics A22H165M Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Typical application schematic
A22H165M
6/32
DocID026035 Rev 1
Table 4. A22H165M component description
Component
Value
Description
Cs
2.2 µF
Decoupling capacitors for VCC. A 2.2 µF capacitor is sufficient for proper
decoupling of the A22H165M. An X5R dielectric and 10 V rating voltage is
recommended to minimize
ΔC/ΔV when VCC =4.8 V.
Must be placed as close as possible to the A22H165M to minimize parasitic
inductance and resistance.
C12
2.2 µF
Capacitor for internal negative power supply operation. An X5R dielectric and
6.3 V rating voltage is recommended to minimize
ΔC/ΔV when
HPVDD = 1.9 V.
Must be placed as close as possible to the A22H165M to minimize parasitic
inductance and resistance.
CSS
2.2 µF
Filtering capacitor for internal negative power supply. An X5R dielectric and
6.3 V rating voltage is recommended to minimize
ΔC/ΔV when
HPVDD = 1.9 V.
Cin
Input coupling capacitor that forms with Zin/2 a first-order high-pass filter with
a -3 dB cutoff frequency FC. For example, at maximum gain G = 4 dB,
Zin = 12.5 kΩ, Cin = 2.2 µF, therefore FC = 6 Hz.
Cout
0.8 to 100 nF
Output capacitor of 0.8 nF minimum to 100 nF maximum. This capacitor is
mandatory for operation of the A22H165M.
Rout
12
Ω min.
Output resistor in-series with the A22H165M output. This 12
Ω minimum
resistor is mandatory for operation of the A22H165M.
L1
3.3 µH
Inductor for the buck converter.
References of inductors:
FDK: MIPSZ2012D3R3 (DC resistance = 0.19
Ω, rated current = 0.8 A)
Murata: LQM2MPN3R3G0 (DC resistance = 0.12
Ω, rated current = 1.2 A)
Ct
10 µF
Tank capacitor for internal buck converter. An X5R dielectric and 6.3 V rating
voltage is recommended to minimize
ΔC/ΔV when HPVDD = 1.9 V.
ESR of the Ct capacitor must be as low as possible to obtain the best buck
efficiency.
Cin
1
2
πZinFc
------------------------
=


Similar Part No. - A22H165M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A22H165 STMICROELECTRONICS-A22H165 Datasheet
2Mb / 36P
   High-performance class-G stereo headphone amplifier
March 2014 Rev 1
More results

Similar Description - A22H165M

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
   High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
MP4571 MPS-MP4571 Datasheet
1Mb / 34P
   High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
Rev. 1.1 2/22/2023
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5333 GMT-G5333 Datasheet
156Kb / 1P
   High Efficiency 8A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
   High Efficiency 1A Synchronous Buck Converter
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
   High Efficiency 3A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com