Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS30 Datasheet(PDF) 4 Page - STMicroelectronics

Part # CS30
Description  High side current sense high voltage op amp
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CS30 Datasheet(HTML) 4 Page - STMicroelectronics

  CS30 Datasheet HTML 1Page - STMicroelectronics CS30 Datasheet HTML 2Page - STMicroelectronics CS30 Datasheet HTML 3Page - STMicroelectronics CS30 Datasheet HTML 4Page - STMicroelectronics CS30 Datasheet HTML 5Page - STMicroelectronics CS30 Datasheet HTML 6Page - STMicroelectronics CS30 Datasheet HTML 7Page - STMicroelectronics CS30 Datasheet HTML 8Page - STMicroelectronics CS30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Absolute maximum ratings and operating conditions
CS30
4/18
DocID026040 Rev 1
2
Absolute maximum ratings and operating conditions
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vid
Input pins differential voltage (Vp-Vm)±60
V
Vi
Input pin voltages (Vp and Vm)(1)
1. Voltage values are measured with respect to the ground pin.
-0.3 to 60
V
VCC
DC supply voltage(1)
-0.3 to 25
V
Vout
DC output pin voltage(1)
-0.3 to VCC
V
Tstg
Storage temperature
-55 to 150
°C
Tj
Maximum junction temperature
150
°C
Rthja
SOT23-5 thermal resistance junction to ambient
250
°C
ESD
HBM: human body model(2)
2. Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2.5
kV
MM: machine model(3)
3. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
150
V
CDM: charged device model(4)
4. Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to the ground.
1.5
kV
Table 4. Operating conditions
Symbol
Parameter
Value
Unit
VCC
DC supply voltage from Tmin to Tmax
4.0 to 24
V
Toper
Operational temperature range (Tmin to Tmax)
-40 to 125
°C
Vicm
Common mode voltage range
2.8 to 30
V


Similar Part No. - CS30

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS30 IXYS-CS30 Datasheet
57Kb / 3P
   Phase Control Thyristor
logo
List of Unclassifed Man...
CS30 ETC-CS30 Datasheet
1Mb / 1P
   METAL STRIP SHUNT RESISTROS FOR DETECTING ELETRICAL CURRENT
logo
IXYS Corporation
CS30-12IO1 IXYS-CS30-12IO1 Datasheet
57Kb / 3P
   Phase Control Thyristor
CS30-14IO1 IXYS-CS30-14IO1 Datasheet
57Kb / 3P
   Phase Control Thyristor
CS30-14IO1 IXYS-CS30-14IO1 Datasheet
397Kb / 5P
   Thyristor Single Thyristor
More results

Similar Description - CS30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CS70 STMICROELECTRONICS-CS70 Datasheet
772Kb / 24P
   High side current sense high voltage op amp
March 2014 Rev 1
logo
Linear Technology
LTC6101AIS5 LINER-LTC6101AIS5 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense
logo
Analog Devices
LTC6115 AD-LTC6115 Datasheet
1Mb / 20P
   High Voltage High Side Current and Voltage Sense
logo
STMicroelectronics
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
   High-voltage, high-side current sense amplifier
TSC103 STMICROELECTRONICS-TSC103 Datasheet
370Kb / 23P
   High-voltage, high-side current sense amplifier
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
   High Voltage High-Side Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX9611 MAXIM-MAX9611_V01 Datasheet
1Mb / 20P
   High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
19-5543; Rev 5; 12/19
MAX9611 MAXIM-MAX9611 Datasheet
2Mb / 20P
   High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
Rev 2; 1/11
logo
Linear Technology
LTC6103 LINER-LTC6103 Datasheet
269Kb / 16P
   Dual High Voltage, High Side Current Sense Amplifier
LTC6103 LINER-LTC6103_15 Datasheet
278Kb / 16P
   Dual High Voltage, High Side Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com