Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS70 Datasheet(PDF) 10 Page - STMicroelectronics

Part # CS70
Description  High side current sense high voltage op amp
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CS70 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button CS70 Datasheet HTML 6Page - STMicroelectronics CS70 Datasheet HTML 7Page - STMicroelectronics CS70 Datasheet HTML 8Page - STMicroelectronics CS70 Datasheet HTML 9Page - STMicroelectronics CS70 Datasheet HTML 10Page - STMicroelectronics CS70 Datasheet HTML 11Page - STMicroelectronics CS70 Datasheet HTML 12Page - STMicroelectronics CS70 Datasheet HTML 13Page - STMicroelectronics CS70 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Electrical characteristics curves: current sense amplifier
CS70
10/24
DocID026041 Rev 1
4
Electrical characteristics curves: current sense
amplifier
Unless otherwise specified, the test conditions for the following curves are:
Tamb = 25 °C, VCC = 5 V, Vsense = Vp - Vm = 50 mV, Vm = 12 V
No load on Out pin
Figure 4. Output voltage vs. Vsense
Figure 5. Output voltage accuracy vs. Vsense
0
1
2
3
4
5
6
-20
0
20
40
60
80
100
120
Vsense (mV)
-25
-20
-15
-10
-5
0
5
10
15
20
25
020
40
60
80
100
Vsense(mV)
Guaranteed
accuracy vs. T
Typical
accuracy
Guaranteed
accuracy @25°C
Figure 6. Supply current vs. supply voltage
Figure 7. Supply current vs. Vsense
0
50
100
150
200
250
300
350
2.5
3
3.5
4
4.5
5
5.5
Vcc (V)
T = 25 °C
T = 125 °C
T = -40 °C
0
50
100
150
200
250
300
350
400
-100
-50
0
50
100
Vsense (mV)
T = -40°C
T = 25 °C
T = 125 °C


Similar Part No. - CS70

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CS70-B2GA101KYGSA TDK-CS70-B2GA101KYGSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS70-B2GA101KYNSA TDK-CS70-B2GA101KYNSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS70-B2GA101KYVSA TDK-CS70-B2GA101KYVSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS70-B2GA151KYGSA TDK-CS70-B2GA151KYGSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS70-B2GA151KYNSA TDK-CS70-B2GA151KYNSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
More results

Similar Description - CS70

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CS30 STMICROELECTRONICS-CS30 Datasheet
689Kb / 18P
   High side current sense high voltage op amp
March 2014 Rev 1
logo
Linear Technology
LTC6101AIS5 LINER-LTC6101AIS5 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense
logo
Analog Devices
LTC6115 AD-LTC6115 Datasheet
1Mb / 20P
   High Voltage High Side Current and Voltage Sense
logo
STMicroelectronics
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
   High-voltage, high-side current sense amplifier
TSC103 STMICROELECTRONICS-TSC103 Datasheet
370Kb / 23P
   High-voltage, high-side current sense amplifier
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
   High Voltage High-Side Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX9611 MAXIM-MAX9611_V01 Datasheet
1Mb / 20P
   High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
19-5543; Rev 5; 12/19
MAX9611 MAXIM-MAX9611 Datasheet
2Mb / 20P
   High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
Rev 2; 1/11
logo
Linear Technology
LTC6103 LINER-LTC6103 Datasheet
269Kb / 16P
   Dual High Voltage, High Side Current Sense Amplifier
LTC6103 LINER-LTC6103_15 Datasheet
278Kb / 16P
   Dual High Voltage, High Side Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com