Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9634 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9634
Description  SQUIB RESISTANCE MEASUREMENT
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9634 Datasheet(HTML) 5 Page - STMicroelectronics

  L9634 Datasheet HTML 1Page - STMicroelectronics L9634 Datasheet HTML 2Page - STMicroelectronics L9634 Datasheet HTML 3Page - STMicroelectronics L9634 Datasheet HTML 4Page - STMicroelectronics L9634 Datasheet HTML 5Page - STMicroelectronics L9634 Datasheet HTML 6Page - STMicroelectronics L9634 Datasheet HTML 7Page - STMicroelectronics L9634 Datasheet HTML 8Page - STMicroelectronics L9634 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5/36
L9634
3
ELECTRICAL CHARACTERISTICS
Table 5. Electrical Characteristics
(VRES = 6.5 to 40V, VDD = 4.9 to 5.1V, VRMEAS = 7.0V to 26.5V, Tamb = -40°C to +95°C unless
otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VRST
VDD Internal Voltage Reset
VDD drops until deployment
drivers are disabled
4.2
4.7
V
IDD
VDD Input Current
Normal operation
5
mA
Short to –1V on SQH
5
Short to –1V on SQL
5
Deployment
20
VIH
Input Voltage
MOSI, SCLK, CS, ARMx
Input Logic = 1
2.0
V
VIL
Input Logic = 0
0.8
VHYS
50
mV
ILKG
Input Leakage Current
MOSI, SCLK
VIN = VDD
1
µA
VIN = 0 to VIH
-1
VIH_DEPEN
DEPEN
Input Voltage
2.0
V
VIL_DEPEN
0.8
VHYS
50
mV
VIH_TEST
TEST
Input Voltage
8.5
V
VIL_TEST
5.5
IPD
Input Pulldown Current
ARMx, CS
VIN = VIL to VDD
10
50
µA
DEPEN
VIN = VIL to VDD
10
100
VOH
Output Voltage
MISO
IOH = -800
µAVDD–
0.8
V
VOL
IOL = 1.6mA
0.4
IZ
MISO Tri-State Current
MISO = VDD
10
µA
MISO = 0V
-10
Deployment Drivers DC specification
ILKG
SQH Leakage
VRMEAS=VDD=0,
VRESx=36V, VSQH= 0V
50
µA
ISTG
VRMEAS=18V; VDD=5V;
VSQH= -1V
-5
mA
ILKG
VRESx Bias Current1
VRMEAS=18V; VDD=5V;
VRESx=36V;SQH shorted to
SQL
10
µA
ILKG
SQL Leakage
VRMEAS=Vdd=0, VSQL=18V
-10
10
µA
ISTG
VRMEAS=18V; VDD=5V;
VSQL= -1V
-5
mA
ISTB
VRMEAS=18V; VDD=5V;
VSQL= 18V
5mA
IPD
SQL Pulldown Current
VSQLx = 1.8V - VDD
500
700
µA
SGth
Short to Ground Threshold
VDD = 5.0V
1.9
2.1
V
SBth
Short to Battery Threshold
VDD = 5.0V
3.9
4.1
V
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - L9634

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L9631 HAMAMATSU-L9631_15 Datasheet
657Kb / 4P
   110 kV MICROFOCUS X-RAY SOURCE
logo
STMicroelectronics
L9637 STMICROELECTRONICS-L9637 Datasheet
81Kb / 11P
   ISO 9141 INTERFACE
L9637D STMICROELECTRONICS-L9637D Datasheet
81Kb / 11P
   ISO 9141 INTERFACE
L9637D STMICROELECTRONICS-L9637D Datasheet
151Kb / 10P
   ISO 9141 INTERFACE
L9637D STMICROELECTRONICS-L9637D Datasheet
179Kb / 15P
   Monolithic bus driver with ISO 9141 interface
More results

Similar Description - L9634

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
392 ETC2-392 Datasheet
1Mb / 2P
   Resistance measurement
logo
JST Mfg. Co., Ltd.
SQN JST-SQN Datasheet
124Kb / 3P
   Squib connectors
logo
Texas Instruments
TPIC71002-Q1 TI1-TPIC71002-Q1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
logo
WAGO Kontakttechnik Gmb...
750-451 WAGO-750-451 Datasheet
538Kb / 12P
   8-channel analog input; Resistance measurement; Adjustable
logo
Texas Instruments
TPIC71008-Q1 TI1-TPIC71008-Q1 Datasheet
556Kb / 10P
[Old version datasheet]   Eight-Channel Squib Drivers
logo
WAGO Kontakttechnik Gmb...
750-451-025-000 WAGO-750-451-025-000 Datasheet
421Kb / 9P
   8-channel analog input; Resistance measurement; Adjustable; Ext.
750-461-000-002 WAGO-750-461-000-002 Datasheet
464Kb / 11P
   2-channel analog input; Resistance measurement: 10 ??1200 Ohm
logo
Freescale Semiconductor...
MC33797 FREESCALE-MC33797 Datasheet
639Kb / 32P
   Four Channel Squib Driver IC
logo
WAGO Kontakttechnik Gmb...
750-464-040-000 WAGO-750-464-040-000 Datasheet
590Kb / 12P
   2/4-channel analog input; Resistance measurement; Adjustable; Extreme
750-461-000-007 WAGO-750-461-000-007 Datasheet
468Kb / 11P
   2-channel analog input; Resistance measurement: 10 ??5000 Ohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com