Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACFL-5212T-000E Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # ACFL-5212T-000E
Description  Automotive R2CouplerTM Wide Operating Temperature 20kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACFL-5212T-000E Datasheet(HTML) 1 Page - Broadcom Corporation.

  ACFL-5212T-000E Datasheet HTML 1Page - Broadcom Corporation. ACFL-5212T-000E Datasheet HTML 2Page - Broadcom Corporation. ACFL-5212T-000E Datasheet HTML 3Page - Broadcom Corporation. ACFL-5212T-000E Datasheet HTML 4Page - Broadcom Corporation. ACFL-5212T-000E Datasheet HTML 5Page - Broadcom Corporation. ACFL-5212T-000E Datasheet HTML 6Page - Broadcom Corporation. ACFL-5212T-000E Datasheet HTML 7Page - Broadcom Corporation. ACFL-5212T-000E Datasheet HTML 8Page - Broadcom Corporation. ACFL-5212T-000E Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ACFL-5212T
Automotive R2CouplerTM Wide Operating Temperature 20kBd Digital
Optocoupler Configurable as Low Power, Low Leakage Phototransistor
Data Sheet
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this
component to prevent damage and/or degradation which may be induced by ESD. The components
featured in this datasheet are not to be used in military or aerospace applications or environments.
Description
The ACFL-5212T is an automotive grade dual channel, bi-
directional, high CMR, 20kBd digital optocoupler, configu-
rable as a low power, low leakage phototransistor, spe-
cifically for use in automotive applications. The stretched
SO-12 package outline is designed to be compatible with
standard surface mount processes and occupies the same
land area as the single channel equivalent, ACPL-K49T, in
stretched SO8 package.
This digital optocoupler uses an insulating layer between
the light emitting diode and an integrated photo detector
to provide electrical insulation between input and output.
Separate connections for the photodiode bias and output
transistor collector increase the speed up to a hundred
times over that of a conventional photo-transistor coupler
by reducing the base-collector capacitance.
Each channel is also galvanically isolated from each other
with no cross-talk.
Avago R2Coupler provides reinforced insulation and reli-
ability that delivers safe signal isolation critical in automo-
tive and high temperature industrial applications.
Functional Diagram
Features
• Qualified to AEC Q100 Grade 1 Guidelines
• Wide Temperature Range: -40°C to +125°C
• Low LED Drive Current: 4mA (typ)
• Low Power, Low Leakage Phototransistor in a “4-pin
Configuration” (I(CEO) < 5µA)
• 30 kV/µs High Common-Mode Rejection at VCM = 1500
V (typ)
• Low Propagation Delay: 20µs (max)
• Compact, Auto-Insertable Stretched SO12 Packages
• Worldwide Safety Approval:
- UL 1577 recognized, 5kVRMS/1 min.
- CSA Component Acceptance Notice#5A
- IEC/EN/DIN EN 60747-5-5
Applications
• Automotive Low Speed Digital Signal Isolation Interface
• Inverter Fault Feedback Signal Isolation
• Switching Power Supplies Feedback Circuit
Truth Table
LED
VO
ON
LOW
OFF
HIGH
Note: The connection of a 1 μF bypass
capacitor between pins 1 and 3 and
pins 8 and 10 is recommended.
1
2
3
4
5
6
VCC1
VOUT1
GND1
AN2
CA2
CA2
12
11
10
9
8
7
VCC2
VOUT2
GND2
AN1
CA1
GND2
1
2
3
4
5
6
12
11
10
9
8
7
VCC2
VOUT2
GND2
AN1
CA1
GND2
VCC1
VOUT1
GND1
AN2
CA2
CA2
Note: Pins 1 and 2 and pins 9 and 10 are externally
shorted for 4-pin configuration. Do not connect
bypass capacitors in this configuration.


Similar Part No. - ACFL-5212T-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACFL-5212T AVAGO-ACFL-5212T Datasheet
343Kb / 12P
   Qualified to AEC Q100 Grade 1 Guidelines
More results

Similar Description - ACFL-5212T-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M49T-000E AVAGO-ACPL-M49T-000E Datasheet
168Kb / 11P
   Wide Operating Temperature Automotive R2CouplerTM 20kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
logo
Broadcom Corporation.
ACPL-K49T-000E BOARDCOM-ACPL-K49T-000E Datasheet
358Kb / 9P
   Wide Operating Temperature Automotive R2CouplerTM 20 kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
ACPL-M49T-000E BOARDCOM-ACPL-M49T-000E Datasheet
533Kb / 12P
   Wide Operating Temperature Automotive R2Coupler??20-kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
ACPL-K49T BOARDCOM-ACPL-K49T Datasheet
627Kb / 13P
   Wide Operating Temperature Automotive R2Coupler짰 20-kBd Digital Optocoupler Configurable as Low-Power, Low-Leakage Phototransistor
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K43T-060E AVAGO-ACPL-K43T-060E Datasheet
127Kb / 11P
   Automotive R2CouplerTM Wide Operating Temperature
ACPL-M43T-500E AVAGO-ACPL-M43T-500E Datasheet
136Kb / 9P
   Wide Operating Temperature Automotive Digital Optocoupler
logo
Broadcom Corporation.
ACFL-5211T-000E BOARDCOM-ACFL-5211T-000E Datasheet
312Kb / 12P
   Automotive R2CouplerTM Wide Operating Temperature 1MBd Digital Optocoupler in a Stretched 12-Pin Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M49T AVAGO-ACPL-M49T Datasheet
135Kb / 10P
   Low Leakage Phototransistor
ACPL-M43U-000E AVAGO-ACPL-M43U-000E Datasheet
240Kb / 8P
   Wide Operating Temperature 1MBd Digital Optocoupler with R2Coupler??Isolation
logo
Broadcom Corporation.
ACPL-M61T-000E BOARDCOM-ACPL-M61T-000E Datasheet
219Kb / 10P
   10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com