Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6010AIS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6010AIS8
Description  Rail-to-Rail Output Precision Op Amp with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6010AIS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6010AIS8 Datasheet HTML 5Page - Linear Technology LT6010AIS8 Datasheet HTML 6Page - Linear Technology LT6010AIS8 Datasheet HTML 7Page - Linear Technology LT6010AIS8 Datasheet HTML 8Page - Linear Technology LT6010AIS8 Datasheet HTML 9Page - Linear Technology LT6010AIS8 Datasheet HTML 10Page - Linear Technology LT6010AIS8 Datasheet HTML 11Page - Linear Technology LT6010AIS8 Datasheet HTML 12Page - Linear Technology LT6010AIS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT6010
9
6010f
TYPICAL PERFOR A CE CHARACTERISTICS
Gain vs Frequency, AV = 1
Gain vs Frequency, AV = –1
FREQUENCY (Hz)
1k
–20
0
5
10
10k
100k
1M
6010 G25
–5
–10
–15
VS = 5V, 0V
TA = 25°C
CL = 500pF
CL = 50pF
FREQUENCY (Hz)
1k
–20
0
5
10
10k
100k
1M
6010 G26
–5
–10
–15
VS = 5V, 0V
TA = 25°C
CL = 500pF
CL = 50pF
Small-Signal Transient Response
Large-Signal Transient Response
Rail-to-Rail Output Swing
20mV/DIV
AV = 1
2
µs/DIV
6011 G27
2V/DIV
AV = –1
50
µs/DIV
6011 G28
VS = ±15V
1V/DIV
AV = –1
100
µs/DIV
6011 G29
VS = 5V, 0V
0V
0V
5V
Supply Current in Shutdown Mode
vs Temperature
Output Impedance vs Frequency
Open-Loop Gain vs Frequency
Gain and Phase vs Frequency
FREQUENCY (Hz)
1
1000
0.1
10
100
1
100
1k
10k
100k
1M
6010 G22
0.01
10
VS = 5V, 0V
TA = 25°C
AV = 100
AV = 10
AV = 1
FREQUENCY (Hz)
20
120
100
80
60
40
–20
0
140
0.01
10
100 1k 10k 100k 1M 10M
6010 G23
–40
0.1
1
VS = 5V, 0V
TA = 25°C
RL = 10k
FREQUENCY (Hz)
–10
50
60
–20
–30
40
10
30
20
0
1k
100k
1M
10M
6010 G24
–40
–80
– 240
–120
–160
–200
–280
10k
PHASE
GAIN
VS = 5V, 0V
TA = 25°C
RL = 10k
TEMPERATURE (
°C)
–40
80
6010 G30
–20
–30
0
30 40
60 70
90
20
50
40
35
30
25
20
15
10
5
0
VS = ±15V
VS = 5V, 0V
10
–10


Similar Part No. - LT6010AIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6010 LINER-LT6010 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LT6010 LINER-LT6010 Datasheet
302Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
LT6010 LINER-LT6010 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LT6010 LINER-LT6010 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Littelfuse
LT60100-1 LITTELFUSE-LT60100-1 Datasheet
526Kb / 4P
   Class T Fuse Blocks - 300 and 600 Volt
More results

Similar Description - LT6010AIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
   Low Distortion Rail-to-Rail Output Op Amp with Shutdown
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Analog Devices
AD8624 AD-AD8624 Datasheet
165Kb / 4P
   Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Rev. PrA
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com