Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APDS-9006 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # APDS-9006
Description  Miniature Surface-Mount Ambient Light Photo Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

APDS-9006 Datasheet(HTML) 2 Page - Broadcom Corporation.

  APDS-9006 Datasheet HTML 1Page - Broadcom Corporation. APDS-9006 Datasheet HTML 2Page - Broadcom Corporation. APDS-9006 Datasheet HTML 3Page - Broadcom Corporation. APDS-9006 Datasheet HTML 4Page - Broadcom Corporation. APDS-9006 Datasheet HTML 5Page - Broadcom Corporation. APDS-9006 Datasheet HTML 6Page - Broadcom Corporation. APDS-9006 Datasheet HTML 7Page - Broadcom Corporation. APDS-9006 Datasheet HTML 8Page - Broadcom Corporation. APDS-9006 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image

Application Support Information
The Application Engineering Group is available to assist
you with the application design associated with APDS-
9006 ambient light photo sensor module. You can contact
them through your local sales representatives for addi-
tional details.
Ordering Information
Part Number
Packaging Type Package
Quantity
APDS-9006-00 Tape and Reel
4-pins Chipled package 500
Typical Application Circuit
APDS-9006
Pin 1:OUT
Pin 2:VCC
Pin 3:VCC
Pin 4:NC
R
LOAD
Figure 1. Typical application circuit for APDS-9006
Notes : PIN 2 and PIN 3 Vcc need to be externally shorted.
Figure 1 Table
Component
Recommended Application Circuit Component
RLOAD
5k ohm
Note 1 : Refer to fig. 11 Vout vs Lux graph
I/O Pins Configuration Table
Pin
Symbol
Description

OUT
OUT

VCC
VCC
3
VCC
VCC
4
NC
No Connect
Relative Spectral Response Vs. Wavelength
Figure 2. Relative Spectral Response Vs. Wavelength
Normalized sensor spectral response
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
300
400
500
600
700
800
900
1000 1100
wavelength (nm)
APDS-9006
Eye Response


Similar Part No. - APDS-9006

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9006-020 AVAGO-APDS-9006-020 Datasheet
706Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results

Similar Description - APDS-9006

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
APDS-9002 HP-APDS-9002 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9008 AVAGO-APDS-9008_09 Datasheet
354Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9008 BOARDCOM-APDS-9008 Datasheet
403Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9005 AVAGO-APDS-9005 Datasheet
685Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9006-020 AVAGO-APDS-9006-020 Datasheet
706Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9002 AVAGO-APDS-9002_12 Datasheet
169Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Agilent(Hewlett-Packard...
HSDL9000 HP-HSDL9000 Datasheet
270Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9004 AVAGO-APDS-9004 Datasheet
316Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9002 AVAGO-APDS-9002 Datasheet
146Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9009 AVAGO-APDS-9009 Datasheet
696Kb / 10P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com