Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APDS-9300 Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # APDS-9300
Description  Miniature Ambient Light Photo Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

APDS-9300 Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button APDS-9300 Datasheet HTML 4Page - Broadcom Corporation. APDS-9300 Datasheet HTML 5Page - Broadcom Corporation. APDS-9300 Datasheet HTML 6Page - Broadcom Corporation. APDS-9300 Datasheet HTML 7Page - Broadcom Corporation. APDS-9300 Datasheet HTML 8Page - Broadcom Corporation. APDS-9300 Datasheet HTML 9Page - Broadcom Corporation. APDS-9300 Datasheet HTML 10Page - Broadcom Corporation. APDS-9300 Datasheet HTML 11Page - Broadcom Corporation. APDS-9300 Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
I2C Protocols
Each Send and Write protocol is, essentially, a series of
bytes. A byte sent to the APDS-9300 with the most sig-
nificantbit(MSB)equalto1willbeinterpretedasaCOM-
MAND byte.The lower four bits of the COMMAND byte
form the register select address (see Table 2), which is
usedtoselectthedestinationforthesubsequentbyte(s)
received.TheAPDS-9300respondstoanyReceiveBytere-
questswiththecontentsoftheregisterspecifiedbythe
storedregisterselectaddress.
The APDS-9300 implements the following protocols of
thePhilipsSemiconductorI2Cspecification:
• I2CWriteProtocol
• I2CReadProtocol
ForacompletedescriptionofI2Cprotocols,pleasereview
the I2C Specification athttp://www.semiconductors.phil-
ips.com
Figure 6. I2C Packet Protocol Element Key
Figure 7. I2C Write Protocols
Figure 8. I2C Read (Combined Format) Protocols
Wr
7
1
8
1
1
1
1
Data Byte
Slave Address
S
A
P
A
X
X
A
Acknowledge (this bit position may be 0 for an ACK or 1 for a NACK)
P
Stop Condition
Rd
Read (bit value of 1)
S
Start Condition
Sr
Repeated Start Condition
Wr
Write (bit value of 0)
X
Shown under a field indicates that that field is required to have a value of X
...
Continuation of protocol
Master –to–Slave
Slave –to–Master
P
Wr
8
1
8
1
1
1
1
7
Slave Address
S
A
A
Command Code
Data Byte
A
1
P
Wr
1
7
1
8
1
1
1
8
1
1
7
1
1
Data Byte
Slave Address
S
A
A
Command Code
Slave Address
A
A
Sr
Rd
1
Figure 9. I2C Write Word Protocols
Figure 10. I2C Read Word Protocols
P
Wr
1
8
1
8
1
1
1
8
1
7
1
Data Byte High
Slave Address
S
A
A
Command Code
Data Byte Low
A
A
Wr
7
1
8
1
1
1
1
7
1
1
Slave Address
S
A
A
Command Code
Slave Address
A
Sr
Rd
8
1
Data Byte Low
A
P
1
8
1
Data Byte High
A
1


Similar Part No. - APDS-9300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9300 AVAGO-APDS-9300 Datasheet
425Kb / 21P
   Miniature Ambient Light Photo Sensor with Digital (I2C) Output
APDS-9300-020 AVAGO-APDS-9300-020 Datasheet
425Kb / 21P
   Miniature Ambient Light Photo Sensor with Digital (I2C) Output
APDS-9300-020 AVAGO-APDS-9300-020 Datasheet
425Kb / 21P
   Miniature Ambient Light Photo Sensor with Digital (I2C) Output
More results

Similar Description - APDS-9300

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
APDS-9301 BOARDCOM-APDS-9301 Datasheet
762Kb / 20P
   Miniature Ambient Light Photo Sensor
logo
Agilent(Hewlett-Packard...
APDS-9002 HP-APDS-9002 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9008 AVAGO-APDS-9008_09 Datasheet
354Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9008 BOARDCOM-APDS-9008 Datasheet
403Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9005 AVAGO-APDS-9005 Datasheet
685Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9006-020 AVAGO-APDS-9006-020 Datasheet
706Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9006 BOARDCOM-APDS-9006 Datasheet
720Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9002 AVAGO-APDS-9002_12 Datasheet
169Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Agilent(Hewlett-Packard...
HSDL9000 HP-HSDL9000 Datasheet
270Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9004 AVAGO-APDS-9004 Datasheet
316Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com