Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APDS-9301 Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # APDS-9301
Description  Miniature Ambient Light Photo Sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

APDS-9301 Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button APDS-9301 Datasheet HTML 7Page - Broadcom Corporation. APDS-9301 Datasheet HTML 8Page - Broadcom Corporation. APDS-9301 Datasheet HTML 9Page - Broadcom Corporation. APDS-9301 Datasheet HTML 10Page - Broadcom Corporation. APDS-9301 Datasheet HTML 11Page - Broadcom Corporation. APDS-9301 Datasheet HTML 12Page - Broadcom Corporation. APDS-9301 Datasheet HTML 13Page - Broadcom Corporation. APDS-9301 Datasheet HTML 14Page - Broadcom Corporation. APDS-9301 Datasheet HTML 15Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
Interrupt Threshold Register (2h - 5h)
The interrupt threshold registers store the values to be used as the high and low trigger points for the comparison function
for interrupt generation. If the value generated by channel 0 crosses below or is equal to the low threshold specified, an
interrupt is asserted on the interrupt pin. If the value generated by channel 0 crosses above the high threshold specified,
an interrupt is asserted on the interrupt pin. Registers THRESHLOWLOW and THRESHLOWHIGH provide the low byte and
high byte, respectively, of the lower interrupt threshold. Registers THRESHHIGHLOW and THRESHHIGHHIGH provide the
low and high bytes, respectively, of the upper interrupt threshold. The high and low bytes from each set of registers are
combined to form a 16–bit threshold value. The interrupt threshold registers default to 00h on power up.
Table 7. Interrupt Threshold Register
REGISTER
ADDRESS
BITS
DESCRIPTION
THRESHLOWLOW
2h
7:0
ADC channel 0 lower byte of the low threshold
THRESHLOWHIGH
3h
7:0
ADC channel 0 upper byte of the low threshold
THRESHHIGHLOW
4h
7:0
ADC channel 0 lower byte of the high threshold
THRESHHIGHHIGH
5h
7:0
ADC channel 0 upper byte of the high threshold
NOTE: Since two 8-bit values are combined for a single 16-bit value for each of the high and low interrupt thresholds, the Send Byte protocol should
not be used to write to these registers. Any values transferred by the Send Byte protocol with the MSB set would be interpreted as the COMMAND field
and stored as an address for subsequent read/write operations and not as the interrupt threshold information as desired. The Write Word protocol
should be used to write byte-paired registers. For example, the THRESHLOWLOW and THRESHLOWHIGH registers (as well as the THRESHHIGHLOW and
THRESHHIGHHIGH registers) can be written together to set the 16–bit ADC value in a single transaction.
7
6
5
4
3
2
1
0
6h
Resv
Resv
INTR
PERSIST
INTERRUPT
Reset Value:
0
0
0
0
0
0
0
0
Interrupt Control Register (6h)
The INTERRUPT register controls the extensive interrupt capabilities of the APDS-9301. The APDS-9301 permits tradi-
tional level-style interrupts. The interrupt persist bit field (PERSIST) provides control over when interrupts occur. A value
of 0 causes an interrupt to occur after every integration cycle regardless of the threshold settings. A value of 1 results
in an interrupt after one integration time period outside the threshold window. A value of N (where N is 2 through 15)
results in an interrupt only if the value remains outside the threshold window for N consecutive integration cycles. For
example, if N is equal to 10 and the integration time is 402 ms, then the total time is approximately 4 seconds.
When a level Interrupt is selected, an interrupt is generated whenever the last conversion results in a value outside
of the programmed threshold window. The interrupt is active-low and remains asserted until cleared by writing the
COMMAND register with the CLEAR bit set.
NOTE: Interrupts are based on the value of Channel 0 only.
Table 8. Interrupt Control Register
FIELD
BITS
DESCRIPTION
Resv
7:6
Reserved. Write as 0.
INTR
5:4
INTR Control Select. This field determines mode of interrupt logic according to Table 9, below.
PERSIST
3:0
Interrupt persistence. Controls rate of interrupts to the host processor as shown in Table 10, below.


Similar Part No. - APDS-9301

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9301 AVAGO-APDS-9301 Datasheet
762Kb / 20P
   Miniature Ambient Light Photo Sensor with Digital (I2C) Output
APDS-9301-020 AVAGO-APDS-9301-020 Datasheet
762Kb / 20P
   Miniature Ambient Light Photo Sensor with Digital (I2C) Output
More results

Similar Description - APDS-9301

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
APDS-9300 BOARDCOM-APDS-9300 Datasheet
425Kb / 21P
   Miniature Ambient Light Photo Sensor
logo
Agilent(Hewlett-Packard...
APDS-9002 HP-APDS-9002 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9008 AVAGO-APDS-9008_09 Datasheet
354Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9008 BOARDCOM-APDS-9008 Datasheet
403Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9005 AVAGO-APDS-9005 Datasheet
685Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9006-020 AVAGO-APDS-9006-020 Datasheet
706Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9006 BOARDCOM-APDS-9006 Datasheet
720Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9002 AVAGO-APDS-9002_12 Datasheet
169Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Agilent(Hewlett-Packard...
HSDL9000 HP-HSDL9000 Datasheet
270Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9004 AVAGO-APDS-9004 Datasheet
316Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com