Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APDS-9303 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # APDS-9303
Description  Miniature Ambient Light Photo Sensor with Digital (SMBus) Output
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

APDS-9303 Datasheet(HTML) 1 Page - Broadcom Corporation.

  APDS-9303 Datasheet HTML 1Page - Broadcom Corporation. APDS-9303 Datasheet HTML 2Page - Broadcom Corporation. APDS-9303 Datasheet HTML 3Page - Broadcom Corporation. APDS-9303 Datasheet HTML 4Page - Broadcom Corporation. APDS-9303 Datasheet HTML 5Page - Broadcom Corporation. APDS-9303 Datasheet HTML 6Page - Broadcom Corporation. APDS-9303 Datasheet HTML 7Page - Broadcom Corporation. APDS-9303 Datasheet HTML 8Page - Broadcom Corporation. APDS-9303 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
APDS-9303
Miniature Ambient Light Photo Sensor
with Digital (SMBus) Output
Data Sheet
Description
The APDS-9303 is a low-voltage Digital Ambient Light
Photo Sensor that converts light intensity to digital signal
output capable of direct SMBus interface. Each device
consists of one broadband photodiode (visible plus
infrared) and one infrared photodiode. Two integrating
ADCs convert the photodiode currents to a digital output
that represents the irradiance measured on each channel.
This digital output can be input to a microprocessor where
illuminance (ambient light level) in lux is derived using
an empirical formula to approximate the human-eye
response.
Application Support Information
The Application Engineering Group is available to
assist you with the application design associated with
APDS-9303 ambient light photo sensor module. You can
contact them through your local sales representatives for
additional details.
Features
• Approximate the human-eye response
• Precise Illuminance measurement under diverse light-
ing conditions
• Programmable Interrupt Function with User-Defined
Upper and Lower Threshold Settings
• 16-Bit Digital Output with SMBus at 100 kHz
• Programmable Analog Gain and Integration Time
• Miniature ChipLED Package
– Height – 0.55mm
– Length – 2.60mm
– Width – 2.20mm
• 50/60-Hz Lighting Ripple Rejection
• Low Active Power (0.6 mW Typical) with Power Down
Mode
• RoHS Compliant
Applications
• Detection of ambient light to control display
backlighting
– Mobile devices – Cell phones, PDAs, PMP
– Computing devices – Notebooks, Tablet PC, Key
board
– Consumer devices – LCD Monitor, Flat-panel TVs,
Video Cameras, Digital Still Camera
• Automatic Residential and Commercial Lighting
Management
• Automotive instrumentation clusters.
• Electronic Signs and Signals
Ordering Information
Part Number
Packaging Type
Package
Quantity
APDS-9303-020
Tape and Reel
6-pins Chipled package
2500


Similar Part No. - APDS-9303

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9303 AVAGO-APDS-9303 Datasheet
771Kb / 21P
   Miniature Ambient Light Photo Sensor with Digital (SMBus) Output
APDS-9303-020 AVAGO-APDS-9303-020 Datasheet
771Kb / 21P
   Miniature Ambient Light Photo Sensor with Digital (SMBus) Output
More results

Similar Description - APDS-9303

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9303 AVAGO-APDS-9303 Datasheet
771Kb / 21P
   Miniature Ambient Light Photo Sensor with Digital (SMBus) Output
APDS-9300 AVAGO-APDS-9300 Datasheet
425Kb / 21P
   Miniature Ambient Light Photo Sensor with Digital (I2C) Output
APDS-9309 AVAGO-APDS-9309 Datasheet
426Kb / 18P
   Miniature Ambient Light Photo Sensor with Digital (I2C) Output
APDS-9300-020 AVAGO-APDS-9300-020 Datasheet
425Kb / 21P
   Miniature Ambient Light Photo Sensor with Digital (I2C) Output
APDS-9301 AVAGO-APDS-9301 Datasheet
762Kb / 20P
   Miniature Ambient Light Photo Sensor with Digital (I2C) Output
logo
Broadcom Corporation.
APDS-9301 BOARDCOM-APDS-9301 Datasheet
762Kb / 20P
   Miniature Ambient Light Photo Sensor
APDS-9300 BOARDCOM-APDS-9300 Datasheet
425Kb / 21P
   Miniature Ambient Light Photo Sensor
logo
Agilent(Hewlett-Packard...
APDS-9002 HP-APDS-9002 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9008 AVAGO-APDS-9008_09 Datasheet
354Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9008 BOARDCOM-APDS-9008 Datasheet
403Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com