Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKM400GB126D Datasheet(PDF) 1 Page - Semikron International

Part # SKM400GB126D
Description  Trench IGBT Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKM400GB126D Datasheet(HTML) 1 Page - Semikron International

  SKM400GB126D_15 Datasheet HTML 1Page - Semikron International SKM400GB126D_15 Datasheet HTML 2Page - Semikron International SKM400GB126D_15 Datasheet HTML 3Page - Semikron International SKM400GB126D_15 Datasheet HTML 4Page - Semikron International SKM400GB126D_15 Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SKM400GB126D
© by SEMIKRON
Rev. 1.0 – 20.07.2015
1
SEMITRANS® 3
GB
Trench IGBT Modules
SKM400GB126D
Features
• Trench = Trenchgate technology
•VCE(sat) with positive temperature
coefficient
• High short circuit capability, self limiting
to 6 x IC
• UL recognized, file no. E63532
Typical Applications*
• AC inverter drives
• UPS
• Electronic welders
Absolute Maximum Ratings
Symbol
Conditions
Values
Unit
IGBT
VCES
Tj =25°C
1200
V
IC
Tj = 150 °C
Tc =25 °C
470
A
Tc =80 °C
327
A
ICnom
300
A
ICRM
ICRM = 2xICnom
600
A
VGES
-20 ... 20
V
tpsc
VCC = 600 V
VGE
≤ 15 V
VCES
≤ 1200 V
Tj =125 °C
10
µs
Tj
-40 ... 150
°C
Inverse diode
IF
Tj = 150 °C
Tc =25 °C
352
A
Tc =80 °C
240
A
IFnom
300
A
IFRM
IFRM = 2xIFnom
600
A
IFSM
tp = 10 ms, sin 180°, Tj =25°C
2844
A
Tj
-40 ... 150
°C
Module
It(RMS)
500
A
Tstg
-40 ... 125
°C
Visol
AC sinus 50 Hz, t = 1 min
4000
V
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
IGBT
VCE(sat)
IC =300 A
VGE =15 V
chiplevel
Tj =25 °C
1.69
2.10
V
Tj =125 °C
2.01
2.45
V
VCE0
chiplevel
Tj =25 °C
11.2
V
Tj =125 °C
0.9
1.1
V
rCE
VGE =15 V
chiplevel
Tj =25 °C
2.3
3
mΩ
Tj =125 °C
3.7
4.5
mΩ
VGE(th)
VGE=VCE, IC =12 mA
5
5.8
6.5
V
ICES
VGE =0 V
VCE = 1200 V
Tj =25 °C
4mA
Tj =125 °C
mA
Cies
VCE =25V
VGE =0 V
f=1MHz
21.4
nF
Coes
f=1MHz
1.12
nF
Cres
f=1MHz
0.97
nF
QG
VGE = - 8 V...+ 20 V
2800
nC
RGint
Tj =25°C
2.5
td(on)
VCC = 600 V
IC =300 A
VGE = +15/-15 V
RG on =2 Ω
RG off =2 Ω
Tj =125 °C
330
ns
tr
Tj =125 °C
50
ns
Eon
Tj =125 °C
29
mJ
td(off)
Tj =125 °C
650
ns
tf
Tj =125 °C
110
ns
Eoff
Tj =125 °C
48
mJ
Rth(j-c)
per IGBT
0.08
K/W


Similar Part No. - SKM400GB126D_15

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM400GB126D SEMIKRON-SKM400GB126D_06 Datasheet
599Kb / 6P
   Trench IGBT Module
SKM400GB126D SEMIKRON-SKM400GB126D_09 Datasheet
595Kb / 6P
   Trench IGBT Module
More results

Similar Description - SKM400GB126D_15

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX353GB126HDS SEMIKRON-SEMIX353GB126HDS_09 Datasheet
380Kb / 6P
   Trench IGBT Modules
SEMIX703GAL126HDS SEMIKRON-SEMIX703GAL126HDS_09 Datasheet
420Kb / 6P
   Trench IGBT Modules
SEMIX703GB126HDS SEMIKRON-SEMIX703GB126HDS_09 Datasheet
383Kb / 6P
   Trench IGBT Modules
SEMIX854GB176HDS SEMIKRON-SEMIX854GB176HDS_08 Datasheet
369Kb / 5P
   Trench IGBT Modules
SEMIX453GB176HDS SEMIKRON-SEMIX453GB176HDS_10 Datasheet
324Kb / 5P
   Trench IGBT Modules
SKM400GB176D SEMIKRON-SKM400GB176D_10 Datasheet
808Kb / 6P
   Trench IGBT Modules
SEMIX703GAL126HDS SEMIKRON-SEMIX703GAL126HDS_10 Datasheet
349Kb / 5P
   Trench IGBT Modules
SKIM459GD12E4 SEMIKRON-SKIM459GD12E4_11 Datasheet
337Kb / 5P
   Trench IGBT Modules
SEMIX402GB066HDS SEMIKRON-SEMIX402GB066HDS_08 Datasheet
360Kb / 5P
   Trench IGBT Modules
SEMIX453GD176HDC SEMIKRON-SEMIX453GD176HDC_09 Datasheet
380Kb / 5P
   Trench IGBT Modules
SEMIX604GB12E4S SEMIKRON-SEMIX604GB12E4S Datasheet
404Kb / 5P
   Trench IGBT Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com