Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKM500MB120SC Datasheet(PDF) 2 Page - Semikron International

Part # SKM500MB120SC
Description  SiC MOSFET Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKM500MB120SC Datasheet(HTML) 2 Page - Semikron International

  SKM500MB120SC Datasheet HTML 1Page - Semikron International SKM500MB120SC Datasheet HTML 2Page - Semikron International SKM500MB120SC Datasheet HTML 3Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SKM500MB120SC
2
Rev. 0.1 – 27.05.2015
© by SEMIKRON
SEMITRANS® 3
MB
SiC MOSFET Module
SKM500MB120SC
Target Data
Features
• Full Silicon Carbide (SiC) power
module
• Latest generation SiC MOSFETs
• Optimized for fast switching and lowest
power losses
• Insulated copper baseplate using DBC
technology (Direct Bonded Copper)
• UL recognized, file no. E63532
Typical Applications*
• High frequency power supplies
•AC inverters
Remarks
• Case temperature limited to Tc=125°C
max.
• Recommended Top= -40…+150°C
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
Module
LDS
15
nH
RCC'+EE'
terminal-chip
0.55
mΩ
0.85
mΩ
Rth(c-s)1
per module
t.b.d
K/W
Rth(c-s)2
including thermal coupling,
Ts underneath module
K/W
Ms
to heat sink M6
3
5
Nm
Mt
to terminals M6
2.5
5
Nm
Nm
w
325
g


Similar Part No. - SKM500MB120SC

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM500GA123D SEMIKRON-SKM500GA123D Datasheet
123Kb / 1P
   SEMITRANS IGBT Modules New Range
SKM500GA123D SEMIKRON-SKM500GA123D Datasheet
607Kb / 4P
   IGBT Modules
SKM500GA123D SEMIKRON-SKM500GA123D Datasheet
607Kb / 6P
   IGBT Modules
SKM500GA123DS SEMIKRON-SKM500GA123DS Datasheet
123Kb / 1P
   SEMITRANS IGBT Modules New Range
SKM500GA123DS SEMIKRON-SKM500GA123DS Datasheet
607Kb / 4P
   IGBT Modules
More results

Similar Description - SKM500MB120SC

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM350MB120SCH15 SEMIKRON-SKM350MB120SCH15 Datasheet
99Kb / 4P
   SiC MOSFET Module
SK25MH120TSCP SEMIKRON-SK25MH120TSCP Datasheet
173Kb / 4P
   SIC MOSFET Module
SK45MAHT12SCP SEMIKRON-SK45MAHT12SCP Datasheet
222Kb / 3P
   SiC MOSFET Module
SKM350MB120SCH17 SEMIKRON-SKM350MB120SCH17 Datasheet
103Kb / 4P
   SiC MOSFET Module
logo
Inchange Semiconductor ...
GA100JT12-ISCFM8004 ISC-GA100JT12-ISCFM8004 Datasheet
365Kb / 5P
   SiC MOSFET Power Module
2023-9-26
GA100JT17-ISCFM8005 ISC-GA100JT17-ISCFM8005 Datasheet
365Kb / 5P
   SiC MOSFET Power Module
2023-9-26
logo
ON Semiconductor
NXH040F120MNF1PTG ONSEMI-NXH040F120MNF1PTG Datasheet
1Mb / 13P
   F1-4PACK SiC MOSFET Module
December 2021?뭃ev. P1
NXH020U90MNF2PTG ONSEMI-NXH020U90MNF2PTG Datasheet
2Mb / 14P
   F2-VIENNA SiC MOSFET Module
August, 2021 ??Rev. 0
NXH020F120MNF1PTG ONSEMI-NXH020F120MNF1PTG Datasheet
1Mb / 13P
   F1-4PACK SiC MOSFET Module
September 2021-Rev. P0
logo
Inchange Semiconductor ...
APTM100A13SCG ISC-APTM100A13SCG Datasheet
439Kb / 6P
   SiC diodes MOSFET Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com