Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M383L2923BTS-CAA Datasheet(PDF) 6 Page - Samsung semiconductor

Part # M383L2923BTS-CAA
Description  DDR SDRAM Registered Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M383L2923BTS-CAA Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button M383L2923BTS-CAA Datasheet HTML 2Page - Samsung semiconductor M383L2923BTS-CAA Datasheet HTML 3Page - Samsung semiconductor M383L2923BTS-CAA Datasheet HTML 4Page - Samsung semiconductor M383L2923BTS-CAA Datasheet HTML 5Page - Samsung semiconductor M383L2923BTS-CAA Datasheet HTML 6Page - Samsung semiconductor M383L2923BTS-CAA Datasheet HTML 7Page - Samsung semiconductor M383L2923BTS-CAA Datasheet HTML 8Page - Samsung semiconductor M383L2923BTS-CAA Datasheet HTML 9Page - Samsung semiconductor M383L2923BTS-CAA Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
DDR SDRAM
512MB, 1GB, 2GB TSOP Registered DIMM
Revison 1.0 December, 2003
1GB, 128M x 72 ECC Module (M383(12)L2923BTS) (Populated as 2 bank of x8 DDR SDRAM Module)
Functional Block Diagram
RCS0
DQS0
DM0
DM/
CS
DQS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
D0
DQS1
DM1
DM/
CS
DQS
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
D1
DQS2
DM2
DM/
CS
DQS
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
D2
DQS3
DM3
DM/
CS
DQS
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
D3
DQS4
DM4
DM/
CS
DQS
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
D4
DQS5
DM5
DM/
CS
DQS
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
D5
DQS6
DM6
DM/
CS
DQS
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
D6
DQS7
DM7
DM/
CS
DQS
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
D7
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
DM/
CS
DQS
D9
DM/
CS
DQS
D10
DM/
CS
DQS
D11
DM/
CS
DQS
D12
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
DM/
CS
DQS
D13
DM/
CS
DQS
D14
DM/
CS
DQS
D15
DM/
CS
DQS
D16
RCS1
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
V
SS
D0 - D17
V
DD/VDDQ
D0 - D17
D0 - D17
VREF
V
DDSPD
SPD
D0 - D17
A0
Serial PD
A1
A2
SA0
SA1
SA2
SCL
SDA
WP
DQS8
DM8
DM/
CS
DQS
D8
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
DM/
CS
DQS
D17
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
PCK
RAS
CAS
CKE0
CKE1
CS1
BA0-BA1
A0-A12
CS0
WE
PCK
RESET
RCS1
RCS0
RBA0 - RBA1
RA0 - RA12
RRAS
RCAS
RCKE0
RWE
RCKE1
BA0 -BA1 : SDRAMs DQ0 - D17
A0 -A12 : SDRAMs D0 - D17
RAS : SDRAMs D0 - D17
CAS : SDRAMs DQ0 - D17
CKE : SDRAMs D0 - D8
CKE : SDRAMs D9 - D17
WE: SDRAMs D0 - D17
R
E
G
I
S
T
E
R
PLL*
CK0,CK0
* Wire per Clock Loading table/wiring Diagrams
Notes:
1. DQ-to-I/O wiring is shown as recom-
mended but may be changed.
2. DQ/DQS/DM/CKE/ CS relationships
must be maintained as shown.
3. DQ, DQS, DM/DQS resistors: 22 Ohms.


Similar Part No. - M383L2923BTS-CAA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M383L2828ET1 SAMSUNG-M383L2828ET1 Datasheet
448Kb / 23P
   DDR SDRAM Registered Module
More results

Similar Description - M383L2923BTS-CAA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M312L2920BG0 SAMSUNG-M312L2920BG0 Datasheet
274Kb / 18P
   DDR SDRAM Registered Module
M383L3223ETS SAMSUNG-M383L3223ETS Datasheet
448Kb / 23P
   DDR SDRAM Registered Module
logo
List of Unclassifed Man...
NT256D72S89AKGU ETC1-NT256D72S89AKGU Datasheet
964Kb / 15P
   184pin Low Profile Registered DDR SDRAM MODULE
logo
White Electronic Design...
W3E32M72SR-XSBX WEDC-W3E32M72SR-XSBX Datasheet
717Kb / 19P
   32Mx72 REGISTERED DDR SDRAM
logo
Hynix Semiconductor
HYMD132G725BL8-M HYNIX-HYMD132G725BL8-M Datasheet
259Kb / 17P
   Registered DDR SDRAM DIMM
HYMD232G726A8-M HYNIX-HYMD232G726A8-M Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A4-M HYNIX-HYMD264G726A4-M Datasheet
262Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A8-M HYNIX-HYMD264G726A8-M Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726B4-M HYNIX-HYMD264G726B4-M Datasheet
234Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726C4-M HYNIX-HYMD264G726C4-M Datasheet
323Kb / 16P
   Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com