Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS1652 Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MDS1652
Description  Single N-Channel Trench MOSFET 30V, 17A, 6.5m(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS1652 Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MDS1652 Datasheet HTML 1Page - MagnaChip Semiconductor. MDS1652 Datasheet HTML 2Page - MagnaChip Semiconductor. MDS1652 Datasheet HTML 3Page - MagnaChip Semiconductor. MDS1652 Datasheet HTML 4Page - MagnaChip Semiconductor. MDS1652 Datasheet HTML 5Page - MagnaChip Semiconductor. MDS1652 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
December 2008. Version 1.1
MagnaChip Semiconductor Ltd
.
2
Ordering Information
Part Number
Temp. Range
Package
Packing
RoHS Status
MDS1652RP
-55~150
oC
SOIC-8
Tape & Reel
Pb Free
MDS1652RH
-55~150
oC
SOIC-8
Tape & Reel
Halogen Free
Electrical Characteristics (Ta =25
oC)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V
30
-
-
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250µA
1.0
1.8
3.0
V
Drain Cut-Off Current
IDSS
VDS = 24V, VGS = 0V
-
-
1
µA
Gate Leakage Current
IGSS
VGS = ±20V, VDS = 0V
-
-
±100
nA
VGS = 10V, ID = 15A
-
5.1
6.5
Drain-Source ON Resistance
RDS(ON)
VGS = 4.5V, ID = 12A
-
6.7
9.5
m
Forward Transconductance
gfs
VDS = 5V, ID = 15A
-
30
-
S
Dynamic Characteristics
Total Gate Charge
Qg(10V)
-
50.0
-
Gate-Source Charge
Qgs
-
4.2
-
Gate-Drain Charge
Qgd
VDS = 24V, ID = 15A,
VGS = 10V
-
15.0
-
nC
Input Capacitance
Ciss
-
2220
-
Reverse Transfer Capacitance
Crss
-
400
-
Output Capacitance
Coss
VDS = 10V, VGS = 0V,
f = 1.0MHz
-
581
-
pF
Turn-On Delay Time
td(on)
-
12.5
-
Rise Time
tr
-
22.0
-
Turn-Off Delay Time
td(off)
-
77.5
-
Fall Time
tf
VGS = 10V, VDD = 15V,
ID = 6.5A, RG = 4.7
-
72.0
-
ns
Drain-Source Body Diode Characteristics
Source-Drain Diode Forward Voltage
VSD
IS = 15A, VGS = 0V
-
0.78
1.0
V
Note :
1. Surface mounted RF4 board with 2oz. Copper.
2. Starting TJ = 25°C, L = 1mH, IAS = 14A VDD = 15V, VGS = 10V.


Similar Part No. - MDS1652

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS1651 MGCHIP-MDS1651 Datasheet
647Kb / 6P
   Single N-Channel Trench MOSFET 30V, 11.6A, 17m(ohm)
MDS1651RH MGCHIP-MDS1651RH Datasheet
647Kb / 6P
   Single N-Channel Trench MOSFET 30V, 11.6A, 17m(ohm)
MDS1653 MGCHIP-MDS1653 Datasheet
750Kb / 6P
   Single N-Channel Trench MOSFET 30V, 12A, 12m(ohm)
MDS1653URH MGCHIP-MDS1653URH Datasheet
750Kb / 6P
   Single N-Channel Trench MOSFET 30V, 12A, 12m(ohm)
MDS1654 MGCHIP-MDS1654 Datasheet
735Kb / 6P
   Single N-Channel Trench MOSFET 30V, 15A, 9.5m(ohm)
More results

Similar Description - MDS1652

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS1525 MGCHIP-MDS1525 Datasheet
670Kb / 5P
   Single N-channel Trench MOSFET 30V, 16.9A, 10.1m(ohm)
MDU1515 MGCHIP-MDU1515 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 57.4A, 7.2m(ohm)
MDU1518 MGCHIP-MDU1518 Datasheet
764Kb / 6P
   Single N-channel Trench MOSFET 30V, 94.5A, 4.2m(ohm)
MDV1523 MGCHIP-MDV1523 Datasheet
858Kb / 6P
   Single N-channel Trench MOSFET 30V, 24A, 6.1m(ohm)
MDS1653 MGCHIP-MDS1653 Datasheet
750Kb / 6P
   Single N-Channel Trench MOSFET 30V, 12A, 12m(ohm)
MDS1524 MGCHIP-MDS1524 Datasheet
667Kb / 5P
   Single N-channel Trench MOSFET 30V, 19.3A, 8.1m(ohm)
MDV1595S MGCHIP-MDV1595S Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 36.1A, 10.7m(ohm)
MDS1526 MGCHIP-MDS1526 Datasheet
670Kb / 5P
   Single N-channel Trench MOSFET 30V, 16.1A, 11.0m(ohm)
MDU1512 MGCHIP-MDU1512 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 100.0A, 3.4m(ohm)
MDU1517 MGCHIP-MDU1517 Datasheet
751Kb / 6P
   Single N-channel Trench MOSFET 30V, 100.0A, 2.9m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com