Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS1652RP Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # MDS1652RP
Description  Single N-Channel Trench MOSFET 30V, 17A, 6.5m(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS1652RP Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MDS1652RP Datasheet HTML 1Page - MagnaChip Semiconductor. MDS1652RP Datasheet HTML 2Page - MagnaChip Semiconductor. MDS1652RP Datasheet HTML 3Page - MagnaChip Semiconductor. MDS1652RP Datasheet HTML 4Page - MagnaChip Semiconductor. MDS1652RP Datasheet HTML 5Page - MagnaChip Semiconductor. MDS1652RP Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
December 2008. Version 1.1
MagnaChip Semiconductor Ltd
.
4
Fig.7 Gate Charge Characteristics
Fig.8 Capacitance Characteristics
Fig.9 Maximum Safe Operating
Area
Fig.10 Maximum Drain Current
Vs. Case Temperature
0
5
10
15
20
25
30
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
3200
3400
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
0
2
4
6
8
10
12
14
16
18
20
T
C, Case Temperature [
]
Fig.11 Transient Thermal Response
Curve
1E-5
1E-4
1E-3
0.01
0.1
1
10
100
1000
1E-3
0.01
0.1
1
10
Notes :
Duty Factor, D=t
1/t2
PEAK T
J = PDM * Zθ JA* Rθ JA
(t) + T
A
R
Θ JA
=40 /W
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Rectangular Pulse Duration [sec]
0
10
20
30
40
50
0
2
4
6
8
10
Note : I
D = 15A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
10 us
1s
100 ms
DC
10 ms
1 ms
Operation in This Area
is Limited by R
DS(on)
Single Pulse
R
θ JA
=40
/W
T
a=25
V
DS, Drain-Source Voltage [V]


Similar Part No. - MDS1652RP

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS1651 MGCHIP-MDS1651 Datasheet
647Kb / 6P
   Single N-Channel Trench MOSFET 30V, 11.6A, 17m(ohm)
MDS1651RH MGCHIP-MDS1651RH Datasheet
647Kb / 6P
   Single N-Channel Trench MOSFET 30V, 11.6A, 17m(ohm)
MDS1653 MGCHIP-MDS1653 Datasheet
750Kb / 6P
   Single N-Channel Trench MOSFET 30V, 12A, 12m(ohm)
MDS1653URH MGCHIP-MDS1653URH Datasheet
750Kb / 6P
   Single N-Channel Trench MOSFET 30V, 12A, 12m(ohm)
MDS1654 MGCHIP-MDS1654 Datasheet
735Kb / 6P
   Single N-Channel Trench MOSFET 30V, 15A, 9.5m(ohm)
More results

Similar Description - MDS1652RP

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS1525 MGCHIP-MDS1525 Datasheet
670Kb / 5P
   Single N-channel Trench MOSFET 30V, 16.9A, 10.1m(ohm)
MDU1515 MGCHIP-MDU1515 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 57.4A, 7.2m(ohm)
MDU1518 MGCHIP-MDU1518 Datasheet
764Kb / 6P
   Single N-channel Trench MOSFET 30V, 94.5A, 4.2m(ohm)
MDV1523 MGCHIP-MDV1523 Datasheet
858Kb / 6P
   Single N-channel Trench MOSFET 30V, 24A, 6.1m(ohm)
MDS1653 MGCHIP-MDS1653 Datasheet
750Kb / 6P
   Single N-Channel Trench MOSFET 30V, 12A, 12m(ohm)
MDS1524 MGCHIP-MDS1524 Datasheet
667Kb / 5P
   Single N-channel Trench MOSFET 30V, 19.3A, 8.1m(ohm)
MDV1595S MGCHIP-MDV1595S Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 36.1A, 10.7m(ohm)
MDS1526 MGCHIP-MDS1526 Datasheet
670Kb / 5P
   Single N-channel Trench MOSFET 30V, 16.1A, 11.0m(ohm)
MDU1512 MGCHIP-MDU1512 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 100.0A, 3.4m(ohm)
MDU1517 MGCHIP-MDU1517 Datasheet
751Kb / 6P
   Single N-channel Trench MOSFET 30V, 100.0A, 2.9m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com