Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS1653URH Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MDS1653URH
Description  Single N-Channel Trench MOSFET 30V, 12A, 12m(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS1653URH Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MDS1653URH Datasheet HTML 1Page - MagnaChip Semiconductor. MDS1653URH Datasheet HTML 2Page - MagnaChip Semiconductor. MDS1653URH Datasheet HTML 3Page - MagnaChip Semiconductor. MDS1653URH Datasheet HTML 4Page - MagnaChip Semiconductor. MDS1653URH Datasheet HTML 5Page - MagnaChip Semiconductor. MDS1653URH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Feb. 2011. Version 1.1
MagnaChip Semiconductor Ltd.
2
Ordering Information
Part Number
Temp. Range
Package
Packing
ROHS Status
MDS1653URH
-55~150
oC
SOIC-8
Tape & Reel
Halogen Free
Electrical Characteristics (Ta =25oC)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
ID = 250μA, VGS = 0V
30
-
-
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250μA
1.0
1.9
3.0
Drain Cut-Off Current
IDSS
VDS = 30V, VGS = 0V
-
-
1
μA
Gate Leakage Current
IGSS
VGS = ±20V, VDS = 0V
-
-
±0.1
Drain-Source ON Resistance
RDS(ON)
VGS = 10V, ID = 12A
-
8.5
12.0
mΩ
VGS = 4.5V, ID = 10A
-
12.0
17.5
Forward Transconductance
gfs
VDS = 5V, ID = 12A
-
19
-
S
Dynamic Characteristics
Total Gate Charge
Qg(10V)
VDS = 15V, ID = 12A,
VGS = 10V
17.5
-
nC
Total Gate Charge
Qg(4.5V)
9.0
-
Gate-Source Charge
Qgs
-
3.0
-
Gate-Drain Charge
Qgd
-
3.5
-
Input Capacitance
Ciss
VDS = 15V, VGS = 0V,
f = 1.0MHz
-
956
pF
Reverse Transfer Capacitance
Crss
-
108
Output Capacitance
Coss
-
190
Turn-On Delay Time
td(on)
VGS = 10V, VDS = 15V,
RL = 3Ω, RG = 3Ω
-
7.2
-
ns
Rise Time
tr
-
23.6
-
Turn-Off Delay Time
td(off)
-
25.2
-
Fall Time
tf
-
10.6
-
Drain-Source Body Diode Characteristics
Source-Drain Diode Forward Voltage
VSD
IS = 1A, VGS = 0V
-
0.72
1.0
V
Body Diode Reverse Recovery Time
trr
IF = 12A, dl/dt = 100A/μs
-
19
21
ns
Body Diode Reverse Recovery Charge
Qrr
-
9
12
nC
Note :
1. Surface mounted FR-4 board with 2oz. Copper.
2. Starting TJ = 25°C, L = 1mH, IAS = 10A, VDD = 15V, VGS = 10V.


Similar Part No. - MDS1653URH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS1651 MGCHIP-MDS1651 Datasheet
647Kb / 6P
   Single N-Channel Trench MOSFET 30V, 11.6A, 17m(ohm)
MDS1651RH MGCHIP-MDS1651RH Datasheet
647Kb / 6P
   Single N-Channel Trench MOSFET 30V, 11.6A, 17m(ohm)
MDS1652 MGCHIP-MDS1652 Datasheet
705Kb / 6P
   Single N-Channel Trench MOSFET 30V, 17A, 6.5m(ohm)
MDS1652RH MGCHIP-MDS1652RH Datasheet
705Kb / 6P
   Single N-Channel Trench MOSFET 30V, 17A, 6.5m(ohm)
MDS1652RP MGCHIP-MDS1652RP Datasheet
705Kb / 6P
   Single N-Channel Trench MOSFET 30V, 17A, 6.5m(ohm)
More results

Similar Description - MDS1653URH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS3603 MGCHIP-MDS3603 Datasheet
700Kb / 7P
   Single P-Channel Trench MOSFET, -30V, -12A, 10.1m(ohm)
MDF1903 MGCHIP-MDF1903 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 100V, 12A, 110m(ohm)
MDV1951B MGCHIP-MDV1951B Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 60V, 12A, 45m(ohm)
MDS1525 MGCHIP-MDS1525 Datasheet
670Kb / 5P
   Single N-channel Trench MOSFET 30V, 16.9A, 10.1m(ohm)
MDU1515 MGCHIP-MDU1515 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 57.4A, 7.2m(ohm)
MDU1518 MGCHIP-MDU1518 Datasheet
764Kb / 6P
   Single N-channel Trench MOSFET 30V, 94.5A, 4.2m(ohm)
MDV1523 MGCHIP-MDV1523 Datasheet
858Kb / 6P
   Single N-channel Trench MOSFET 30V, 24A, 6.1m(ohm)
MDS1524 MGCHIP-MDS1524 Datasheet
667Kb / 5P
   Single N-channel Trench MOSFET 30V, 19.3A, 8.1m(ohm)
MDV1595S MGCHIP-MDV1595S Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 36.1A, 10.7m(ohm)
MDS1526 MGCHIP-MDS1526 Datasheet
670Kb / 5P
   Single N-channel Trench MOSFET 30V, 16.1A, 11.0m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com