Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS1654URH Datasheet(PDF) 6 Page - MagnaChip Semiconductor.

Part # MDS1654URH
Description  Single N-Channel Trench MOSFET 30V, 15A, 9.5m(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS1654URH Datasheet(HTML) 6 Page - MagnaChip Semiconductor.

  MDS1654URH Datasheet HTML 1Page - MagnaChip Semiconductor. MDS1654URH Datasheet HTML 2Page - MagnaChip Semiconductor. MDS1654URH Datasheet HTML 3Page - MagnaChip Semiconductor. MDS1654URH Datasheet HTML 4Page - MagnaChip Semiconductor. MDS1654URH Datasheet HTML 5Page - MagnaChip Semiconductor. MDS1654URH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Feb. 2011. Version 1.1
MagnaChip Semiconductor Ltd.
6
DISCLAIMER:
The Products are not designed for use in hostile environments, including, without limitation, aircraft, nuclear power
generation, medical appliances, and devices or systems in which malfunction of any Product can reasonably be
expected to result in a personal injury. Seller’s customers using or selling Seller’s products for use in such
applications do so at their own risk and agree to fully defend and indemnify Seller.
MagnaChip reserves the right to change the specifications and circuitry without notice at any time. MagnaChip does not consider responsibility
for use of any circuitry other than circuitry entirely included in a MagnaChip product.
is a registered trademark of MagnaChip
Semiconductor Ltd.


Similar Part No. - MDS1654URH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS1651 MGCHIP-MDS1651 Datasheet
647Kb / 6P
   Single N-Channel Trench MOSFET 30V, 11.6A, 17m(ohm)
MDS1651RH MGCHIP-MDS1651RH Datasheet
647Kb / 6P
   Single N-Channel Trench MOSFET 30V, 11.6A, 17m(ohm)
MDS1652 MGCHIP-MDS1652 Datasheet
705Kb / 6P
   Single N-Channel Trench MOSFET 30V, 17A, 6.5m(ohm)
MDS1652RH MGCHIP-MDS1652RH Datasheet
705Kb / 6P
   Single N-Channel Trench MOSFET 30V, 17A, 6.5m(ohm)
MDS1652RP MGCHIP-MDS1652RP Datasheet
705Kb / 6P
   Single N-Channel Trench MOSFET 30V, 17A, 6.5m(ohm)
More results

Similar Description - MDS1654URH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDA0336E MGCHIP-MDA0336E Datasheet
673Kb / 5P
   Common-Drain N-Channel Trench MOSFET 30V, 9A, 9.5m(ohm)
MDS1101 MGCHIP-MDS1101 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 12V, 15A, 8m(ohm)
MDS1525 MGCHIP-MDS1525 Datasheet
670Kb / 5P
   Single N-channel Trench MOSFET 30V, 16.9A, 10.1m(ohm)
MDU1515 MGCHIP-MDU1515 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 57.4A, 7.2m(ohm)
MDU1518 MGCHIP-MDU1518 Datasheet
764Kb / 6P
   Single N-channel Trench MOSFET 30V, 94.5A, 4.2m(ohm)
MDV1523 MGCHIP-MDV1523 Datasheet
858Kb / 6P
   Single N-channel Trench MOSFET 30V, 24A, 6.1m(ohm)
MDS1653 MGCHIP-MDS1653 Datasheet
750Kb / 6P
   Single N-Channel Trench MOSFET 30V, 12A, 12m(ohm)
MDS1524 MGCHIP-MDS1524 Datasheet
667Kb / 5P
   Single N-channel Trench MOSFET 30V, 19.3A, 8.1m(ohm)
MDV1595S MGCHIP-MDV1595S Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 36.1A, 10.7m(ohm)
MDS1526 MGCHIP-MDS1526 Datasheet
670Kb / 5P
   Single N-channel Trench MOSFET 30V, 16.1A, 11.0m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com