Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS3604URH Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # MDS3604URH
Description  Single P-Channel Trench MOSFET, -30V, -11A, 12.1m(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS3604URH Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MDS3604URH Datasheet HTML 1Page - MagnaChip Semiconductor. MDS3604URH Datasheet HTML 2Page - MagnaChip Semiconductor. MDS3604URH Datasheet HTML 3Page - MagnaChip Semiconductor. MDS3604URH Datasheet HTML 4Page - MagnaChip Semiconductor. MDS3604URH Datasheet HTML 5Page - MagnaChip Semiconductor. MDS3604URH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
May. 2011 Version 1.1
MagnaChip Semiconductor Ltd
.
4
Fig.7 Gate Charge Characteristics
Fig.8 Capacitance Characteristics
Fig.9 Maximum Safe Operating Area
Fig.10 Maximum Drain
Current vs.
Ambient Temperature
Fig.11 Transient Thermal Response Curve
0
5
10
15
20
25
30
0.0
500.0p
1.0n
1.5n
2.0n
2.5n
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
-V
DS [V]
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
100 us
1 ms
100s
10s
1s
100 ms
DC
10 ms
Operation in This Area
is Limited by R
DS(on)
Single Pulse
R
θ ja
=50
/W
T
a=25
-V
DS [V]
25
50
75
100
125
150
0
2
4
6
8
10
12
14
16
T
a [
]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
* Notes :
Duty Factor, D=t
1/t2
PEAK T
J = PDM * Zθ JA* Rθ JA
(t) + T
A
R
Θ JA
=50 /W
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Rectangular Pulse Duration [s]
0
10
20
30
40
0
2
4
6
8
10
* Note :V
DS = -15V
I
D = -12A
-Q
g [nC]


Similar Part No. - MDS3604URH

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MDS3604URH VBSEMI-MDS3604URH Datasheet
991Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - MDS3604URH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDV3604 MGCHIP-MDV3604 Datasheet
1Mb / 6P
   Single P-Channel Trench MOSFET, -30V, -20A, 12.1m(ohm)
MDS3652 MGCHIP-MDS3652 Datasheet
906Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -11A, 17m(ohm)
MDS1655 MGCHIP-MDS1655 Datasheet
684Kb / 6P
   Single N-channel Trench MOSFET 30V, 11A, 17.5m(ohm)
MDS3651 MGCHIP-MDS3651 Datasheet
852Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -6.0A, 35m(ohm)
MDU3605 MGCHIP-MDU3605 Datasheet
767Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -35.6A, 17.0m(ohm)
MDU3601 MGCHIP-MDU3601 Datasheet
1,021Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -85A, 2.9m(ohm)
MDS3603 MGCHIP-MDS3603 Datasheet
700Kb / 7P
   Single P-Channel Trench MOSFET, -30V, -12A, 10.1m(ohm)
MDU3603 MGCHIP-MDU3603 Datasheet
738Kb / 7P
   Single P-Channel Trench MOSFET, -30V, -67A, 9.1m(ohm)
MDV3605 MGCHIP-MDV3605 Datasheet
1Mb / 6P
   Single P-Channel Trench MOSFET, -30V, -20A, 18.0m(ohm)
MDS3653 MGCHIP-MDS3653 Datasheet
719Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -14.6A, 7m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com