Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M383L6523BTS-A2 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # M383L6523BTS-A2
Description  DDR SDRAM Registered Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M383L6523BTS-A2 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button M383L6523BTS-A2 Datasheet HTML 3Page - Samsung semiconductor M383L6523BTS-A2 Datasheet HTML 4Page - Samsung semiconductor M383L6523BTS-A2 Datasheet HTML 5Page - Samsung semiconductor M383L6523BTS-A2 Datasheet HTML 6Page - Samsung semiconductor M383L6523BTS-A2 Datasheet HTML 7Page - Samsung semiconductor M383L6523BTS-A2 Datasheet HTML 8Page - Samsung semiconductor M383L6523BTS-A2 Datasheet HTML 9Page - Samsung semiconductor M383L6523BTS-A2 Datasheet HTML 10Page - Samsung semiconductor M383L6523BTS-A2 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DDR SDRAM
512MB, 1GB, 2GB TSOP Registered DIMM
Revison 1.0 December, 2003
1GB, 128M x 72 ECC Module (M383(12)L2920BTS) (Populated as 1 bank of x4 DDR SDRAM Module)
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DQS0
DQ12
DQ13
DQ14
DQ8
DQ9
DQ10
DQ11
DQS9
DQ20
DQ21
DQ22
DQ23
DQ16
DQ17
DQ18
DQ19
DQS11
DQ28
DQ29
DQ30
DQ31
DQ24
DQ25
DQ26
DQ27
DQS12
DQ36
DQ37
DQ38
DQ39
DQ32
DQ33
DQ34
DQ35
DQS13
DQ44
DQ45
DQ46
DQ47
DQ40
DQ41
DQ42
DQ43
DQS14
DQ52
DQ53
DQ54
DQ55
DQ48
DQ49
DQ50
DQ51
DQ60
DQ61
DQ62
DQ63
DQ56
DQ57
DQ58
DQ59
DQS16
RCS0
DQS4
DQS1
DQS5
DQS2
DQS3
DQS15
DQS6
DQS7
DQ15
CB4
CB5
CB6
CB7
CB0
CB1
CB2
CB3
DQS8
DQS17
Notes:
1. DQ-to-I/O wiring is shown as recom-
mended but may be changed.
2. DQ/DQS/DM/CKE/S relationships must
be maintained as shown.
3. DQ, DQS, DM resistors: 22 Ohms.
RAS
CAS
CKE0
BA0-BA1
A0-A12
S0
RS0_2
RS0_1
RBA0 - RBA1
RA0 - RA12
RRAS
RCAS
RCKE0A
RWE
RCKE0B
BA0 -BA1 : SDRAMs DQ0 - D17
A0 -A12 : SDRAMs D0 - D17
RAS : SDRAMs D0 - D17
CAS : SDRAMs DQ0 - D17
CKE : SDRAMs D0 - D8
CKE : SDRAMs D9 - D17
WE: SDRAMs D0 - D17
R
E
G
I
S
T
E
R
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D8
CS
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D0
CS
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D1
CS
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D2
CS
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D3
CS
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D4
CS
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D5
CS
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D6
CS
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D7
CS
DM
VSS
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D17
CS
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D9
CS
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D10
CS
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D11
CS
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D12
CS
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D13
CS
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D14
CS
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D15
CS
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D16
CS
DM
DQS10
RESET
PCK
PCK
WE
PLL*
CK0,CK0
* Wire per Clock Loading table/wiring Diagrams
A0
Serial PD
A1
A2
SA0
SA1
SA2
SCL
SDA
WP
VSS
D0 - D17
D0 - D17
VDD/VDDQ
D0 - D17
D0 - D17
VREF
Strap: see Note 4
VDDSPD
SPD
(DM0)
(DM1)
(DM2)
(DM3)
(DM4)
(DM5)
(DM6)
(DM7)
(DM8)
Functional Block Diagram


Similar Part No. - M383L6523BTS-A2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M383L6420ETS SAMSUNG-M383L6420ETS Datasheet
448Kb / 23P
   DDR SDRAM Registered Module
M383L6423ETS SAMSUNG-M383L6423ETS Datasheet
448Kb / 23P
   DDR SDRAM Registered Module
More results

Similar Description - M383L6523BTS-A2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M312L2920BG0 SAMSUNG-M312L2920BG0 Datasheet
274Kb / 18P
   DDR SDRAM Registered Module
M383L3223ETS SAMSUNG-M383L3223ETS Datasheet
448Kb / 23P
   DDR SDRAM Registered Module
logo
List of Unclassifed Man...
NT256D72S89AKGU ETC1-NT256D72S89AKGU Datasheet
964Kb / 15P
   184pin Low Profile Registered DDR SDRAM MODULE
logo
White Electronic Design...
W3E32M72SR-XSBX WEDC-W3E32M72SR-XSBX Datasheet
717Kb / 19P
   32Mx72 REGISTERED DDR SDRAM
logo
Hynix Semiconductor
HYMD132G725BL8-M HYNIX-HYMD132G725BL8-M Datasheet
259Kb / 17P
   Registered DDR SDRAM DIMM
HYMD232G726A8-M HYNIX-HYMD232G726A8-M Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A4-M HYNIX-HYMD264G726A4-M Datasheet
262Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A8-M HYNIX-HYMD264G726A8-M Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726B4-M HYNIX-HYMD264G726B4-M Datasheet
234Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726C4-M HYNIX-HYMD264G726C4-M Datasheet
323Kb / 16P
   Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com