Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS3754ARH Datasheet(PDF) 6 Page - MagnaChip Semiconductor.

Part # MDS3754ARH
Description  P-Channel Trench MOSFET, -40V, -6.0A, 45m(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS3754ARH Datasheet(HTML) 6 Page - MagnaChip Semiconductor.

  MDS3754ARH Datasheet HTML 1Page - MagnaChip Semiconductor. MDS3754ARH Datasheet HTML 2Page - MagnaChip Semiconductor. MDS3754ARH Datasheet HTML 3Page - MagnaChip Semiconductor. MDS3754ARH Datasheet HTML 4Page - MagnaChip Semiconductor. MDS3754ARH Datasheet HTML 5Page - MagnaChip Semiconductor. MDS3754ARH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
June 2009. Version 1.0
MagnaChip Semiconductor Ltd.
6
Worldwide Sales Support Locations
U.S.A
Sunnyvale Office
787 N. Mary Ave. Sunnyvale
CA 94085 U.S.A
Tel : 1-408-636-5200
Fax : 1-408-213-2450
E-Mail : usasales@magnachip.com
U.K
Knyvett House The Causeway,
Staines Middx, TW18 3BA,U.K.
Tel : +44 (0) 1784-895-000
Fax : +44 (0) 1784-895-115
E-Mail : uksales@magnachip.com
Japan
Osaka Office
3F, Shin-Osaka MT-2 Bldg 3-5-36
Miyahara Yodogawa-Ku
Osaka, 532-0003 Japan
Tel : 81-6-6394-9160
Fax : 81-6-6394-9150
E-Mail : osakasales@magnachip.com
Taiwan R.O.C
2F, No.61, Chowize Street, Nei Hu
Taipei,114 Taiwan R.O.C
Tel : 886-2-2657-7898
Fax : 886-2-2657-8751
E-Mail : taiwansales@magnachip.com
China
Hong Kong Office
Suite 1024, Ocean Centre 5 Canton Road,
Tsim Sha Tsui Kowloon, Hong Kong
Tel : 852-2828-9700
Fax : 852-2802-8183
E-Mail : chinasales@magnachip.com
Shenzhen Office
Room 1803, 18/F
International Chamber of Commerce Tower
Fuhua Road3 CBD, Futian District, China
Tel : 86-755-8831-5561
Fax : 86-755-8831-5565
E-Mail : chinasales@magnachip.com
Shanghai Office
Room E, 8/F, Liaoshen International Building 1068
Wuzhong Road, (C) 201103
Shanghai, China
Tel : 86-21-6405-1521
Fax : 86-21-6505-1523
E-Mail : chinasales@magnachip.com
Korea
891, Daechi-Dong, Kangnam-Gu
Seoul, 135-738 Korea
Tel : 82-2-6903-3451
Fax : 82-2-6903-3668 ~9
Email : koreasales@magnachip.com
DISCLAIMER:
The Products are not designed for use in hostile environments, including, without limitation, aircraft, nuclear power
generation, medical appliances, and devices or systems in which malfunction of any Product can reasonably be
expected to result in a personal injury.
Seller’s customers using or selling Seller’s products for use in such
applications do so at their own risk and agree to fully defend and indemnify Seller.
MagnaChip reserves the right to change the specifications and circuitry without notice at any time. MagnaChip does not consider responsibility
for use of any circuitry other than circuitry entirely included in a MagnaChip product.
is a registered trademark of MagnaChip
Semiconductor Ltd.


Similar Part No. - MDS3754ARH

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MDS3754ARH VBSEMI-MDS3754ARH Datasheet
1,003Kb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

Similar Description - MDS3754ARH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS3651 MGCHIP-MDS3651 Datasheet
852Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -6.0A, 35m(ohm)
MDS3753E MGCHIP-MDS3753E Datasheet
798Kb / 6P
   P-Channel Trench MOSFET, -40V, -7.1A, 30m(ohm)
MDF3752 MGCHIP-MDF3752 Datasheet
1Mb / 6P
   P-Channel Trench MOSFET, -40V, -36.5A, 17m(ohm)
MDD3752 MGCHIP-MDD3752 Datasheet
782Kb / 6P
   P-Channel Trench MOSFET, -40V, -43A, 17m(ohm)
MDD3754 MGCHIP-MDD3754 Datasheet
688Kb / 6P
   P-Channel Trench MOSFET, -40V, -24.4A, 43m(ohm)
MDD3752A MGCHIP-MDD3752A Datasheet
897Kb / 6P
   P-Channel Trench MOSFET, -40V, -43A, 17m(ohm)
MDS1951 MGCHIP-MDS1951 Datasheet
813Kb / 6P
   Single N-Channel Trench MOSFET 60V, 6A, 45m(ohm)
MDV1951B MGCHIP-MDV1951B Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 60V, 12A, 45m(ohm)
logo
Fairchild Semiconductor
FDD4685 FAIRCHILD-FDD4685 Datasheet
402Kb / 6P
   40V P-Channel PowerTrench MOSFET -40V -32A 27m ohm
logo
MagnaChip Semiconductor...
MDF1752 MGCHIP-MDF1752 Datasheet
1Mb / 6P
   N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com