Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS5951 Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDS5951
Description  Dual N-Channel Trench MOSFET 60V, 4.5A, 50m(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS5951 Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDS5951 Datasheet HTML 1Page - MagnaChip Semiconductor. MDS5951 Datasheet HTML 2Page - MagnaChip Semiconductor. MDS5951 Datasheet HTML 3Page - MagnaChip Semiconductor. MDS5951 Datasheet HTML 4Page - MagnaChip Semiconductor. MDS5951 Datasheet HTML 5Page - MagnaChip Semiconductor. MDS5951 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
February 2010. Version2.0
MagnaChip Semiconductor Ltd
.
1
Absolute Maximum Ratings (TA =25
oC unless otherwise noted)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
TA=25
oC
4.5
A
Continuous Drain Current
(Note 4)
TA=70
oC
ID
3.6
A
Pulsed Drain Current
(Note 3)
IDM
20
A
TA=25
oC
2.0
Power Dissipation for Single Operation (Note 2)
TA=70
oC
PD
1.28
W
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient (Steady-State)
(Note 1)
RθJA
62.5
Thermal Resistance, Junction-to-Case
RθJC
34.0
oC/W
MDS5951
Dual N-Channel Trench MOSFET 60V, 4.5A, 50m
General Description
The MDS5951 uses advanced Magnachip’s
MOSFET Technology, which provides low on-state
resistance, high switching performance and
excellent reliability.
Applications
Inverters
General purpose applications
Features
VDS = 60V
ID = 4.5A @VGS = 10V
RDS(ON)
< 50m
@ VGS = 10V
< 60m
@ VGS = 4.5V
1(S1)
2(G1)
3(S2)
4(G2)
8(D1)
7(D1)
6(D2)
5(D2)
D1
G1
S1
D2
G2
S2


Similar Part No. - MDS5951

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MDS5951URH VBSEMI-MDS5951URH Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - MDS5951

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDU06N031 MGCHIP-MDU06N031 Datasheet
975Kb / 6P
   Single N-channel Trench MOSFET 60V, 100A, 3.1m(ohm)
MDP06N033 MGCHIP-MDP06N033 Datasheet
997Kb / 6P
   Single N-channel Trench MOSFET 60V, 120A, 3.3m(ohm)
MDD1951 MGCHIP-MDD1951 Datasheet
929Kb / 6P
   Single N-Channel Trench MOSFET 60V, 17.9A, 45.0m(ohm)
MDS1951 MGCHIP-MDS1951 Datasheet
813Kb / 6P
   Single N-Channel Trench MOSFET 60V, 6A, 45m(ohm)
MDP06N090 MGCHIP-MDP06N090 Datasheet
949Kb / 6P
   Single N-channel Trench MOSFET 60V, 62A, 9.0m(ohm)
MDV1951B MGCHIP-MDV1951B Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 60V, 12A, 45m(ohm)
MDD06N100 MGCHIP-MDD06N100 Datasheet
958Kb / 6P
   Single N-channel Trench MOSFET 60V, 50A, 10m(ohm)
MDU06N110 MGCHIP-MDU06N110 Datasheet
973Kb / 6P
   Single N-channel Trench MOSFET 60V, 52A, 11.0m(ohm)
logo
SemiHow Co.,Ltd.
HRLF43N06H SEMIHOW-HRLF43N06H Datasheet
538Kb / 7P
   60V N-Channel Trench MOSFET
HRLO60N06H SEMIHOW-HRLO60N06H Datasheet
574Kb / 8P
   60V N-Channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com