Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS9651URH Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDS9651URH
Description  Complementary N-P Channel Trench MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS9651URH Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDS9651URH Datasheet HTML 1Page - MagnaChip Semiconductor. MDS9651URH Datasheet HTML 2Page - MagnaChip Semiconductor. MDS9651URH Datasheet HTML 3Page - MagnaChip Semiconductor. MDS9651URH Datasheet HTML 4Page - MagnaChip Semiconductor. MDS9651URH Datasheet HTML 5Page - MagnaChip Semiconductor. MDS9651URH Datasheet HTML 6Page - MagnaChip Semiconductor. MDS9651URH Datasheet HTML 7Page - MagnaChip Semiconductor. MDS9651URH Datasheet HTML 8Page - MagnaChip Semiconductor. MDS9651URH Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
January 2009. Version 1.0
MagnaChip Semiconductor Ltd
.
1
Absolute Maximum Ratings (Ta =25
oC unless otherwise noted)
Rating
Characteristics
Symbol
N-Ch
P-Ch
Unit
Drain-Source Voltage
VDSS
30
-30
V
Gate-Source Voltage
VGSS
±20
±20
V
Ta=25
oC
6.9
-6.0
A
Continuous Drain Current
Ta=100
oC
ID
4.3
-4.1
A
Pulsed Drain Current
IDM
30
-30
A
Ta=25
oC
2
2
Power Dissipation
(1)
Ta=100
oC
PD
0.8
0.8
W
Single Pulse Avalanche Energy
(2)
EAS
18
60.5
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
Thermal Characteristics
Characteristics
Device
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient(Steady-State)
(1)
N-Ch
RθJA
62.5
Thermal Resistance, Junction-to-Case
N-Ch
RθJC
60
Thermal Resistance, Junction-to-Ambient(Steady-State)
(1)
P-Ch
RθJA
62.5
Thermal Resistance, Junction-to-Case
P-Ch
RθJC
40
oC/W
1(S1)
2(G1)
3(S2)
4(G2)
6(D2)
7(D1)
MDS9651
Complementary N-P Channel Trench MOSFET
General Description
The
MDS9651
uses
advanced
MagnaChip’s
MOSFET
Technology
to
provide
low
on-state
resistance, high switching performance and excellent
reliability
Features
N-Channel
P-Channel
VDS = 30V
VDS = -30V
ID = 6.9A @ VGS = 10V
ID = -6.0A @ VGS = -10V
RDS(ON)
RDS(ON)
<28mΩ
@ VGS = 10V
<35mΩ
@ VGS = -10V
<42mΩ
@ VGS = 4.5V
<55mΩ
@ VGS = -4.5V
Applications
Inverters
General purpose applications
D1
G1
S1
D2
G2
S2
5(D2)
8(D1)


Similar Part No. - MDS9651URH

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MDS9651URH VBSEMI-MDS9651URH Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - MDS9651URH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS9652E MGCHIP-MDS9652E Datasheet
1Mb / 9P
   Complementary N-P Channel Trench MOSFET
logo
NXP Semiconductors
PMCXB900UE NXP-PMCXB900UE Datasheet
324Kb / 20P
   20 V, complementary N/P-channel Trench MOSFET
7 October 2013
logo
Nexperia B.V. All right...
PMCXB900UE NEXPERIA-PMCXB900UE Datasheet
794Kb / 20P
   20 V, complementary N/P-channel Trench MOSFET
30 June 2015
PMCXB290UE NEXPERIA-PMCXB290UE Datasheet
372Kb / 19P
   20 V, complementary N/P-channel Trench MOSFET
30 May 2023
logo
NXP Semiconductors
PMCXB900UE PHILIPS-PMCXB900UE_15 Datasheet
320Kb / 20P
   20 V, complementary N/P-channel Trench MOSFET
30 June 2015
logo
Nexperia B.V. All right...
PMCXB900UEL NEXPERIA-PMCXB900UEL Datasheet
801Kb / 21P
   20 V, complementary N/P-channel Trench MOSFET
PMCXB1000UE NEXPERIA-PMCXB1000UE Datasheet
782Kb / 20P
   30 V, complementary N/P-channel Trench MOSFET
logo
Fairchild Semiconductor
FDY4000CZ FAIRCHILD-FDY4000CZ Datasheet
451Kb / 9P
   Complementary N & P-Channel PowerTrench MOSFET
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY_V01 Datasheet
137Kb / 9P
   Complementary (N- and P-Channel) MOSFET
01-Jan-2022
logo
Fairchild Semiconductor
FDY4001CZ FAIRCHILD-FDY4001CZ Datasheet
366Kb / 9P
   Complementary N & P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com