Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS7838 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS7838
Description  SYNCHRONOUS TO ASYNCHRONOUS CONVERTER SAC CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS7838 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS7838 Datasheet HTML 1Page - Micro Analog systems MAS7838 Datasheet HTML 2Page - Micro Analog systems MAS7838 Datasheet HTML 3Page - Micro Analog systems MAS7838 Datasheet HTML 4Page - Micro Analog systems MAS7838 Datasheet HTML 5Page - Micro Analog systems MAS7838 Datasheet HTML 6Page - Micro Analog systems MAS7838 Datasheet HTML 7Page - Micro Analog systems MAS7838 Datasheet HTML 8Page - Micro Analog systems MAS7838 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DA7838.002
20 September, 2000
4 (9)
(/(&75,&$/ &+$5$&7(5,67,&6
Timings between synchronous clocks and data are shown below. Note that absolute delays depend on the speed of
the data transmission.
If pin TSL = 1 (Automatic synchronous sampling timing)
)81&7,216
u $V\QFKURQRXV WR V\QFKURQRXV FRQYHUWHU
The synchronous start-stop character, TDI (transmitter
data input), is read into the Tx buffer. When the
character is available the data bits are transferred as
TDO (transmitter data output) with the synchronous
timing signal TXC (transmitter clock). The bit rate of TDI
must be the same as the TDO rate within -2.5%...+1%
or -2.5%...+2.3% tolerance depending on XESR
(extended signalling rate) signal. The transmitter adds
extra stop bits to the synchronous data stream, if TDI is
slower than TDO. The over speed is handled by
deleting one stop bit in every 8th character at maximum
in the synchronous output data TDO. When extended
signal rate (XESR = 0) is used 4th stop bit may be
deleted. When the transmitter detects a break signal( at
least M bits of start polarity, where M is length of
character), it sends 2M + 3 bits of start - polarity to
TDO. If the break is longer than 2M + 3 bits, then all bits
are transferred to TDO. After a break signal, at least 2M
bits of stop polarity must be transmitted before sending
further data.
u 6\QFKURQRXV WR DV\QFKURQRXV FRQYHUWHU
The synchronous RDI (receiver data input) is buffered
to recognise the stop and start bits. If a missing stop bit
is detected, it is added to the RDO (receiver data
output). In this case the stop bits are shortened 12.5%
(25% if XESR = 0) during each character. When the
receiver gets at least 2M + 3 bits of start polarity, it does
not add stop bits to RDO. This enables the break signal
to go through the buffer.
uÃ&RQYHUWLQJ ZLWK KLJKHU VSHHG WLPLQJ
An alternative method to handle the over speed in
asynchronous data is to boost synchronous timing TXC
and RXC by 1-2%. In this mode XHST (higher speed
timing) = 0. In this case there is no need to delete any
stop bits in the transmitter buffer. The break signal goes
through unchanged. On the receiver side the
synchronous data, RDI, is transferred directly to the
asynchronous output RDO with RXC.
T
RXC
T2
T3
RXC
RDI
TXC
TDO
T
TXC
delay
T1


Similar Part No. - MAS7838

ManufacturerPart #DatasheetDescription
logo
Micronas
MAS7848L MICRONAS-MAS7848L Datasheet
378Kb / 5P
   RDS MODEM / MANCHESTER DECODER
MAS7848L44C MICRONAS-MAS7848L44C Datasheet
378Kb / 5P
   RDS MODEM / MANCHESTER DECODER
More results

Similar Description - MAS7838

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145428 LANSDALE-ML145428 Datasheet
1Mb / 14P
   Asynchronous-to-Synchronous and Synchronous-to-Asynchronous Converter
logo
Micro Analog systems
MAS9138 MAS-MAS9138 Datasheet
171Kb / 10P
   ASYNCHRONOUS TO SYNCHRONOUS CONVERTER
logo
Nippon Precision Circui...
SM8513 NPC-SM8513 Datasheet
329Kb / 13P
   Synchronous/Asynchronous Converter LSI
logo
Intersil Corporation
82C50A INTERSIL-82C50A_06 Datasheet
282Kb / 25P
   CMOS Asynchronous
logo
Renesas Technology Corp
82C50A RENESAS-82C50A Datasheet
985Kb / 25P
   CMOS Asynchronous
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
   CMOS ASYNCHRONOUS FIFO
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com