Electronic Components Datasheet Search |
|
CQ0603FPNPO8BN121 Datasheet(PDF) 9 Page - YAGEO Corporation |
|
CQ0603FPNPO8BN121 Datasheet(HTML) 9 Page - YAGEO Corporation |
9 / 12 page Surface-Mount Ceramic Multilayer Capacitors Product specification HiQ 16 V to 250 V NP0 9 www.yageo.com Jul. 5, 2016 V.13 TEST TEST METHOD PROCEDURE REQUIREMENTS Temperature coefficient 4.6 Capacitance shall be measured by the steps shown in the following table. The capacitance change should be measured after 5 min at each specified temperature stage. Step Temperature(℃) a 25± 2 b Lower temperature± 3℃ c 25± 2 d Upper Temperature± 2℃ e 25± 2 (1) Class I Temperature Coefficient shall be calculated from the formula as below Temp, Coefficient = 6 10 T x C1 C1 - C2 Δ [ppm/℃] C1: Capacitance at step c C2: Capacitance at 125℃ ∆T: 100℃(=125℃-25℃) Class1: ∆ C/C: ± 30ppm Adhesion 4.7 A force applied for 10 seconds to the line joining the terminations and in a plane parallel to the substrate Force size ≥ 0603: 5N size = 0402: 2.5N size = 0201: 1N Bond strength of plating on end face 4.8 Mounting in accordance with IEC 60384-22 paragraph 4.3 No visible damage Conditions: bending 1 mm at a rate of 1 mm/s, radius jig 5 mm ∆C/C NP0: within ± 1% or 0.5 pF whichever is greater ESR (≤50V) Measuring frequency: 1 ± 0.2GHz at room temperature. 0.2pF ≤ C ≤ 1pF :350mΩ max 1pF < C ≤ 5pF :300mΩ max 5pF < C ≤ 10pF :250mΩ max Measuring frequency: 500 ± 50MHz at room temperature. 10pF < C ≤ 100pF :400mΩ max |
Similar Part No. - CQ0603FPNPO8BN121 |
|
Similar Description - CQ0603FPNPO8BN121 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |