Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQ0805DPNPO9BN121 Datasheet(PDF) 11 Page - YAGEO Corporation

Part # CQ0805DPNPO9BN121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CQ0805DPNPO9BN121 Datasheet(HTML) 11 Page - YAGEO Corporation

Back Button CQ0805DPNPO9BN121 Datasheet HTML 4Page - YAGEO Corporation CQ0805DPNPO9BN121 Datasheet HTML 5Page - YAGEO Corporation CQ0805DPNPO9BN121 Datasheet HTML 6Page - YAGEO Corporation CQ0805DPNPO9BN121 Datasheet HTML 7Page - YAGEO Corporation CQ0805DPNPO9BN121 Datasheet HTML 8Page - YAGEO Corporation CQ0805DPNPO9BN121 Datasheet HTML 9Page - YAGEO Corporation CQ0805DPNPO9BN121 Datasheet HTML 10Page - YAGEO Corporation CQ0805DPNPO9BN121 Datasheet HTML 11Page - YAGEO Corporation CQ0805DPNPO9BN121 Datasheet HTML 12Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Surface-Mount Ceramic Multilayer Capacitors
Product specification
HiQ
16 V to 250 V
NP0
11
www.yageo.com
Jul. 5, 2016 V.13
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Damp heat
with Ur load
IEC 60384-
21/22
4.13 1. Preconditioning, class 2 only:
150 +0/-10 °C /1 hour, then keep for
24 ± 1 hour at room temp
2.
Initial measure:
Spec: refer to initial spec C
3.
Damp heat test:
500 ± 12 hours at 40 ±2 °C;
90 to 95% R.H. 1.0 Ur applied
4.
Recovery:
Class 1: 6 to 24 hours
5.
Final measure: C
P.S. If the capacitance value is less than the minimum value
permitted, then after the other measurements have been
made the capacitor shall be preconditioned according to
“IEC 60384 4.1” and then the requirement shall be met.
No visual damage after recovery
∆C/C
NP0: within ± 7.5% or 0.75pF
whichever is greater
Q value:
≥30pF: Q ≥ 200
≤30pF: Q ≥ 100+10C/3
I.R.:
NP0: ≥ 500 MΩ or Rins x Cr ≥ 25s
whichever is less
Endurance
4.14 1. Preconditioning, class 2 only:
150 +0/-10 °C /1 hour, then keep for
24 ± 1 hour at room temp
2.
Initial measure:
Spec: refer to initial spec C
3.
Endurance test:
Temperature: NP0: 125 °C
Specified stress voltage applied for 1,000 hours:
Applied 2.0 x Ur for general product.
4.
Recovery time: 24 ± 2 hours
5.
Final measure: C
P.S. If the capacitance value is less than the minimum value
permitted, then after the other measurements have been
made the capacitor shall be preconditioned according to
“IEC 60384 4.1” and then the requirement shall be met.
No visual damage
∆C/C
NP0: within ± 3% or 0.3pF
whichever is greater
Q value:
≥30pF: Q ≥ 350
10pF to 30pF: Q ≥ 275+5C/2
≤10pF: Q ≥ 200+10C
NP0: ≥ 1,000 MΩ or Rins x Cr ≥ 50Ω.F
whichever is less
Voltage proof IEC 60384-1 4.6
Specified stress voltage applied for 1 minute
Ur ≤ 100 V: series applied 2.5 Ur
100 V < Ur ≤ 200 V series applied (1.5 Ur + 100)
200 V < Ur ≤ 500 V series applied (1.3 Ur + 100)
Ur > 500 V: 1.3 Ur
I: 7.5 mA
No breakdown or flashover


Similar Part No. - CQ0805DPNPO9BN121

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
CQ06LF CONQUER-CQ06LF Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF001 CONQUER-CQ06LF001 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF002 CONQUER-CQ06LF002 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF003 CONQUER-CQ06LF003 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF004 CONQUER-CQ06LF004 Datasheet
144Kb / 1P
   Fast-Acting Fuse
More results

Similar Description - CQ0805DPNPO9BN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com