Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQ0201FPNPO9BN121 Datasheet(PDF) 1 Page - YAGEO Corporation

Part # CQ0201FPNPO9BN121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CQ0201FPNPO9BN121 Datasheet(HTML) 1 Page - YAGEO Corporation

  CQ0201FPNPO9BN121 Datasheet HTML 1Page - YAGEO Corporation CQ0201FPNPO9BN121 Datasheet HTML 2Page - YAGEO Corporation CQ0201FPNPO9BN121 Datasheet HTML 3Page - YAGEO Corporation CQ0201FPNPO9BN121 Datasheet HTML 4Page - YAGEO Corporation CQ0201FPNPO9BN121 Datasheet HTML 5Page - YAGEO Corporation CQ0201FPNPO9BN121 Datasheet HTML 6Page - YAGEO Corporation CQ0201FPNPO9BN121 Datasheet HTML 7Page - YAGEO Corporation CQ0201FPNPO9BN121 Datasheet HTML 8Page - YAGEO Corporation CQ0201FPNPO9BN121 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
SURFACE-MOUNT CERAMIC
MULTILAYER CAPACITORS
Hi Q Series
Class 1, NP0
16 V TO 250 V
0.2 pF to 100 pF
RoHS compliant & Halogen Free


Similar Part No. - CQ0201FPNPO9BN121

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
CQ06LF CONQUER-CQ06LF Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF001 CONQUER-CQ06LF001 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF002 CONQUER-CQ06LF002 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF003 CONQUER-CQ06LF003 Datasheet
144Kb / 1P
   Fast-Acting Fuse
CQ06LF004 CONQUER-CQ06LF004 Datasheet
144Kb / 1P
   Fast-Acting Fuse
More results

Similar Description - CQ0201FPNPO9BN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com