Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1299AEAE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1299AEAE
Description  12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1299AEAE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1299AEAE Datasheet HTML 1Page - Maxim Integrated Products MAX1299AEAE Datasheet HTML 2Page - Maxim Integrated Products MAX1299AEAE Datasheet HTML 3Page - Maxim Integrated Products MAX1299AEAE Datasheet HTML 4Page - Maxim Integrated Products MAX1299AEAE Datasheet HTML 5Page - Maxim Integrated Products MAX1299AEAE Datasheet HTML 6Page - Maxim Integrated Products MAX1299AEAE Datasheet HTML 7Page - Maxim Integrated Products MAX1299AEAE Datasheet HTML 8Page - Maxim Integrated Products MAX1299AEAE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
12-Bit Serial-Output Temperature Sensors
with 5-Channel ADC
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EXTERNAL VOLTAGE REFERENCE CHARACTERISTICS
MAX1298
0.8
2.5
Reference Voltage Range
VREF
MAX1299
0.8
1.2
V
Converting
10
REF Input Resistance
Shutdown
25
M
REF Input Capacitance
24
pF
INTERNAL TEMPERATURE MEASUREMENT CHARACTERISTICS
Resolution
0.13
°C
MAX129_A
±0.75
MAX129_B
±1
TA = +85
°C, PD = 1mW
MAX129_C
±1
MAX129_A
±0.75
MAX129_B
±1
TA = 0
°C to +70°C
MAX129_C
±2
MAX129_A
±0.75
MAX129_B
±1
Output Error (Notes 1, 9)
TA = -40
°C to 0°C,
TA = +70
°C to +85°C
MAX129_C
±4
°C
Power-Supply Rejection Ratio
PSRR
(Note 7)
0.2
°C/V
Noise
0.18
°CRMS
EXTERNAL TEMPERATURE MEASUREMENT CHARACTERISTICS
Output Error
2N3904 (Note 10)
±2
±4
°C
Remote Diode Excitation (1X)
10
µA
Remote Diode Excitation (10X)
100
µA
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 4.75V to 5.25V (MAX1298), VDD = +2.7V to 3.6V (MAX1299), external reference, VREF = +2.5V (MAX1298), VREF = +1.2V
(MAX1299), fSCLK = 2.5MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)


Similar Part No. - MAX1299AEAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1299 MAXIM-MAX1299 Datasheet
305Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 1; 3/12
MAX1299CEAE++ MAXIM-MAX1299CEAE+ Datasheet
305Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 1; 3/12
More results

Similar Description - MAX1299AEAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1298 MAXIM-MAX1298_12 Datasheet
305Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 1; 3/12
MAX1098-MAX1099 MAXIM-MAX1098-MAX1099 Datasheet
240Kb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 7/00
MAX1098 MAXIM-MAX1098_V01 Datasheet
2Mb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
2012
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
   12-Bit, 200ksps, 8-Channel, Serial Output ADC
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
   12-Bit, 200ksps, Serial Output ADC Family
logo
Maxim Integrated Produc...
MAX6629 MAXIM-MAX6629_10 Datasheet
162Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 4; 5/10
MAX6629 MAXIM-MAX6629_V01 Datasheet
859Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
2016
MAX6629 MAXIM-MAX6629 Datasheet
152Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 1; 7/01
MAX176 MAXIM-MAX176 Datasheet
530Kb / 14P
   Serial-Output, 250Ksps 12-Bit ADC with T/H and Refernce
19-0025; Rev 1; 12/92
logo
Burr-Brown (TI)
ADS5240 BURR-BROWN-ADS5240 Datasheet
418Kb / 24P
   4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com