Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX157AMJA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX157AMJA
Description  2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX157AMJA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX157AMJA Datasheet HTML 3Page - Maxim Integrated Products MAX157AMJA Datasheet HTML 4Page - Maxim Integrated Products MAX157AMJA Datasheet HTML 5Page - Maxim Integrated Products MAX157AMJA Datasheet HTML 6Page - Maxim Integrated Products MAX157AMJA Datasheet HTML 7Page - Maxim Integrated Products MAX157AMJA Datasheet HTML 8Page - Maxim Integrated Products MAX157AMJA Datasheet HTML 9Page - Maxim Integrated Products MAX157AMJA Datasheet HTML 10Page - Maxim Integrated Products MAX157AMJA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
+2.7V, Low-Power, 2-Channel,
108ksps, Serial 10-Bit ADCs in 8-Pin µMAX
_______________________________________________________________________________________
7
Detailed Description
The MAX157/MAX159 analog-to-digital converters
(ADCs) use a successive-approximation conversion
(SAR) technique and on-chip track/hold (T/H) structure
to convert an analog signal to a serial, 10-bit digital out-
put data stream.
This flexible serial interface provides easy interface to
microprocessors (µPs). Figure 2 shows a simplified
functional diagram of the internal architecture for both
the MAX157 (2 channels, single-ended) and the
MAX159 (1 channel, pseudo-differential).
Single-Ended (MAX157) and Pseudo-
Differential (MAX159) Analog Inputs
The sampling architecture of the ADC’s analog com-
parator is illustrated in the equivalent input circuit in
Figure 3. In single-ended mode (MAX157), both chan-
nels CH0 and CH1 are referred to GND and can be
connected to two different signal sources. Following the
power-on reset, the ADC is set to convert CH0. After
CH0 has been converted, CH1 will be converted, and
the conversions will continue to alternate between
channels. Channel switching is performed by toggling
the CS/SHDN pin. Conversions can be performed on
the same channel by toggling CS/SHDN twice between
conversions. If only one channel is required, CH0 and
CH1 may be connected together; however the output
data will still contain the channel identification bit
(before the MSB).
For the MAX159, the input channels form a single differ-
ential channel pair (CH+, CH-). This configuration is
pseudo-differential to the effect that only the signal at
IN+ is sampled. The return side IN- must remain stable
within ±0.5LSB (±0.1LSB for optimum results) with
respect to GND during a conversion. To accomplish
this, connect a 0.1µF capacitor from IN- to GND.
During the acquisition interval, the channel selected as
the positive input (IN+) charges capacitor CHOLD. The
acquisition interval spans from when CS/SHDN falls to
the falling edge of the second clock cycle (external
clock mode) or from when CS/SHDN falls to the first
falling edge of SCLK (internal clock mode). At the end
of the acquisition interval, the T/H switch opens, retain-
ing charge on CHOLD as a sample of the signal at IN+.
The conversion interval begins with the input multiplex-
er switching CHOLD from the positive input (IN+) to the
negative input (IN-). This unbalances node ZERO at the
comparator’s positive input.
6k
CL
DOUT
a) HIGH-Z TO V0H, V0L TO V0H, AND VOH TO HIGH-Z
6k
CL
DOUT
GND
GND
VDD
b) HIGH-Z TO V0L, V0H TO V0L, AND VOL TO HIGH-Z
Figure 1. Load Circuits for Enable and Disable Time
Pin Description
NAME
FUNCTION
1
VDD
Positive Supply Voltage, +2.7V to +5.25V
2
CH0 (CH+)
Analog Input, MAX157: Single-Ended (CH0); MAX159: Differential (CH+).
PIN
3
CH1 (CH-)
Analog Input, MAX157: Single-Ended (CH1); MAX159: Differential (CH-).
4
GND
Analog and Digital Ground
8
SCLK
Serial Clock Input. DOUT changes on the falling edge of SCLK.
7
DOUT
Serial Data Output. Data changes state at SCLK’s falling edge. High impedance when CS/SHDN is high.
6
CS/SHDN
Active-Low Chip-Select Input, Active-High Shutdown Input. Pulling CS/SHDN high puts chip into
shutdown with a maximum current of 5µA.
5
REF
External Reference Voltage Input. Sets analog voltage range. Bypass with a 100nF capacitor close to the
part.


Similar Part No. - MAX157AMJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1570ETE MAXIM-MAX1570ETE Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1572 MAXIM-MAX1572 Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
MAX1572ETC MAXIM-MAX1572ETC Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
More results

Similar Description - MAX157AMJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com