Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3747EUB Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3747EUB
Description  155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3747EUB Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3747EUB Datasheet HTML 2Page - Maxim Integrated Products MAX3747EUB Datasheet HTML 3Page - Maxim Integrated Products MAX3747EUB Datasheet HTML 4Page - Maxim Integrated Products MAX3747EUB Datasheet HTML 5Page - Maxim Integrated Products MAX3747EUB Datasheet HTML 6Page - Maxim Integrated Products MAX3747EUB Datasheet HTML 7Page - Maxim Integrated Products MAX3747EUB Datasheet HTML 8Page - Maxim Integrated Products MAX3747EUB Datasheet HTML 9Page - Maxim Integrated Products MAX3747EUB Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
155Mbps to 3.2Gbps, Low-Power SFP
Limiting Amplifiers
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
DETERMINISTIC JITTER
vs. INPUT AMPLITUDE
DIFFERENTIAL INPUT AMPLITUDE (mVP-P)
1000
100
10
5
10
15
20
25
0
1
10,000
3.2Gbps, K28.5 PATTERN
0
25
20
15
10
5
30
35
40
-40
-20 -10
-30
0 10 20 30 40 50 60 70 80
DETERMINISTIC JITTER
vs. TEMPERATURE
TEMPERATURE (°C)
FREQ = 3.2Gbps
PATTERN = K28.5
VIN = 500mVP-P
VIN = 5mVP-P
ASSERT/DEASSERT vs. VTH
VTH (V)
-1.2
10
20
30
40
50
60
70
90
110
80
100
120
0
-1.4
0
-0.2
-0.4
-0.6
-0.8
-1.0
VTH (V) = VOLTAGE AT PIN 5 (V)
WITH RESPECT TO VCC
DEASSERT
ASSERT
5
20
15
10
25
30
40
35
-40
-20 -10
-30
0 10 20 30 40 50 60 70 80
ASSERT/DEASSERT vs. TEMPERATURE
TEMPERATURE (°C)
VTH = -1.1V, FREQ = 2.7Gbps
PATTERN = PRBS 223 - 1
ASSERT
DEASSERT
OUTPUT RETURN vs. FREQUENCY (SDD22)
(INPUT SIGNAL LEVEL = -60dBm)
FREQUENCY (MHz)
1000
-20
-10
0
10
20
30
-30
100
10,000
INPUT RETURN vs. FREQUENCY (SDD11)
(INPUT SIGNAL LEVEL = -60dBm)
FREQUENCY (MHz)
1000
-20
-10
0
10
20
30
-30
100
10,000


Similar Part No. - MAX3747EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3747EUB MAXIM-MAX3747EUB Datasheet
299Kb / 10P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 1; 10/07
More results

Similar Description - MAX3747EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3747 MAXIM-MAX3747_V01 Datasheet
338Kb / 11P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
19-0281; Rev 2; 8/12
MAX3747A MAXIM-MAX3747A_12 Datasheet
317Kb / 11P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 2; 8/12
MAX3747 MAXIM-MAX3747_07 Datasheet
299Kb / 10P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 1; 10/07
MAX3748 MAXIM-MAX3748 Datasheet
414Kb / 11P
   Compact 155Mbps to 3.2Gbps Limiting Amplifier
19-2717; Rev 1; 7/03
MAX3746 MAXIM-MAX3746_07 Datasheet
324Kb / 13P
   Low-Power, 622Mbps to 3.2Gbps Limiting Amplifier
Rev 2; 6/07
logo
Taiwan Memory Technolog...
I7330 TMT-I7330 Datasheet
109Kb / 1P
   i7330 155Mbps to 4Gbps Low-Power Limiting Amplifier
logo
Micrel Semiconductor
SY88315BL MICREL-SY88315BL_10 Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88289AL MICREL-SY88289AL_10 Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BL MICREL-SY88313BL_10 Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com