Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX159BCUA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX159BCUA
Description  2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX159BCUA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX159BCUA Datasheet HTML 6Page - Maxim Integrated Products MAX159BCUA Datasheet HTML 7Page - Maxim Integrated Products MAX159BCUA Datasheet HTML 8Page - Maxim Integrated Products MAX159BCUA Datasheet HTML 9Page - Maxim Integrated Products MAX159BCUA Datasheet HTML 10Page - Maxim Integrated Products MAX159BCUA Datasheet HTML 11Page - Maxim Integrated Products MAX159BCUA Datasheet HTML 12Page - Maxim Integrated Products MAX159BCUA Datasheet HTML 13Page - Maxim Integrated Products MAX159BCUA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
+2.7V, Low-Power, 2-Channel,
108ksps, Serial 10-Bit ADCs in 8-Pin µMAX
10
______________________________________________________________________________________
Output Data Format
Table 1 illustrates the 16-bit, serial data-stream output
format for both the MAX157 and MAX159. The first three
bits are always logic high (including the EOC bit for
internal clock mode), followed by the channel identifica-
tion (CHID = 0 for CH0, CHID = 1 for CH1, CHID = 1 for
MAX159), the 10 bits of data in MSB first format, and
two sub-LSB bits (S1 and S0). After the last bit has been
read out, additional SCLK pulses will clock out trailing
zeros. DOUT transitions on the falling edge of SCLK.
The output remains high impedance when CS/SHDN is
high.
External Reference
An external reference is required for both the MAX157
and MAX159. At REF, the DC input resistance is a mini-
mum of 18k
Ω. During a conversion, a reference must
be able to deliver 250µA of DC load current and have
an output impedance of 10
Ω or less. Use a 0.1µF
bypass capacitor for best performance. The reference
input structure allows a voltage range of 0 to (VDD +
50mV) although noise levels will decrease effective res-
olution at lower reference voltages.
Automatic Power-Down Mode
Whenever the MAX157/MAX159 are not selected
(CS/SHDN = VDD), the parts enter their shutdown mode.
In shutdown all internal circuitry is turned off, which
reduces the supply current to typically less than 0.2µA.
With an external reference stable to within 1LSB, the
wake-up time is 2.5µs. If the external reference is not sta-
ble within 1LSB, the wake-up time must be increased to
allow the reference to stabilize.
Applications Information
Signal-to-Noise Ratio (SNR)
For a waveform perfectly reconstructed from digital
samples, SNR is the ratio of full-scale analog input
(RMS value) to the RMS quantization error (residual
error). The ideal, theoretical minimum analog-to-digital
noise is caused by quantization error only and results
directly from the ADC’s resolution (N bits):
SNR(MAX) = (6.02 · N + 1.76)dB
In reality, there are other noise sources besides quanti-
zation noise: thermal noise, reference noise, clock jitter,
DOUT
D7
D8
MSB
CHID
SAMPLING INSTANT
HIGH-Z
D6
D5
D4
D3
D2
D1
D0
S1
S0
HIGH-Z
SCLK
678
9
10
11
12
3
4
5
12
13
14
15
16
tWAKE
(tACQ)
tCS
POWER
DOWN
ACTIVE
ACTIVE
CS/SHDN
Figure 6. External Clock Mode Timing
• • •
• • •
• • •
CS/SHDN
SCLK
DOUT
tCL
tDV
HIGH-Z
HIGH-Z
tCH
tCS
tDO
tTR
tSCLKS
Figure 7. Detailed Serial-Interface Timing Sequence


Similar Part No. - MAX159BCUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595 Datasheet
350Kb / 8P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
19-2107; Rev 1; 8/02
MAX1595 MAXIM-MAX1595 Datasheet
492Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
MAX1595 MAXIM-MAX1595 Datasheet
180Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 3; 10/11
MAX1595ETC33 MAXIM-MAX1595ETC33 Datasheet
350Kb / 8P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
19-2107; Rev 1; 8/02
MAX1595ETC33++ MAXIM-MAX1595ETC33+ Datasheet
492Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
More results

Similar Description - MAX159BCUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com