Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3319 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3319
Description  2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3319 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3319 Datasheet HTML 1Page - Maxim Integrated Products MAX3319 Datasheet HTML 2Page - Maxim Integrated Products MAX3319 Datasheet HTML 3Page - Maxim Integrated Products MAX3319 Datasheet HTML 4Page - Maxim Integrated Products MAX3319 Datasheet HTML 5Page - Maxim Integrated Products MAX3319 Datasheet HTML 6Page - Maxim Integrated Products MAX3319 Datasheet HTML 7Page - Maxim Integrated Products MAX3319 Datasheet HTML 8Page - Maxim Integrated Products MAX3319 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX3316–MAX3319 transceivers have a proprietary
low-dropout transmitter output stage enabling RS-232-
compatible performance from +2.25V to +3.0V with a
dual-charge pump. These devices require only four
0.1µF capacitors, and are guaranteed to operate at data
rates up to 460kbps.
The MAX3318/MAX3319 achieve a 1µA supply current
using Maxim’s revolutionary AutoShutdown Plus™ fea-
ture. These devices automatically enter a low-power
shutdown mode when the RS-232 cable is disconnected
or the transmitters of the connected peripherals are inac-
tive for more than 30 seconds. They turn on again when
they sense a valid transition at any transmitter or receiver
input. AutoShutdown Plus saves power without changes
to the existing BIOS or operating system. The MAX3318
is a 2-Tx/2-Rx device while the MAX3319 is a 1-Tx/1-Rx
device. These devices also feature a logic-level output
(READY) that asserts when the charge pump is regulat-
ing and the device is ready to begin transmitting.
The MAX3316/MAX3317 are 2-Tx/2-Rx transceivers. The
MAX3317 features a 1µA shutdown mode that can be
entered by driving SHDN low. The MAX3317’s receivers
remain active while in shutdown mode, allowing external
devices such as modems to be monitored using only
1µA supply current.
These devices are available in space-saving packages:
MAX3316 (16-pin SSOP and 20-pin TSSOP), MAX3317/
MAX3318 (20-pin SSOP and 20-pin TSSOP), and
MAX3319 (16-pin SSOP).
________________________Applications
Palmtop Computers
Hand-Held Instruments
Pagers
Cellular Phones
GPS
Handy Terminals
Hand-Held Electronic Books
Features
o AutoShutdown Plus (MAX3318/MAX3319)
o 300µA Operating Supply Current
o 1µA Low-Power Shutdown with Receivers Active
o Guaranteed 460kbps Data Rate
o Guaranteed 4V/µs Slew Rate
o RS-232 Compatible Down to 2.25V
2.5V, 1µA, 460kbps,
RS-232-Compatible Transceivers
________________________________________________________________ Maxim Integrated Products
1
MAX3319
FORCEON
READY
AutoShutdown
Plus
12
1
R1OUT
9
FORCEOFF 16
INVALID
10
GND
14
T1IN
11
C2-
6
C2+
5
C1-
4
C1+
2
R1IN 8
T1OUT 13
V-
7
V+
3
VCC
VCC
C4
0.1
µF
C3
0.1
µF
0.1
µF
15
C1
0.1
µF
C2
0.1
µF
CBYPASS
+2.5V
TO POWER-
MANAGEMENT
UNIT
5k
CMOS
INPUT
RS-232-
COMPATIBLE
OUTPUT
RS-232-
COMPATIBLE
INPUT
CMOS
OUTPUT
Typical Application Circuits
19-1751; Rev 0; 6/00
Ordering Information
AutoShutdown Plus is a trademark of Maxim Integrated Products.
Pin Configurations appear at end of data sheet.
Typical Application Circuits continued at end of data sheet.
PIN-PACKAGE
TEMP. RANGE
PART
MAX3316CUP
0°C to +70°C
20 TSSOP
16 SSOP
0°C to +70°C
MAX3316CAE
MAX3316EUP
-40°C to +85°C
20 TSSOP
16 SSOP
-40°C to +85°C
MAX3316EAE
PART
NO. OF DRIVERS/
RECEIVERS
GUARANTEED
DATA RATE (kbps)
READY OUTPUT
SHUTDOWN
460
460



460
460
2/2
2/2
2/2
1/1
MAX3316
MAX3317
MAX3318
MAX3319
AutoShutdown
Plus


Selector Guide
Ordering Information continued at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX3319

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3319ECAE MAXIM-MAX3319ECAE Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3319EEAE MAXIM-MAX3319EEAE Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
More results

Similar Description - MAX3319

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3314 MAXIM-MAX3314 Datasheet
196Kb / 6P
   460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
MAX3311 MAXIM-MAX3311 Datasheet
189Kb / 7P
   460kbps, 1關A Supply Current, RS-232-Compatible Transceivers in 關MAX
19-1901; Rev 0; 2/01
MAX3160 MAXIM-MAX3160 Datasheet
358Kb / 23P
   3.0V to 5.5V, 1uA, RS-232/RS-485/422 Multiprotocol Transceivers
Rev 1; 9/00
MAX3311E MAXIM-MAX3311E Datasheet
110Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
MAX3228 MAXIM-MAX3228 Datasheet
238Kb / 14P
   2.5V to 5.5V RS-232 Transceivers in UCSP
19-2140; Rev 0; 8/01
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3314E MAXIM-MAX3314E Datasheet
244Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceiver
19-1696; Rev 1; 3/01
MAX3224 MAXIM-MAX3224 Datasheet
235Kb / 20P
   1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com