Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB15U36PFV Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB15U36PFV
Description  Dual PLL Frequency Synthesizer with On-Chip Prescaler
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15U36PFV Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB15U36PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB15U36PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB15U36PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB15U36PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB15U36PFV Datasheet HTML 9Page - Fujitsu Component Limited. MB15U36PFV Datasheet HTML 10Page - Fujitsu Component Limited. MB15U36PFV Datasheet HTML 11Page - Fujitsu Component Limited. MB15U36PFV Datasheet HTML 12Page - Fujitsu Component Limited. MB15U36PFV Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Dual PLL Frequency Synthesizer with On-Chip Prescaler
10
Fujitsu Microelectronics, Inc.
Typical Electrical Characteristics: MB15U36
VfinRF2 VS. finRF2
-50
-40
-30
-20
-10
0
10
0
500
1000
1500
2000
finRF2 [MHz]
Vfin[dBm]@5.5V
Vfin[dBm]@5.0V
Vfin[dBm]@4.5V
Vfin[dBm]@3.0V
VfinRF1 VS. finRF1
-50
-40
-30
-20
-10
0
10
0
500
1000
1500
2000
2500
3000
finRF1 [MHz]
Vfin[dBm ]@ 5.5V
Vfin[dBm ]@ 5.0V
Vfin[dBm ]@ 4.5V
Vfin[dBm ]@ 3.0V
Input Sensivity of fin (RF1) versus Input Frequency
Input Sensivity of OSCIN versus Input Frequency
Input Sensivity of fin (RF2) versus Input Frequency
PfinRF1 vs. finRF1
P fin (d B m )@ 5 .5 V
Pfin(dBm)@5.0V
Pfin(dBm)@4.5V
Pfin(dBm)@3.0V
Pfin(d Bm )@ 5.5V
Pfin(dBm)@5.0V
Pfin(dBm)@4.5V
Pfin(dBm)@3.0V
SPEC
SPEC
finRF1 (MHz)
PfinRF2 vs. finRF2
finRF2 (MHz)
Vfosc VS. fosc
-50
-40
-30
-20
-10
0
10
0
50
100
150
200
250
fosc [MHz]
VOSCin[dBm]@5.5V
VOSCin[dBm]@5.0V
VOSCin[dBm]@4.5V
VOSCin[dBm]@3.0V
SP EC
P OS C (d B m )@ 5 .5 V
POSC (dBm)@5.0V
POSC (dBm)@4.5V
POSC (dBm)@3.0V
PfinOSC vs. finRF2


Similar Part No. - MB15U36PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15U10 FUJITSU-MB15U10 Datasheet
350Kb / 19P
   Dual Serial Input PLL Frequency Synthesizer On-Chip 1.1 GHz Prescaler
MB15U10PFV FUJITSU-MB15U10PFV Datasheet
350Kb / 19P
   Dual Serial Input PLL Frequency Synthesizer On-Chip 1.1 GHz Prescaler
More results

Similar Description - MB15U36PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15U10 FUJITSU-MB15U10 Datasheet
350Kb / 19P
   Dual Serial Input PLL Frequency Synthesizer On-Chip 1.1 GHz Prescaler
MB15C03 FUJITSU-MB15C03 Datasheet
271Kb / 24P
   Single Serial Input PLL Frequency Synthesizer On-Chip prescaler
MB15C02 FUJITSU-MB15C02 Datasheet
299Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip prescaler
MB15E03 FUJITSU-MB15E03 Datasheet
174Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E05L FUJITSU-MB15E05L Datasheet
259Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E05SL FUJITSU-MB15E05SL Datasheet
229Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.0 GHz Prescaler
MB15E07L FUJITSU-MB15E07L Datasheet
289Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SR FUJITSU-MB15E07SR Datasheet
241Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.5 GHz Prescaler
MB15E05 FUJITSU-MB15E05 Datasheet
158Kb / 20P
   ASSP Single Serial Input PLL Frequency Synthesizer On-Chip 2.0GHz Prescaler
MB15E07 FUJITSU-MB15E07 Datasheet
233Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com