Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1BL Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # HS1BL
Description  SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HS1BL Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  HS1BL Datasheet HTML 1Page - HY ELECTRONIC CORP. HS1BL Datasheet HTML 2Page - HY ELECTRONIC CORP. HS1BL Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Low cost
Diffused junction
Ultra fast switching for high efficiency
Low reverse leakage current
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
●Case: JEDEC SOD-123FL molded plastic
body over glass passivated chip
●Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
●Polarity: Laser band denotes cathode end
●Weight: 0.017gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SYMBOL
HS1AL
HS1BL
HS1DL
HS1GL
HS1JL
HS1KL
HS1ML
MARKING
H1AL
H1BL
H1DL
H1GL
H1JL
H1KL
H1ML
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=55 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 1.0A DC
VF
1.3
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
TRR
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
4.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 13-Mar-2017
Dimensions in inches and (millimeters)
CHARACTERISTICS
UNIT
HS1AL thru HS1ML
SURFACE MOUNT
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.0 Ampere
HIGH EFFICIENCY (ULTRA FAST)
GLASS PASSIVATED RECTIFIERS
I(AV)
1.0
A
IFSM
25
A
1.0
1.7
IR
5.0
μA
100
50
75
9
-55 to +150
NOTES: 1.Measured with IF=0.5A,IR=1A,IRR=0.25A.
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
3.Thermal resistance junction to ambient.
180
-55 to +150
SOD-123FL
.002(0.05)
.010(0.25)
.138(3.5)
.154(3.9)
.047(1.2)
.031(0.8)
.043(1.1)
.020(0.5)
.004(0.1)max
.024(0.6)
.039(1.0)
.098(2.5)
.114(2.9)


Similar Part No. - HS1BL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS1BL TSC-HS1BL Datasheet
359Kb / 4P
   1.0AMP High Efficient Surface Mount Rectifiers
logo
HY ELECTRONIC CORP.
HS1BL HY-HS1BL Datasheet
420Kb / 3P
   Surface Mount High Efficiency (Ultra Fast) Glass Passivated Rectifiers
More results

Similar Description - HS1BL

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HS2X HY-HS2X Datasheet
91Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS1A HY-HS1A_17 Datasheet
135Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS2A HY-HS2A_17 Datasheet
135Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS3A HY-HS3A_17 Datasheet
166Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS HIGH EFFICIENCY (ULTRA FAST)
HS3AB HY-HS3AB_17 Datasheet
135Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS HIGH EFFICIENCY (ULTRA FAST)
UF2AA HY-UF2AA_17 Datasheet
135Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
UF3A HY-UF3A_17 Datasheet
166Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
UF2A HY-UF2A_17 Datasheet
135Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS2XA HY-HS2XA Datasheet
91Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS3XB HY-HS3XB Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com