Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER103G Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # HER103G
Description  HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HER103G Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  HER103G Datasheet HTML 1Page - HY ELECTRONIC CORP. HER103G Datasheet HTML 2Page - HY ELECTRONIC CORP. HER103G Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Low cost
Diffused junction
Ultra fast switching for high efficiency
Low reverse leakage current
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case: JEDEC DO-41 molded plastic
Polarity: Color band denotes cathode
Weight: 0.012 ounces , 0.34 grams
Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
HER
HER
HER
HER
HER
HER
HER
HER
101G
102G
103G
104G
105G
106G
107G
108G
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=55 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 1.0A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
TRR
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
4.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 13-Mar-2017
CHARACTERISTICS
SYMBOL
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
NOTES: 1.Measured with IF=0.5A,IR=1A,IRR=0.25A.
5.0
25
-55 to +150
UNIT
1.0
A
HIGH EFFICIENCY GLASS PASSIVATED
RECTIFIERS
REVERSE VOLTAGE
- 50
to 1000 Volts
FORWARD CURRENT - 1.0 Ampere
HER101G thru HER108G
I(AV)
-55 to +150
50
75
20
10
IFSM
30
3.Thermal resistance junction to ambient.
A
100
IR
μA
1.7
1.0
1.3
DO- 41
.107(2.7)
.080(2.0)
.034(0.9)
.028(0.7)
DIA
DIA
.205(5.2)
.165(4.2)
1.0(25.4)
MIN
1.0(25.4)
MIN


Similar Part No. - HER103G

ManufacturerPart #DatasheetDescription
logo
RFE international
HER103G RFE-HER103G Datasheet
2Mb / 3P
   High Efficient Rectifier HER101G Through HER108G
09-26-2022
logo
Jinan Gude Electronic D...
HER103G JGD-HER103G Datasheet
172Kb / 2P
   1.0 AMP. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Chongqing Pingwei Enter...
HER103G CHONGQING-HER103G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
HER103G DACHANG-HER103G Datasheet
160Kb / 2P
   Plastic High-Efficiency Rectifiers
logo
Shanghai Lunsure Electr...
HER103G CHENYI-HER103G Datasheet
157Kb / 2P
   GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER103G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CUR801-G COMCHIP-CUR801-G Datasheet
65Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
HER201G SECOS-HER201G Datasheet
151Kb / 2P
   Glass Passivated High Efficiency Rectifiers
logo
Marl International Limi...
CUR801 MARL-CUR801_15 Datasheet
65Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
HER801 HY-HER801_17 Datasheet
144Kb / 3P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HERF801 HY-HERF801_17 Datasheet
140Kb / 3P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HERF1601 HY-HERF1601_17 Datasheet
140Kb / 3P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HER20XG HY-HER20XG Datasheet
419Kb / 3P
   High Efficiency Glass Passivated Rectifiers
HER1601 HY-HER1601 Datasheet
94Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HER30XG HY-HER30XG Datasheet
426Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
HER301G SECOS-HER301G_15 Datasheet
219Kb / 2P
   Glass Passivated High Efficiency Rectifiers
logo
Unisonic Technologies
HER504G UTC-HER504G Datasheet
154Kb / 4P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com