Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HERF803 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # HERF803
Description  HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HERF803 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  HERF803 Datasheet HTML 1Page - HY ELECTRONIC CORP. HERF803 Datasheet HTML 2Page - HY ELECTRONIC CORP. HERF803 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Low switching noise
Low forward voltage drop
Low thermal resistance
High current capability
High fast switching capability
High surge capacity
MECHANICAL DATA
Case: ITO-220AC molded plastic
Epoxy: UL94V-0 rate flame retadant
Lead: MIL-STD-202E method 208C guaranteed
Mounting position :Any
Weight: 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
HERF
HERF
HERF
HERF
HERF
HERF
HERF
HERF
801
802
803
804
805
806
807
808
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA =75 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Typical Thermal Resistance
RθJA
/W
Typical Junction Capacitance (Note2)
CJ
pF
Peak Instantaneous Forward Voltage at 8.0A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note1)
TRR
nS
Operating and Storage Temperature Range
TJ,
TSTG
3.The typical data above is for reference only(典型值仅供参考).
Rev. 8, 13-Mar-2017
IFSM
A
1.0
IR
μA
1.7
10
150
NOTES:1.Measured with IF=0.5A,IR=1A,IRR=0.25A
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC.
HERF801 thru HERF808
A
IO
HIGH EFFICIENCY GLASS PASSIVATED
RECTIFIERS
UNIT
SYMBOL
CHARACTERISTICS
REVERSE VOLTAGE
- 50
to 1000Volts
FORWARD CURRENT - 8.0 Amperes
Dimensions in inches and (millimeters)
60
75
-55 to + 150
8.0
150
2.5
40
1.3
ITO-220AC
.020(0.50)
.031(0.80)
.028(0.70)
.020(0.50)
.102(2.6)
.118(3.0)
.583(14.8)
.622(15.8)
.122(3.1)
.138(3.5)
.551(14.0)
.511(13.0)
.043(1.1)
.059(1.5)
.098(2.5)
.114(2.9)
.173(4.4)
.189(4.8)
.102(2.6)
.118(3.0)
.406(10.3)
.386(9.8)
.105(2.67)
.095(2.41)
.157(4.0)
.118(3.0)
.04 MAX
(1.0)


Similar Part No. - HERF803

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
HERF803 MIC-HERF803 Datasheet
58Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Goodwork Semiconductor ...
HERF803 GWSEMI-HERF803 Datasheet
72Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Zibo Seno Electronic En...
HERF803 ZSELEC-HERF803 Datasheet
51Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
HY ELECTRONIC CORP.
HERF803 HY-HERF803 Datasheet
428Kb / 3P
   High Efficiency Glass Passivated Rectifiers
More results

Similar Description - HERF803

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CUR801-G COMCHIP-CUR801-G Datasheet
65Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
HER201G SECOS-HER201G Datasheet
151Kb / 2P
   Glass Passivated High Efficiency Rectifiers
logo
Marl International Limi...
CUR801 MARL-CUR801_15 Datasheet
65Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
HER801 HY-HER801_17 Datasheet
144Kb / 3P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HERF1601 HY-HERF1601_17 Datasheet
140Kb / 3P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HER20XG HY-HER20XG Datasheet
419Kb / 3P
   High Efficiency Glass Passivated Rectifiers
HER1601 HY-HER1601 Datasheet
94Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HER30XG HY-HER30XG Datasheet
426Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
HER301G SECOS-HER301G_15 Datasheet
219Kb / 2P
   Glass Passivated High Efficiency Rectifiers
logo
Unisonic Technologies
HER504G UTC-HER504G Datasheet
154Kb / 4P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com