Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

844201BKI-45LF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 844201BKI-45LF
Description  FemtoClock Crystal-to-LVDS Clock Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

844201BKI-45LF Datasheet(HTML) 1 Page - Integrated Device Technology

  844201BKI-45LF Datasheet HTML 1Page - Integrated Device Technology 844201BKI-45LF Datasheet HTML 2Page - Integrated Device Technology 844201BKI-45LF Datasheet HTML 3Page - Integrated Device Technology 844201BKI-45LF Datasheet HTML 4Page - Integrated Device Technology 844201BKI-45LF Datasheet HTML 5Page - Integrated Device Technology 844201BKI-45LF Datasheet HTML 6Page - Integrated Device Technology 844201BKI-45LF Datasheet HTML 7Page - Integrated Device Technology 844201BKI-45LF Datasheet HTML 8Page - Integrated Device Technology 844201BKI-45LF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATASHEET
FemtoClock® Crystal-to-LVDS
Clock Generator
ICS844201I-45
ICS844201BKI-45 MAY 27, 2017
1
©2017 Integrated Device Technology, Inc.
General Description
The ICS844201I-45 is a PCI ExpressTM Clock Generator. The
ICS844201I-45 can synthesize 100MHz or 125MHz reference clock
frequencies with a 25MHz crystal. The ICS844201I-45 has excellent
phase jitter performance and is packaged in a small 16-pin VFQFN,
making it ideal for use in systems with limited board space.
Features
One differential LVDS output pair
Crystal oscillator interface designed for 18pF,
25MHz parallel resonant crystal
VCO range: 490MHz – 680MHz
RMS phase jitter at 100MHz (12kHz – 20MHz): 0.792ps (typical)
RMS phase jitter at 125MHz (12kHz – 20MHz): 0.773ps (typical)
Full 3.3V output supply mode
PCI Express (2.5Gb/s) and Gen 2 (5Gb/S) jitter compliant
-40°C to 85°C ambient operating temperature
Lead-free (RoHS 6) packaging
Frequency Table
Inputs
Output Frequency Range
(MHz)
Crystal Frequency (MHz)
M
FSEL
N
Multiplication Value M/N
25
20
1
4
5
125 (default)
25
20
0
5
4
100
5
6
7
8
16 15 14 13
1
2
3
4
12
11
10
9
nc
XTAL_OUT
XTAL_IN
FSEL
Q
nQ
VDD
nc
Pin Assignment
OSC
Phase
Detector
VCO
490MHz - 680MHz
M = ÷20 (fixed)
N = ÷5
÷4 (default)
Q
nQ
Pullup
XTAL_IN
XTAL_OUT
FSEL
Block Diagram
ICS844201I-45
16-Lead VFQFN
Top View


Similar Part No. - 844201BKI-45LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844201BKI-45LF RENESAS-844201BKI-45LF Datasheet
587Kb / 17P
   FemtoClock® Crystal-to-LVDS Clock Generator
2019
844201BKI-45LFT RENESAS-844201BKI-45LFT Datasheet
587Kb / 17P
   FemtoClock® Crystal-to-LVDS Clock Generator
2019
More results

Similar Description - 844201BKI-45LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844201 IDT-844201 Datasheet
541Kb / 16P
   FemtoClock Crystal-to-LVDS Clock Generator
ICS844011 IDT-ICS844011 Datasheet
1,018Kb / 14P
   FemtoClock Crystal-to-LVDS Clock Generator
844071 IDT-844071 Datasheet
246Kb / 14P
   FemtoClock Crystal-to-LVDS Clock Generator
ICS844251-14 IDT-ICS844251-14 Datasheet
805Kb / 16P
   FEMTOCLOCK??CRYSTAL-TO-LVDS CLOCK GENERATOR
844021I-01 IDT-844021I-01 Datasheet
246Kb / 14P
   FemtoClock Crystal-to-LVDS Clock Generator
844008I-46 IDT-844008I-46 Datasheet
295Kb / 16P
   FemtoClock Crystal-to-LVDS Clock Generator
844021-01 IDT-844021-01 Datasheet
247Kb / 14P
   FemtoClock Crystal-to-LVDS Clock Generator
ICS844201-45 IDT-ICS844201-45 Datasheet
409Kb / 16P
   FemtoClock Crystal-to-LVDS Clock Generator
logo
Renesas Technology Corp
ICS844011 RENESAS-ICS844011 Datasheet
1Mb / 15P
   FemtoClock® Crystal-to-LVDS Clock Generator
AUGUST 27, 2012
ICS844201-45 RENESAS-ICS844201-45 Datasheet
926Kb / 17P
   FemtoClock® Crystal-to-LVDS Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com