Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74SSTU32864 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74SSTU32864
Description  1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74SSTU32864 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74SSTU32864_07 Datasheet HTML 1Page - Integrated Device Technology IDT74SSTU32864_07 Datasheet HTML 2Page - Integrated Device Technology IDT74SSTU32864_07 Datasheet HTML 3Page - Integrated Device Technology IDT74SSTU32864_07 Datasheet HTML 4Page - Integrated Device Technology IDT74SSTU32864_07 Datasheet HTML 5Page - Integrated Device Technology IDT74SSTU32864_07 Datasheet HTML 6Page - Integrated Device Technology IDT74SSTU32864_07 Datasheet HTML 7Page - Integrated Device Technology IDT74SSTU32864_07 Datasheet HTML 8Page - Integrated Device Technology IDT74SSTU32864_07 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
COMMERCIALTEMPERATURERANGE
IDT74SSTU32864/A/C/D/G
1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
APRIL 2006
2006 Integrated Device Technology, Inc.
DSC-5980/27
c
IDT74SSTU32864/
A/C/D/G
COMMERCIAL TEMPERATURE RANGE
1:1 AND 1:2 REGISTERED
BUFFER WITH 1.8V SSTL I/O
DESCRIPTION:
The SSTU32864 is a 25-bit 1:1 / 14-bit 1:2 configurable registered buffer
designed for 1.7V to 1.9V VDD operation. All clock and data inputs are
compatible with the JEDEC standard for SSTL_18. The control inputs are
LVCMOS. All outputs are 1.8V CMOS drivers that have been optimized
to drive the DDR2 DIMM load.
The SSTU32864 operates from a differential clock (CLK and CLK). Data
are registered at the crossing of CLK going high and CLK going low.
The C0 input controls the pinout configuration of the 1:2 pinout from the
A configuration (when low) to B configuration (when high). The C1 input
controls the configuration from the 25-bit 1:1 (when low) to 14-bit 1:2 (when
high).
Thisdevicesupportslow-powerstandbyoperation. Whentheresetinput
(RESET) is low, the differential input receivers are disabled, and undriven
(floating) data, clock, and reference voltage (VREF) inputs are allowed. In
addition, when RESET is low all registers are reset, and all outputs are
forced low. The LVCMOS RESET and Cx inputs must always be held at
a valid logic high or low level.
To ensure defined outputs from the register before a stable clock has
been supplied, RESET must be held in the low state during power up.
In the DDR2 DIMM application, RESET is specified to be completely
asynchronous with respect to CLK and CLK. Therefore, no timing
relationship can be guaranteed between the two. When entering reset, the
register will be cleared and the outputs will be driven low quickly, relative
tothetimetodisablethedifferentialinputreceivers. However,whencoming
out of a reset, the register will become active quickly, relative to the time to
enable the differential input receivers. As long as the data inputs are low,
and the clock is stable during the time from the low-to-high transition of
RESET until the input receivers are fully enabled, the design of the
SSTU32864 must ensure that the outputs will remain low, thus ensuring no
glitches on the outputs.
The device monitors both DCS and CSR inputs and will gate the outputs
from changing states when both DCS and CSR inputs are high. If either
DCS or CSR input is low, the device will function normally. The RESET
input has priority over the DCS control and will force the inputs low. If the
DCS control functionality is not desired, then the CSR input can be hard-
wired to ground, in which case the set-up time requirement for DCS would
be the same as for the other D data inputs.
The SSTU32864G has two slew control pins (ZOH and ZOL) used to
optimize the signal integrity on the DIMM.
APPLICATIONS:
• Ideally suited for DDR2-400/533 (PC2 - 3200/ 4200) registered
DIMM applications
• Along with CSPU877/A/D, zero delay PLL clock buffer, provides
complete solution for DDR2-400/533 DIMMs
• SSTU32864 is optimized for DDR2 Raw cards B and C
• SSTU32864A is optimized for DDR2 Raw card A
• SSTU32864C/D/G are optimized for DDR2 Raw cards A, B, and C
• SSTU32864G has control pins for output slew rate control
FEATURES:
• 1:1 and 1:2 registered buffer
• 1.8V Operation
• SSTL_18 style clock and data inputs
• Differential CLK input
• Control inputs compatible with LVCMOS levels
• Flow-through architecture for optimum PCB design
• Latch-up performance exceeds 100mA
• ESD >2000V per MIL-STD-883, Method 3015; >200V using
machine model (C = 200pF, R = 0)
• Maximum operating frequency: 340MHz
• Available in 96-pin LFBGA package
The IDT logo is a registered trademark of Integrated Device Technology, Inc.


Similar Part No. - IDT74SSTU32864_07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74SSTU32864A RENESAS-IDT74SSTU32864A Datasheet
340Kb / 13P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
APRIL 2006
logo
Integrated Device Techn...
IDT74SSTU32864ABF IDT-IDT74SSTU32864ABF Datasheet
139Kb / 12P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
IDT74SSTU32864ABFG IDT-IDT74SSTU32864ABFG Datasheet
139Kb / 12P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
IDT74SSTU32864BF IDT-IDT74SSTU32864BF Datasheet
139Kb / 12P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
IDT74SSTU32864BFG IDT-IDT74SSTU32864BFG Datasheet
139Kb / 12P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
More results

Similar Description - IDT74SSTU32864_07

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74SSTU32864 IDT-IDT74SSTU32864 Datasheet
139Kb / 12P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
logo
Renesas Technology Corp
IDT74SSTU32864 RENESAS-IDT74SSTU32864 Datasheet
340Kb / 13P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
APRIL 2006
logo
Hitachi Semiconductor
HD74SSTV16857 HITACHI-HD74SSTV16857 Datasheet
138Kb / 15P
   1:1 14-bit SSTL-2 Registered Buffer
logo
Integrated Device Techn...
IDT74SSTVF16857 IDT-IDT74SSTVF16857 Datasheet
67Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16857 IDT-IDT74SSTVF16857_07 Datasheet
72Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTVF16857 RENESAS-IDT74SSTVF16857 Datasheet
246Kb / 7P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
JUNE 2003
logo
Integrated Device Techn...
IDT74SSTV16857 IDT-IDT74SSTV16857 Datasheet
54Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTV16857 RENESAS-IDT74SSTV16857 Datasheet
239Kb / 8P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
February 2009
logo
Integrated Device Techn...
IDT74SSTVF16859 IDT-IDT74SSTVF16859 Datasheet
78Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTV16859 IDT-IDT74SSTV16859 Datasheet
71Kb / 6P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com