Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74SSTU32864A Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74SSTU32864A
Description  1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74SSTU32864A Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT74SSTU32864A Datasheet HTML 2Page - Integrated Device Technology IDT74SSTU32864A Datasheet HTML 3Page - Integrated Device Technology IDT74SSTU32864A Datasheet HTML 4Page - Integrated Device Technology IDT74SSTU32864A Datasheet HTML 5Page - Integrated Device Technology IDT74SSTU32864A Datasheet HTML 6Page - Integrated Device Technology IDT74SSTU32864A Datasheet HTML 7Page - Integrated Device Technology IDT74SSTU32864A Datasheet HTML 8Page - Integrated Device Technology IDT74SSTU32864A Datasheet HTML 9Page - Integrated Device Technology IDT74SSTU32864A Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
COMMERCIALTEMPERATURERANGE
IDT74SSTU32864/A/C/D/G
1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
FUNCTION TABLE (EACHFLIP-FLOP) (1)
Inputs
Qx
QCSx
QODTx, QCKEx
RESET
DCS
CSR
CLK
CLK
Dx, DODT, DCKE
Outputs
Output
Outputs
HL
L
↑↓
LL
L
L
HL
L
↑↓
HH
L
H
H
L
L
L or H
L or H
X
Q
0
(2)
Q
0
(2)
Q
0
(2)
HL
H
↑↓
LL
L
L
HL
H
↑↓
HH
L
H
H
L
H
L or H
L or H
X
Q
0
(2)
Q
0
(2)
Q
0
(2)
HH
L
↑↓
LL
H
L
HH
L
↑↓
HH
H
H
H
H
L
L or H
L or H
X
Q
0
(2)
Q
0
(2)
Q
0
(2)
HHH
↑↓
LQ
0
(2)
HL
HHH
↑↓
HQ
0
(2)
HH
H
H
H
L or H
L or H
X
Q
0
(2)
Q
0
(2)
Q
0
(2)
L
XorFloating
XorFloating
XorFloating
XorFloating
XorFloating
L
L
L
NOTES:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
↑ = LOW to HIGH
↓ = HIGH to LOW
2. Output level before the indicated steady-state conditions were established.
MODE SELECT
C0
C1
Device Mode
0
0
1:125-bitto25-bit
0
1
1:2 14-bit to 28-bit, Front (Type A)
1
0
Reserved
1
1
1:2 14-bit to 28-bit, Back (Type B)
OUTPUT CONTROL (SSTU32864G)
ZOH
ZOL
Output Slew Rate
0
0
Standard
0
1
Highest
1
0
Low
1
1
High


Similar Part No. - IDT74SSTU32864A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74SSTU32864A RENESAS-IDT74SSTU32864A Datasheet
340Kb / 13P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
APRIL 2006
logo
Integrated Device Techn...
IDT74SSTU32864ABF IDT-IDT74SSTU32864ABF Datasheet
139Kb / 12P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
IDT74SSTU32864ABFG IDT-IDT74SSTU32864ABFG Datasheet
139Kb / 12P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
More results

Similar Description - IDT74SSTU32864A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74SSTU32864 IDT-IDT74SSTU32864 Datasheet
139Kb / 12P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
logo
Renesas Technology Corp
IDT74SSTU32864 RENESAS-IDT74SSTU32864 Datasheet
340Kb / 13P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
APRIL 2006
logo
Hitachi Semiconductor
HD74SSTV16857 HITACHI-HD74SSTV16857 Datasheet
138Kb / 15P
   1:1 14-bit SSTL-2 Registered Buffer
logo
Integrated Device Techn...
IDT74SSTVF16857 IDT-IDT74SSTVF16857 Datasheet
67Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16857 IDT-IDT74SSTVF16857_07 Datasheet
72Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTVF16857 RENESAS-IDT74SSTVF16857 Datasheet
246Kb / 7P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
JUNE 2003
logo
Integrated Device Techn...
IDT74SSTV16857 IDT-IDT74SSTV16857 Datasheet
54Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTV16857 RENESAS-IDT74SSTV16857 Datasheet
239Kb / 8P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
February 2009
logo
Integrated Device Techn...
IDT74SSTVF16859 IDT-IDT74SSTVF16859 Datasheet
78Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTV16859 IDT-IDT74SSTV16859 Datasheet
71Kb / 6P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com