Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

225P56391W Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 225P56391W
Description  Radial-lead. Pressed profile
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

225P56391W Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  225P56391W Datasheet HTML 1Page - Cornell Dubilier Electronics 225P56391W Datasheet HTML 2Page - Cornell Dubilier Electronics 225P56391W Datasheet HTML 3Page - Cornell Dubilier Electronics 225P56391W Datasheet HTML 4Page - Cornell Dubilier Electronics 225P56391W Datasheet HTML 5Page - Cornell Dubilier Electronics 225P56391W Datasheet HTML 6Page - Cornell Dubilier Electronics 225P56391W Datasheet HTML 7Page - Cornell Dubilier Electronics 225P56391W Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
General Specifications
The Type 225P Orange Drop® is designed and manufactured for operation in a wide range of demanding envi-
ronments and applications. Type 225P capacitors are wound from the most reliable polyester film and alum-
inum foil available and are protected by a rugged conformal coating of orange epoxy. They may be operated
up to +125°C with proper derating.
The combination of proven dependability and extensive availability through CDE distribution make
the 225P an ideal choice for many commercial and industrial electronic applications, from power supplies and
instrumentation to audio amplifiers and test equipment.
Operating Temperature Range:
The standard operating temperature range for
polyester film is -55°C to +85°C. The 225P
may be operated at full voltage within this
temperature range.
The 225P may be operated up to +105°C
provided the DC working voltage is reduced
to 70% of the +85°C rating (full rating), and
up to +125°C with a 50% reduction from the
+85°C rating (full rating).
For more specific details regarding operation
above +85°C please contact our design
engineering department.
The maximum operating temperature for the
225P polyester film capacitors is +125°C.
Dielectric Withstanding Voltage:
Units shall withstand a DC potential of 250%
of rated voltage applied between terminals for
not more than 5 seconds.
Lead Bend Test:
After 3 consecutive 180° bends. No damage.
Humidity Testing:
Units subjected to 95% relative humidity for 72
hours with no voltage applied at +75°C. After 4
hours of drying minimum product of insulation
resistance and capacitance shall be 5,000 M -µF.
DC Voltage Life Test:
500 hours at +85°C at 150% of rated voltage. After
test; capacitance shall not have changed by more
than ±5% of initial value, insulation resistance shall
not have decreased by more than 50% of initial value
and dissipation factor shall not have increased to
more than 1.0%. In addition, there should be no
open or short circuits, and no sign of visible damage.
Typical Temperature Characteristics:
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 225P, Orange Drop®, Polyester Film/Foil Capacitors


Similar Part No. - 225P56391W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
225P56391W ETC1-225P56391W Datasheet
240Kb / 7P
   Type 225P, Orange Drop짰, Polyester Film/Foil Capacitors
More results

Similar Description - 225P56391W

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226SAK250M ILLINOISCAPACITOR-226SAK250M Datasheet
107Kb / 1P
   Radial Lead Low Profile
226SAK400M ILLINOISCAPACITOR-226SAK400M Datasheet
107Kb / 1P
   Radial Lead Low Profile
336STF025M ILLINOISCAPACITOR-336STF025M Datasheet
132Kb / 1P
   Radial Lead Low Profile
336SAK200M ILLINOISCAPACITOR-336SAK200M Datasheet
132Kb / 1P
   Radial Lead Low Profile
337PUM6R3M ILLINOISCAPACITOR-337PUM6R3M Datasheet
132Kb / 1P
   Radial Lead Low Profile
108SAK6R3M ILLINOISCAPACITOR-108SAK6R3M Datasheet
110Kb / 1P
   Radial Lead Low Profile
228FXM025M ILLINOISCAPACITOR-228FXM025M Datasheet
108Kb / 1P
   Radial Lead Low Profile
338FXM025M ILLINOISCAPACITOR-338FXM025M Datasheet
133Kb / 1P
   Radial Lead Low Profile
338SAK010M ILLINOISCAPACITOR-338SAK010M Datasheet
133Kb / 1P
   Radial Lead Low Profile
478FXM025M ILLINOISCAPACITOR-478FXM025M Datasheet
133Kb / 1P
   Radial Lead Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com