Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

942C6W1K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 942C6W1K-F
Description  Very High dV/dt for Snubber Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

942C6W1K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  942C6W1K-F Datasheet HTML 1Page - Cornell Dubilier Electronics 942C6W1K-F Datasheet HTML 2Page - Cornell Dubilier Electronics 942C6W1K-F Datasheet HTML 3Page - Cornell Dubilier Electronics 942C6W1K-F Datasheet HTML 4Page - Cornell Dubilier Electronics 942C6W1K-F Datasheet HTML 5Page - Cornell Dubilier Electronics 942C6W1K-F Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Type 942C, Polypropylene Capacitors, for High Pulse, Snubber
Very High dV/dt for Snubber Applications
Type 942 round, axial film capacitors utilize a hybrid section design
of polypropylene film, metal foils and metallized polypropylene
dielectric to achieve both high peak current as well as superior
rms current ratings. This series is ideal for high pulse operation and
high peak current circuits.
Specifications
Capacitance Range
0.01 to 2.5 µF
Capacitance Tolerance
±10 % (K) Standard; ±5% (J) Optional
Rated Voltage
600 to 2000 Vdc (300 to 500 Vac, 60 Hz)
Operating Temperature Range
–55 ºC to 105 ºC*
*Full rated voltage at 85 ºC - derated linearly to 50% rated at 105 ºC
Maximum rms Current
Check tables for values
Insulation Resistance
> 100,000 MΩ x µF
Test Voltage between Terminals @ 25ºC
150% rated DC voltage for 60 s
Test Voltage between Terminals & Case @ 25 ºC
3 kVac @ 50/60 Hz for 60 s
Life Test
2,000 h @ 85 ºC, 125% rated DC voltage
Life Expectancy
60,000 h @ rated Vdc, 70 ºC
30,000 h @ rated Vac, 70 ºC
RoHS Compliant
Dimensions
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Highlights
- Very high dV/dt
- Very high pulse current
- Low inductance
- Self Healing
Construction Details
Case Material
UL510 Polyester Tape Wrap
Resin Material
UL94V-0 Epoxy Fill
Terminal Material
Tin Plated Copper
Construction Diagram
L
Max
41 mm
Min
41 mm
Min
d
D
Max


Similar Part No. - 942C6W1K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
942C6W1K-F ETC2-942C6W1K-F Datasheet
220Kb / 2P
   Very High dV/dt, Round Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
942C6W1K-F CDE-942C6W1K-F Datasheet
220Kb / 2P
   Type 942C Very High dV/dt, Round Polypropylene Film Capacitors
More results

Similar Description - 942C6W1K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
940C CDE-940C Datasheet
279Kb / 5P
   High dV/dt for Snubber Applications
SCD CDE-SCD Datasheet
104Kb / 4P
   High dV/dt Direct Mount IGBT Snubber
logo
List of Unclassifed Man...
943C6P15K-F ETC2-943C6P15K-F Datasheet
226Kb / 2P
   Very High dV/dt, Oval Polypropylene Film Capacitors
942C6P15K-F ETC2-942C6P15K-F Datasheet
220Kb / 2P
   Very High dV/dt, Round Polypropylene Film Capacitors
logo
Surge Components
C24 SURGE-C24 Datasheet
5Mb / 16P
   High dv/dt ability
C28 SURGE-C28 Datasheet
3Mb / 11P
   High dv/dt ability
logo
Cornell Dubilier Electr...
943C6P15K-F CDE-943C6P15K-F Datasheet
226Kb / 2P
   Type 943C Very High dV/dt, Oval Polypropylene Film Capacitors
logo
Vishay Siliconix
IL4216 VISHAY-IL4216 Datasheet
489Kb / 8P
   Optocoupler, Phototriac Output, High dV/dt, Very Low Input Current
Rev. 1.4, 09-Jan-08
logo
Cornell Dubilier Electr...
942C6P15K-F CDE-942C6P15K-F Datasheet
220Kb / 2P
   Type 942C Very High dV/dt, Round Polypropylene Film Capacitors
logo
Silikron Semiconductor ...
SSF7N60 SILIKRON-SSF7N60 Datasheet
439Kb / 6P
   Extremely high dv/dt capability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com